Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1666V Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX1666V
Description  Advanced Lithium-Ion Battery-Pack Protector
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1666V Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX1666V Datasheet HTML 6Page - Maxim Integrated Products MAX1666V Datasheet HTML 7Page - Maxim Integrated Products MAX1666V Datasheet HTML 8Page - Maxim Integrated Products MAX1666V Datasheet HTML 9Page - Maxim Integrated Products MAX1666V Datasheet HTML 10Page - Maxim Integrated Products MAX1666V Datasheet HTML 11Page - Maxim Integrated Products MAX1666V Datasheet HTML 12Page - Maxim Integrated Products MAX1666V Datasheet HTML 13Page - Maxim Integrated Products MAX1666V Datasheet HTML 14Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
Advanced Lithium-Ion
Battery-Pack Protector
10
______________________________________________________________________________________
Detailed Description
The MAX1666 battery-pack protectors supervise the
charging and discharging processes of Lithium-Ion
battery cells. Designed for 2, 3, and 4-cell applications,
these devices monitor the voltage across each cell to
provide protection against undervoltage, overvoltage,
and overcurrent damage.
Control pins CGO, TKO, and DSO allow control of
external MOSFET gates. This allows fast charging,
trickle charging, and discharging processes (see
Typical Operating Circuit). The voltage of each cell is
measured individually. Also, each cell is measured dif-
ferentially between every other cell of the pack.
The MAX1666 contains a state machine, a voltage reg-
ulator, an oscillator, and other logic functions to selec-
tively drive CGO, UVO, TKO, DSO, WRN, and PKF
(Figure 1).
Modes of Operation
Shutdown Mode
The MAX1666 goes into shutdown mode when a bat-
tery pack is first connected. The quiescent current is
less than 1µA. All circuitry is inactive except the com-
parator monitoring VSRC and the top-cell voltage. The
MAX1666 remains in shutdown mode as long as VSRC
is less than the top-cell voltage. When SRC is connect-
ed to an external charger and VSRC is 1V above the
top-cell voltage, the device goes into standby mode.
The MAX1666 returns to shutdown mode under two
conditions: the battery is disconnected and then re-
connected, or the device detects an undervoltage fault
and no charge source.
Normal Mode
The standby state activates the bias circuitry, overcur-
rent comparator, and timer. The standby state lasts
80ms, then the MAX1666 goes into the sample state for
2.5ms.
Within the 2.5ms, the MAX1666 checks for overvoltage,
undervoltage, and mismatch between cells sequential-
ly, and it stores the results in internal latches. The
MAX1666 drives the outputs according to the faults (if
any) detected by reading the latches (Figure 2) at the
end of the sample state. Then the MAX1666 returns to
the standby state.
Overvoltage Protection
The MAX1666 provides overvoltage protection to avoid
overcharging of any cell. When any cell is at overvolt-
age, CGO and TKO go high, turning off the external MOS-
FETs and stopping the charging process (
Typical
Operating Circuits). WRN goes low. Overvoltage is set
when any cell voltage exceeds the overvoltage thresh-
old.
Overvoltage threshold is linearly adjustable through an
external 1% resistor-divider (Figure 3) from REF.
Determine the overvoltage threshold (VOVT) required.
VOVT must be between 4V and 4.4V. Set RTOTAL = R1
+ R2 = 1M
Ω. Calculate R1 and R2 as follows:
R2 = [(VOVT - 4V) / (4.4V- 4V)] · RTOTAL
R1 = RTOTAL - R2
MODE
TIME
TYPICAL
QUIESCENT
CURRENT (µA)
CONDITION
80ms
24
Only bias circuitry, overcurrent comparator, and timer are active.
Normal
2.5ms
250
All circuitry active.
Shutdown
0.7
All circuitry inactive. Device enters shutdown when it detects an undervolt-
age fault and VSRC < VTOP-CELL + 1V (no charge source).
Table 1. Operating Modes
R1
R3
REF
OVA
R5
R2
R4
R6
UVA
MMA
GND
MAX1666
Figure 3. Using an External Resistor-Divider to Adjust
Overvoltage Threshold
STATE
Standby
Sample


Similar Part No. - MAX1666V

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1666V MAXIM-MAX1666V Datasheet
832Kb / 17P
   Advanced Lithium-Ion Battery-Pack Protector
Rev 2; 12/03
MAX1666VEEP MAXIM-MAX1666VEEP Datasheet
832Kb / 17P
   Advanced Lithium-Ion Battery-Pack Protector
Rev 2; 12/03
More results

Similar Description - MAX1666V

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1666A MAXIM-MAX1666A Datasheet
832Kb / 17P
   Advanced Lithium-Ion Battery-Pack Protector
Rev 2; 12/03
MAX1665S MAXIM-MAX1665S Datasheet
164Kb / 12P
   Lithium-Ion Battery Pack Protector
19-1605; Rev 0; 1/00
logo
Texas Instruments
UCC3911 TI-UCC3911 Datasheet
257Kb / 12P
[Old version datasheet]   Lithium-Ion Battery Protector
logo
National Semiconductor ...
LM3641 NSC-LM3641 Datasheet
304Kb / 16P
   Lithium-Ion Battery Pack Protection Circuit
January 1999
logo
Shenzhen Huazhimei Semi...
HM5410G HMSEMI-HM5410G Datasheet
625Kb / 13P
   1 lithium-ion rechargeable battery pack
logo
Richtek Technology Corp...
RT9501A RICHTEK-RT9501A_07 Datasheet
209Kb / 9P
   Advanced Lithium-Ion Linear Battery Charger
logo
Texas Instruments
BQ77904 TI1-BQ77904 Datasheet
1Mb / 45P
[Old version datasheet]   Open Wire Stackable Lithium-ion Battery Protector
logo
Samsung semiconductor
INR18650-29E SAMSUNG-INR18650-29E Datasheet
267Kb / 18P
   Lithium-ion Battery
1.1
logo
Pepperl+Fuchs Inc.
IQZ-HH27-BAT1 PF-IQZ-HH27-BAT1 Datasheet
497Kb / 1P
   Lithium ion battery
logo
Shenzhen Huazhimei Semi...
DW01A HMSEMI-DW01A Datasheet
1Mb / 7P
   Protection IC for One-Cell Lithium-Ion / Lithium-Polymer Battery Pack
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com