Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1679 Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX1679
Description  Single-Cell Li Battery Charger for Current-Limited Supply
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1679 Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX1679 Datasheet HTML 1Page - Maxim Integrated Products MAX1679 Datasheet HTML 2Page - Maxim Integrated Products MAX1679 Datasheet HTML 3Page - Maxim Integrated Products MAX1679 Datasheet HTML 4Page - Maxim Integrated Products MAX1679 Datasheet HTML 5Page - Maxim Integrated Products MAX1679 Datasheet HTML 6Page - Maxim Integrated Products MAX1679 Datasheet HTML 7Page - Maxim Integrated Products MAX1679 Datasheet HTML 8Page - Maxim Integrated Products MAX1679 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Single-Cell Li+ Battery Charger
for Current-Limited Supply
_______________________________________________________________________________________
5
0.9900
1.0000
0.9950
1.0100
1.0050
1.0150
1.0200
-40
20
40
-20
0
60
80
100
TIMER PERIOD vs.
AMBIENT TEMPERATURE
TEMPERATURE (°C)
NORMALIZED TO +25°C
Typical Operating Characteristics
(VIN = V CHG = +10V, VBATT = +4.2V, THERM = 10kΩ to GND, TA = +25°C, unless otherwise noted.)
4.0
4.8
4.4
4.6
4.2
5.2
5.0
5.8
5.6
5.4
6.0
515
10
20
25
PRECHARGE CURRENT
vs. INPUT VOLTAGE
VIN (V)
VBATT = 4.1V
VBATT = 2V
VBATT = 0V
0.9975
0.9985
0.9980
0.9995
0.9990
1.0010
1.0005
1.0000
1.0015
-40
0
-20
20
40
60
80
100
NORMALIZED BATT REGULATION VOLTAGE
vs. TEMPERATURE
TEMPERATURE (°C)
NORMALIZED TO +25°C
Pin Description
Battery Regulation Voltage Adjustment. Bypass to GND with a 1000pF capacitor. Connect a resistor from
ADJ to GND to reduce the nominal +4.200V regulation setpoint. See
Adjusting the Battery Regulation
Voltage.
ADJ
5
Ground. See
Layout Guidelines for information on system grounding. Connect the battery’s negative termi-
nal to GND.
GND
6
Thermistor Temperature-Sensor Input. Connect a thermistor from THERM to GND to prequalify the cell tem-
perature for fast-charge. Drive THERM high (> +1.4V) during Done or Fault states to reset the MAX1679 and
reinitiate the charging sequence. Replace the thermistor with a 10k
Ω resistor if temperature sensing is not
required.
THERM
7
Cell Voltage Monitor Input, Trickle-Charge Output, and MAX1679 Power Source. Connect BATT to the posi-
tive terminal of a single Li+ cell. Bypass BATT with a capacitor to ground (1.5µF per amp of charge current).
BATT
8
Maximum Total Charge-Time Selection. See Table 3 for timer options.
TSEL
4
Charge Status Indication. CHG is an open-drain, current-limited N-channel MOSFET suitable for directly dri-
ving an LED. Connect a pull-up resistor to BATT to generate a logic-level signal. See Table 2 for CHG out-
put states.
CHG
3
PIN
Gate Drive for External PMOS Pass Element. The PMOS device should have a VGS threshold of 2.5V or
less. See
Selecting External Components.
GATE
2
Input Voltage from Current-Limited Voltage Source (+22V max). Bypass to GND with a 0.1µF capacitor. The
cell charging current is set by the current limit of the external power supply.
IN
1
FUNCTION
NAME


Similar Part No. - MAX1679

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1672 MAXIM-MAX1672 Datasheet
143Kb / 12P
   Step-Up/Down DC-DC Converter in QSOP Package
Rev 0a; 11/97
MAX1672 MAXIM-MAX1672 Datasheet
280Kb / 11P
   Step-Up/Down DC-DC Converter in QSOP Package
2002
MAX1672C/D MAXIM-MAX1672C/D Datasheet
143Kb / 12P
   Step-Up/Down DC-DC Converter in QSOP Package
Rev 0a; 11/97
MAX1672C/D MAXIM-MAX1672C/D Datasheet
280Kb / 11P
   Step-Up/Down DC-DC Converter in QSOP Package
2002
MAX1672EEE MAXIM-MAX1672EEE Datasheet
143Kb / 12P
   Step-Up/Down DC-DC Converter in QSOP Package
Rev 0a; 11/97
More results

Similar Description - MAX1679

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1736 MAXIM-MAX1736 Datasheet
179Kb / 8P
   SOT23, Single-Cell Li Battery Charger for Current-Limited Supply
MAX1898 MAXIM-MAX1898 Datasheet
210Kb / 12P
   Linear Charger for Single-Cell Li Battery
Rev 0; 1/02
logo
NXP Semiconductors
NE57611 PHILIPS-NE57611 Datasheet
131Kb / 12P
   Single cell Li-ion battery charger
2003 Oct 15
logo
Richtek Technology Corp...
RT9468 RICHTEK-RT9468 Datasheet
521Kb / 57P
   Single Cell Li-Ion Switching Battery Charger
logo
Global Mixed-mode Techn...
G5808 GMT-G5808 Datasheet
67Kb / 1P
   Single Cell Li-Ion Battery Linear Charger
G5806 GMT-G5806 Datasheet
73Kb / 1P
   Single Cell Li-Ion Battery Linear Charger
logo
Richtek Technology Corp...
RT9526A RICHTEK-RT9526A_14 Datasheet
145Kb / 13P
   Linear Single Cell Li-Ion Battery Charger
logo
Global Mixed-mode Techn...
G5805 GMT-G5805 Datasheet
74Kb / 1P
   Single Cell Li-Ion Battery Linear Charger
logo
Texas Instruments
BQ21040 TI1-BQ21040 Datasheet
3Mb / 30P
[Old version datasheet]   Single Cell Li-Ion and Li-Pol Battery Charger
logo
Richtek Technology Corp...
RT9516 RICHTEK-RT9516 Datasheet
218Kb / 11P
   Linear Single Cell Li-lon Battery Charger with Single Input Supply for Portable Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com