Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1681ESA Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX1681ESA
Description  125mA, Frequency-Selectable, Switched-Capacitor Voltage Converters
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1681ESA Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX1681ESA Datasheet HTML 4Page - Maxim Integrated Products MAX1681ESA Datasheet HTML 5Page - Maxim Integrated Products MAX1681ESA Datasheet HTML 6Page - Maxim Integrated Products MAX1681ESA Datasheet HTML 7Page - Maxim Integrated Products MAX1681ESA Datasheet HTML 8Page - Maxim Integrated Products MAX1681ESA Datasheet HTML 9Page - Maxim Integrated Products MAX1681ESA Datasheet HTML 10Page - Maxim Integrated Products MAX1681ESA Datasheet HTML 11Page - Maxim Integrated Products MAX1681ESA Datasheet HTML 12Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
125mA, Frequency-Selectable,
Switched-Capacitor Voltage Converters
10
______________________________________________________________________________________
LV
OUT
CAP-
1
2
8
7
IN
SHDN
CAP+
GND
FSEL
SO
TOP VIEW
3
4
6
5
MAX1680
MAX1681
__________________Pin Configuration
___________________Chip Information
TRANSISTOR COUNT: 171
SUBSTRATE CONNECTED TO IN
OUTPUT
CURRENT
(mA)
PART NUMBER
MAX665
0.20/1.0
TYPICAL
QUIESCENT
CURRENT (mA)
MAX660
0.12/1.0
100
100
MAX860
0.20/0.60/1.40
50
SWITCHING
FREQUENCY
(kHz)
6.5
OUTPUT
RESISTANCE
(
Ω)
6.5
5/40
5/40
12
6/50/130
MAX1680
2.5/5.0
MAX861
0.30/1.10/2.50
125
50
MAX1681
10/20
125
3.5
12
125/250
13/100/250
3.5
500/1000
ICL7660
0.080
10
55
5
Table 5. Device Comparison


Similar Part No. - MAX1681ESA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16810 MAXIM-MAX16810 Datasheet
303Kb / 23P
   Integrated 16-Channel LED Drivers with Switch-Mode Boost and SEPIC Controller
Rev 0; 10/06
MAX16810ATU++ MAXIM-MAX16810ATU+ Datasheet
276Kb / 23P
   Integrated 16-Channel LED Drivers with Switch-Mode Boost and SEPIC Controller
Rev 1; 3/07
MAX16810ATU++ MAXIM-MAX16810ATU+ Datasheet
303Kb / 23P
   Integrated 16-Channel LED Drivers with Switch-Mode Boost and SEPIC Controller
Rev 0; 10/06
MAX16812 MAXIM-MAX16812 Datasheet
352Kb / 21P
   Integrated High-Voltage LED Driver with Analog and PWM Dimming Control
Rev 0; 7/07
MAX16812ATI++ MAXIM-MAX16812ATI+ Datasheet
352Kb / 21P
   Integrated High-Voltage LED Driver with Analog and PWM Dimming Control
Rev 0; 7/07
More results

Similar Description - MAX1681ESA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX861IUA-T MAXIM-MAX861IUA-T Datasheet
184Kb / 11P
   50mA, Frequency-Selectable, Switched-Capacitor Voltage Converters
Rev 3; 8/13
MAX860 MAXIM-MAX860 Datasheet
142Kb / 12P
   50mA, Frequency-Selectable, Switched-Capacitor Voltage Converters
Rev 1; 11/96
MAX860 MAXIM-MAX860_V01 Datasheet
174Kb / 11P
   50mA, Frequency-Selectable, Switched-Capacitor Voltage Converters
2013
logo
Microchip Technology
TCM828 MICROCHIP-TCM828_10 Datasheet
378Kb / 26P
   Switched Capacitor Voltage Converters
2010
TCM829ECT713 MICROCHIP-TCM829ECT713 Datasheet
378Kb / 26P
   Switched Capacitor Voltage Converters
07/15/10
TCM828ECT713 MICROCHIP-TCM828ECT713 Datasheet
71Kb / 9P
   Switched Capacitor Voltage Converters
5/22/00
logo
Maxim Integrated Produc...
MAX1044 MAXIM-MAX1044 Datasheet
116Kb / 12P
   Switched-Capacitor Voltage Converters
19-4667; Rev 1; 7/94
MAX1044 MAXIM-MAX1044_V01 Datasheet
1Mb / 14P
   Switched-Capacitor Voltage Converters
2019
logo
ON Semiconductor
MAX828 ONSEMI-MAX828 Datasheet
173Kb / 12P
   Switched Capacitor Voltage Converters
February, 2000 ??Rev. 0
logo
Microchip Technology
TCM828 MICROCHIP-TCM828 Datasheet
75Kb / 9P
   Switched Capacitor Voltage Converters
2001
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com