Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM1D0512SNZ Datasheet(PDF) 1 Page - AIMTEC

Part # AM1D0512SNZ
Description  1 Watt | DC-DC Converter
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIMTEC [AIMTEC]
Direct Link  https://aimtec.com
Logo AIMTEC - AIMTEC

AM1D0512SNZ Datasheet(HTML) 1 Page - AIMTEC

  AM1D0512SNZ Datasheet HTML 1Page - AIMTEC AM1D0512SNZ Datasheet HTML 2Page - AIMTEC AM1D0512SNZ Datasheet HTML 3Page - AIMTEC AM1D0512SNZ Datasheet HTML 4Page - AIMTEC AM1D0512SNZ Datasheet HTML 5Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Series AM1D-NZ
1 Watt | DC-DC Converter
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC
(926 6832)
F 051e R6.T
1 of 5
North America only
FEATURES:
 RoHS compliant
 7 pin SIP package
 Operating temperature -40oC to + 85oC
or -40oC to + 105oC on 6000V models
 High efficiency up to 82%
 Low profile plastic package
 1 sec short circuit protection or continuous
on 6000V models
 Pin compatible with multiple manufacturers
Models
Single output
Model
Input
Voltage (V)
Output
Voltage
(V)
Output
Current max
(Ma)
Input
Current
Max | No
Load (mA)
Isolation
(VDC)
Efficiency
(%)
AM1D-0505S-NZ
4.5-5.5
5
200
250 | 20
1000
72
AM1D-0512S-NZ
4.5-5.5
12
83
250 | 20
1000
77
*AM1D-0515S-NZ
4.5-5.5
15
70
248 | 20
1000
79
*AM1D-1205S-NZ
10.8-13.2
5
200
92 | 15
1000
73
AM1D-0505SH30-NZ
4.5-5.5
5
200
250 | 20
3000
70
AM1D-0509SH30-NZ
4.5-5.5
9
110
250 | 20
3000
75
*AM1D-0515SH30-NZ
4.5-5.5
15
70
248 | 20
3000
80
AM1D-1205SH30-NZ
10.8-13.2
5
200
92 | 15
3000
72
AM1D-2415SH30-NZ
21.6-26.4
15
70
52 | 7
3000
82
AM1D-0505SH60-NZ
4.5-5.5
5
200
256 | 30
6000
75
AM1D-0509SH60-NZ
4.5-5.5
9
110
253 | 30
6000
75
AM1D-0515SH60-NZ
4.5-5.5
15
70
253 | 30
6000
78
AM1D-1205SH60-NZ
10.8-13.2
5
200
104 | 20
6000
78
AM1D-1209SH60-NZ
10.8-13.2
9
110
104 | 20
6000
76
AM1D-1212SH60-NZ
10.8-13.2
12
83
104 | 20
6000
79
AM1D-1215SH60-NZ
10.8-13.2
15
70
104 | 20
6000
81
Models
Dual output
Model
Input
Voltage (V)
Output
Voltage
(V)
Output
Current
(mA)
Input
Current
Max | No
Load (mA)
Isolation
(VDC)
Efficiency
(%)
AM1D-0505D-NZ
4.5-5.5
±5
±100
250 | 20
1000
72
AM1D-0509D-NZ
4.5-5.5
±9
±55
250 | 20
1000
75
AM1D-0512D-NZ
4.5-5.5
±12
±42
250 | 20
1000
78
AM1D-0515D-NZ
4.5-5.5
±15
±35
248 | 20
1000
79
AM1D-1212D-NZ
10.8-13.2
±12
±42
92 | 15
1000
79
AM1D-2412D-NZ
21.6-26.4
±12
±42
51 | 7
1000
80
AM1D-0505DH30-NZ
4.5-5.5
±5
±100
250 | 20
3000
72
AM1D-0512DH30-NZ
4.5-5.5
±12
±42
250 | 20
3000
78
AM1D-1212DH30-NZ
10.8-13.2
±12
±42
92 | 15
3000
79
*AM1D-1215DH30-NZ
10.8-13.2
±15
±35
90 | 15
3000
80
AM1D-2405DH30-NZ
21.6-26.4
±5
±100
56 | 7
3000
74
AM1D-2415DH30-NZ
21.6-26.4
±15
±35
52 | 7
3000
81
AM1D-0505DH60-NZ
4.5-5.5
±5
±100
256 | 30
6000
75
AM1D-0509DH60-NZ
4.5-5.5
±9
±55
253 | 30
6000
75
AM1D-0512DH60-NZ
4.5-5.5
±12
±42
253 | 30
6000
78
AM1D-0515DH60-NZ
4.5-5.5
±15
±35
253 | 30
6000
78
Click on Series name for product info on aimtec.com


Similar Part No. - AM1D0512SNZ

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AM1D AIMTEC-AM1D Datasheet
268Kb / 3P
   1 watt dc-dc converters
AM1D-050303D AIMTEC-AM1D-050303D Datasheet
268Kb / 3P
   1 watt dc-dc converters
AM1D-0503D AIMTEC-AM1D-0503D Datasheet
268Kb / 3P
   1 watt dc-dc converters
AM1D-0503DZ AIMTEC-AM1D-0503DZ Datasheet
286Kb / 8P
   1 Watt | DC-DC Converter
AM1D-0503S AIMTEC-AM1D-0503S Datasheet
268Kb / 3P
   1 watt dc-dc converters
More results

Similar Description - AM1D0512SNZ

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AM1G-NZ AIMTEC-AM1G-NZ Datasheet
203Kb / 5P
   1 Watt | DC-DC Converter
AM1DR-N-Z AIMTEC-AM1DR-N-Z Datasheet
249Kb / 2P
   1 Watt | DC-DC Converter
AM1D-Z AIMTEC-AM1D-Z Datasheet
286Kb / 8P
   1 Watt | DC-DC Converter
AM1MR-Z AIMTEC-AM1MR-Z Datasheet
346Kb / 3P
   1 Watt | DC-DC Converter
AM1P-Z AIMTEC-AM1P-Z Datasheet
161Kb / 4P
   1 Watt | DC-DC Converter
AM1D-NZ AIMTEC-AM1D-NZ_13 Datasheet
345Kb / 4P
   1 Watt | DC-DC Converter
AM1DR-NZ AIMTEC-AM1DR-NZ_13 Datasheet
221Kb / 2P
   1 Watt | DC-DC Converter
AM1M-NZ AIMTEC-AM1M-NZ_13 Datasheet
214Kb / 3P
   1 Watt | DC-DC Converter
AM1DR-NZ AIMTEC-AM1DR-NZ Datasheet
104Kb / 2P
   1 Watt | DC-DC Converter
AM1LS-NZ AIMTEC-AM1LS-NZ Datasheet
277Kb / 2P
   1 Watt | DC-DC Converter
AM1SS-Z AIMTEC-AM1SS-Z_13 Datasheet
224Kb / 2P
   1 Watt | DC-DC Converter
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com