Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM1G2424SH30NZ Datasheet(PDF) 1 Page - AIMTEC

Part # AM1G2424SH30NZ
Description  1 Watt | DC-DC Converter
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIMTEC [AIMTEC]
Direct Link  https://aimtec.com
Logo AIMTEC - AIMTEC

AM1G2424SH30NZ Datasheet(HTML) 1 Page - AIMTEC

  AM1G2424SH30NZ Datasheet HTML 1Page - AIMTEC AM1G2424SH30NZ Datasheet HTML 2Page - AIMTEC AM1G2424SH30NZ Datasheet HTML 3Page - AIMTEC AM1G2424SH30NZ Datasheet HTML 4Page - AIMTEC AM1G2424SH30NZ Datasheet HTML 5Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Series AM1G-NZ
1 Watt | DC-DC Converter
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC
(924 6832)
F 051e R8
1 of 5
North America only
FEATURES:
Models
Single output
Model
Input
Voltage
(V)
Output
Voltage(V)
Output
Current max
(mA)
Isolation
(VDC)
Capacitor
Load
(μF)
Efficiency
(%)
AM1G-0503S-NZ
4.5-9
3.3
303
1500
2700
72
AM1G-0505S-NZ
4.5-9
5
200
1500
2200
72
AM1G-0512S-NZ
4.5-9
12
83
1500
1000
76
AM1G-0515S-NZ
4.5-9
15
67
1500
680
75
AM1G-0524S-NZ
4.5-9
24
42
1500
470
74
AM1G-1203S-NZ
9-18
3.3
303
1500
2700
75
AM1G-1205S-NZ
9-18
5
200
1500
2200
77
AM1G-1209S-NZ
9-18
9
111
1500
1800
79
AM1G-1212S-NZ
9-18
12
83
1500
1000
80
AM1G-1215S-NZ
9-18
15
67
1500
680
80
AM1G-2403S-NZ
18-36
3.3
303
1500
2700
75
AM1G-2405S-NZ
18-36
5
200
1500
2200
77
AM1G-2412S-NZ
18-36
12
83
1500
1000
81
AM1G-2415S-NZ
18-36
15
67
1500
680
79
AM1G-2424S-NZ
18-36
24
42
1500
470
77
AM1G-4803S-NZ
36-75
3.3
303
1500
2700
75
AM1G-4805S-NZ
36-75
5
200
1500
2200
76
AM1G-4812S-NZ
36-75
12
83
1500
1000
81
AM1G-4815S-NZ
36-75
15
67
1500
680
80
AM1G-0503SH30-NZ
4.5-9
3.3
303
3000
2700
72
AM1G-0505SH30-NZ
4.5-9
5
200
3000
2200
72
AM1G-0512SH30-NZ
4.5-9
12
83
3000
1000
76
AM1G-0515SH30-NZ
4.5-9
15
67
3000
680
75
AM1G-1203SH30-NZ
9-18
3.3
303
3000
2700
75
AM1G-1205SH30-NZ
9-18
5
200
3000
2200
77
AM1G-1209SH30-NZ
9-18
9
111
3000
1800
79
AM1G-1212SH30-NZ
9-18
12
83
3000
1000
80
AM1G-1215SH30-NZ
9-18
15
67
3000
680
80
AM1G-2403SH30-NZ
18-36
3.3
303
3000
2700
75
AM1G-2405SH30-NZ
18-36
5
200
3000
2200
77
AM1G-2412SH30-NZ
18-36
12
83
3000
1000
81
AM1G-2415SH30-NZ
18-36
15
67
3000
680
79
AM1G-2424SH30-NZ
18-36
24
42
3000
470
77
AM1G-4803SH30-NZ
36-75
3.3
303
3000
2700
75
AM1G-4805SH30-NZ
36-75
5
200
3000
2200
76
AM1G-4812SH30-NZ
36-75
12
83
3000
1000
81
AM1G-4815SH30-NZ
36-75
15
67
3000
680
80
 I/O Isolation of 1500 and 3000VDC
 Operating temperature -40 to +100oC
 Very low no load consumption
 Continuous Short circuit protection
 Remote On/Off Control
 Wide 2:1 input range
 8 pin SIP package
 High efficiency up to 81%
Click on Series name for product info on aimtec.com


Similar Part No. - AM1G2424SH30NZ

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AM1G-0503DH30Z AIMTEC-AM1G-0503DH30Z Datasheet
279Kb / 6P
   1 Watt | DC-DC Converter
AM1G-0503DZ AIMTEC-AM1G-0503DZ Datasheet
279Kb / 6P
   1 Watt | DC-DC Converter
AM1G-0503SH30Z AIMTEC-AM1G-0503SH30Z Datasheet
279Kb / 6P
   1 Watt | DC-DC Converter
AM1G-0503SZ AIMTEC-AM1G-0503SZ Datasheet
279Kb / 6P
   1 Watt | DC-DC Converter
AM1G-0505DH30Z AIMTEC-AM1G-0505DH30Z Datasheet
279Kb / 6P
   1 Watt | DC-DC Converter
More results

Similar Description - AM1G2424SH30NZ

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AM1DR-N-Z AIMTEC-AM1DR-N-Z Datasheet
249Kb / 2P
   1 Watt | DC-DC Converter
AM1D-Z AIMTEC-AM1D-Z Datasheet
286Kb / 8P
   1 Watt | DC-DC Converter
AM1MR-Z AIMTEC-AM1MR-Z Datasheet
346Kb / 3P
   1 Watt | DC-DC Converter
AM1P-Z AIMTEC-AM1P-Z Datasheet
161Kb / 4P
   1 Watt | DC-DC Converter
AM1D-NZ AIMTEC-AM1D-NZ_13 Datasheet
345Kb / 4P
   1 Watt | DC-DC Converter
AM1DR-NZ AIMTEC-AM1DR-NZ_13 Datasheet
221Kb / 2P
   1 Watt | DC-DC Converter
AM1M-NZ AIMTEC-AM1M-NZ_13 Datasheet
214Kb / 3P
   1 Watt | DC-DC Converter
AM1DR-NZ AIMTEC-AM1DR-NZ Datasheet
104Kb / 2P
   1 Watt | DC-DC Converter
AM1LS-NZ AIMTEC-AM1LS-NZ Datasheet
277Kb / 2P
   1 Watt | DC-DC Converter
AM1SS-Z AIMTEC-AM1SS-Z_13 Datasheet
224Kb / 2P
   1 Watt | DC-DC Converter
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com