Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM15EW-NZ Datasheet(PDF) 3 Page - AIMTEC

Part # AM15EW-NZ
Description  15 Watt | DC-DC Converter
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIMTEC [AIMTEC]
Direct Link  https://aimtec.com
Logo AIMTEC - AIMTEC

AM15EW-NZ Datasheet(HTML) 3 Page - AIMTEC

  AM15EW-NZ Datasheet HTML 1Page - AIMTEC AM15EW-NZ Datasheet HTML 2Page - AIMTEC AM15EW-NZ Datasheet HTML 3Page - AIMTEC AM15EW-NZ Datasheet HTML 4Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Series AM15EW-NZ
15 Watt | DC-DC Converter
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC
(924 6832)
F 051e R13
3 of 4
North America only
Trimming
Output voltage can be externally trimmed by utilizing the methods as shown below
Fixed Resistor
Variable Potentiometer
Leave open if not used.
AM15EW‐11003S‐NZ 
Trim down % 
4
5
6
7
9
10
Vout (VDC) 
3.267  
3.234  
3.201  
3.168 
3.135 
3.102 
3.069 
3.036  
3.003 
2.970 
Rt down (KΩ)  173.432 
98.098 
65.027 
46.445
34.541
26.263
20.174
15.507 
11.815
8.823
Trim up % 
4
5
6
7
9
10
Vout (VDC) 
3.333 
3.366 
3.399 
3.432
3.465
3.498
3.531
3.564 
3.597
3.63
Rt up (KΩ) 
399.723  110.716 
59.087 
37.519
25.677
18.193
13.034
9.264 
6.387
4.12
AM15EW‐11005S‐NZ 
Trim down % 
4
5
6
7
9
10
Vout (VDC) 
4.95 
4.9 
4.85 
4.8
4.75
4.7
4.65
4.6 
4.55
4.5
Rt down (KΩ) 
96.08 
49.349 
30.67 
20.616
14.333
10.034
6.909
4.533 
2.667
1.162
Trim up % 
4
5
6
7
9
10
Vout (VDC) 
5.05 
5.1 
5.15 
5.2
5.25
5.3
5.35
5.4 
5.45
5.5
Rt up (KΩ) 
205.698 
76.406 
44.023 
29.296
20.879
15.431
11.617
8.798 
6.63
4.91
AM15EW‐11012S‐NZ 
Trim down % 
4
5
6
7
9
10
Vout (VDC) 
11.88 
11.76 
11.64 
11.52
11.4
11.28
11.16
11.04 
10.92
10.8
Rt down (KΩ)  505.529  303.041  211.851  159.978 126.504 103.114
85.849
72.581 
62.066
53.527
Trim up % 
4
5
6
7
9
10
Vout (VDC) 
12.12 
12.24 
12.36 
12.48
12.6
12.72
12.84
12.96 
13.08
13.2
Rt up (KΩ) 
614.769  150.097 
78.994 
50.198
34.607
24.832
18.13
13.249 
9.536
6.616


Similar Part No. - AM15EW-NZ

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AM15EW-11005DIZ AIMTEC-AM15EW-11005DIZ Datasheet
541Kb / 4P
   15 Watt | DC-DC Converter
AM15EW-11005SIZ AIMTEC-AM15EW-11005SIZ Datasheet
541Kb / 4P
   15 Watt | DC-DC Converter
AM15EW-11005SIZ AIMTEC-AM15EW-11005SIZ Datasheet
254Kb / 5P
   15 Watt | DC-DC Converter
AM15EW-11012DIZ AIMTEC-AM15EW-11012DIZ Datasheet
541Kb / 4P
   15 Watt | DC-DC Converter
AM15EW-11012SIZ AIMTEC-AM15EW-11012SIZ Datasheet
541Kb / 4P
   15 Watt | DC-DC Converter
More results

Similar Description - AM15EW-NZ

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AM15E-I AIMTEC-AM15E-I Datasheet
245Kb / 3P
   15 Watt | DC-DC Converter
AM15EW-Z AIMTEC-AM15EW-Z_13 Datasheet
265Kb / 3P
   15 Watt | DC-DC Converter
AM15EW-Z AIMTEC-AM15EW-Z Datasheet
251Kb / 3P
   15 Watt | DC-DC Converter
AM20EW-NZ AIMTEC-AM20EW-NZ Datasheet
199Kb / 4P
   15 Watt | DC-DC Converter
AM15W-NZ AIMTEC-AM15W-NZ Datasheet
149Kb / 4P
   15 Watt | DC-DC Converter
AM15E-Z AIMTEC-AM15E-Z_13 Datasheet
424Kb / 4P
   15 Watt | DC-DC Converter
AM15EW-I AIMTEC-AM15EW-I Datasheet
123Kb / 2P
   15 Watt | DC-DC Converter
logo
Wall Industries,Inc.
YFW15 WALL-YFW15 Datasheet
130Kb / 3P
   15 Watt DC/DC Converter
DM WALL-DM Datasheet
162Kb / 3P
   15 Watt DC/DC Converter
logo
AIMTEC
AM15E-IZ AIMTEC-AM15E-IZ Datasheet
536Kb / 5P
   15 Watt | DC-DC Converter
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com