Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BYV410-600 Datasheet(PDF) 1 Page - NXP Semiconductors

Part # BYV410-600
Description  Dual enhanced ultrafast power diode
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BYV410-600 Datasheet(HTML) 1 Page - NXP Semiconductors

  BYV410-600_15 Datasheet HTML 1Page - NXP Semiconductors BYV410-600_15 Datasheet HTML 2Page - NXP Semiconductors BYV410-600_15 Datasheet HTML 3Page - NXP Semiconductors BYV410-600_15 Datasheet HTML 4Page - NXP Semiconductors BYV410-600_15 Datasheet HTML 5Page - NXP Semiconductors BYV410-600_15 Datasheet HTML 6Page - NXP Semiconductors BYV410-600_15 Datasheet HTML 7Page - NXP Semiconductors BYV410-600_15 Datasheet HTML 8Page - NXP Semiconductors BYV410-600_15 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
1.
Product profile
1.1 General description
Dual enhanced ultrafast power diode in a SOT78 (TO-220AB) plastic package.
1.2 Features and benefits
High thermal cycling performance
Low on state losses
Low thermal resistance
Soft recovery characteristic minimizes
power consuming oscillations
1.3 Applications
Dual mode (DCM and CCM) PFC
Power Factor Correction (PFC) for
Interleaved Topology
1.4 Quick reference data
BYV410-600
Dual enhanced ultrafast power diode
Rev. 2 — 5 August 2011
Product data sheet
Table 1.
Quick reference data
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VRRM
repetitive peak reverse
voltage
-
-
600
V
IO(AV)
average output current
square-wave pulse;
δ =0.5 ;
Tmb ≤ 92 °C; both diodes
conducting;
see Figure 1; see Figure 2
--
20
A
Static characteristics
VF
forward voltage
IF =10A; Tj =150 °C
-
1.3
1.9
V
IF =10A; Tj =25°C;
see Figure 4
-1.4
2.1
V
Dynamic characteristics
trr
reverse recovery time
IF =1A; VR =30V;
dIF/dt = 100 A/µs; Tj =25°C;
see Figure 5
-
2035ns
Qr
recovered charge
IF =1A; VR =30V;
dIF/dt = 100 A/µs
-
1528nC


Similar Part No. - BYV410-600_15

ManufacturerPart #DatasheetDescription
logo
WeEn Semiconductors
BYV410-600P WEEN-BYV410-600P Datasheet
415Kb / 10P
   Dual ultrafast power diode
BYV410-600PQ WEEN-BYV410-600PQ Datasheet
415Kb / 10P
   Dual ultrafast power diode
More results

Similar Description - BYV410-600_15

ManufacturerPart #DatasheetDescription
logo
WeEn Semiconductors
BYV410X-600 WEEN-BYV410X-600 Datasheet
1Mb / 11P
   Dual enhanced ultrafast power diode
BYV410-600 WEEN-BYV410-600 Datasheet
221Kb / 10P
   Dual enhanced ultrafast power diode
logo
NXP Semiconductors
BYV25F-600 PHILIPS-BYV25F-600_15 Datasheet
299Kb / 11P
   Enhanced ultrafast power diode
Rev. 02-7 March 2011
BYV29FX-600 PHILIPS-BYV29FX-600_15 Datasheet
259Kb / 11P
   Enhanced ultrafast power diode
Rev. 5-16 April 2012
logo
WeEn Semiconductors
BYV25F-600 WEEN-BYV25F-600 Datasheet
430Kb / 12P
   Enhanced ultrafast power diode
BYV29FB-600 WEEN-BYV29FB-600 Datasheet
278Kb / 11P
   Enhanced ultrafast power diode
logo
NXP Semiconductors
BYV29F-600 PHILIPS-BYV29F-600 Datasheet
223Kb / 11P
   Enhanced ultrafast power diode
Rev. 02-7 March 2011
BYV29F-600 PHILIPS-BYV29F-600_15 Datasheet
223Kb / 11P
   Enhanced ultrafast power diode
Rev. 02-7 March 2011
BYV29FB-600 PHILIPS-BYV29FB-600_15 Datasheet
226Kb / 12P
   Enhanced ultrafast power diode
Rev. 02-7 March 2011
logo
WeEn Semiconductors
BYV29FX-600 WEEN-BYV29FX-600 Datasheet
371Kb / 11P
   Enhanced ultrafast power diode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com