Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AUIPS2041 Datasheet(PDF) 2 Page - International Rectifier

Part # AUIPS2041
Description  INTELLIGENT POWER LOW SIDE SWITCH
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

AUIPS2041 Datasheet(HTML) 2 Page - International Rectifier

  AUIPS2041_15 Datasheet HTML 1Page - International Rectifier AUIPS2041_15 Datasheet HTML 2Page - International Rectifier AUIPS2041_15 Datasheet HTML 3Page - International Rectifier AUIPS2041_15 Datasheet HTML 4Page - International Rectifier AUIPS2041_15 Datasheet HTML 5Page - International Rectifier AUIPS2041_15 Datasheet HTML 6Page - International Rectifier AUIPS2041_15 Datasheet HTML 7Page - International Rectifier AUIPS2041_15 Datasheet HTML 8Page - International Rectifier AUIPS2041_15 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
AUIPS2041(L)(R)
www.irf.com
2
Qualification Information
Qualification Level
Automotive
(per AEC-Q100
††
)
Comments: This family of ICs has passed an Automotive qualification.
IR’s
Industrial and Consumer qualification level is granted by extension of the higher
Automotive level.
Moisture Sensitivity Level
DPAK-3L
MSL1, 260°C
(per IPC/JEDEC J-STD-020)
SOT223-3L
MSL2, 260°C
†††
(per IPC/JEDEC J-STD-020)
ESD
Machine Model
Class M4 (+/-450V)
(per AEC-Q100-003)
Human Body Model
Class H3A (+/4500V)
(per AEC-Q100-002)
Charged Device Model
Class C4 (+/-900V)
(per AEC-Q100-011)
IC Latch-Up Test
ClassII, Level A
(per AEC-Q100-004)
RoHS Compliant
Yes
Qualification standards can be found at International Rectifier’s web site http://www.irf.com/
††
Exceptions to AEC-Q100 requirements are noted in the qualification report.
††† Higher MSL ratings may be available for the specific package types listed here. Please contact your International
Rectifier sales representative for further information.


Similar Part No. - AUIPS2041_15

ManufacturerPart #DatasheetDescription
logo
International Rectifier
AUIPS2041L IRF-AUIPS2041L Datasheet
528Kb / 16P
   INTELLIGENT POWER LOW SIDE SWITCH Over temperature shutdown
logo
Infineon Technologies A...
AUIPS2041L INFINEON-AUIPS2041L Datasheet
528Kb / 16P
   INTELLIGENT POWER LOW SIDE SWITCH
May 9th, 2012 RevisionG
AUIPS2041LTR INFINEON-AUIPS2041LTR Datasheet
528Kb / 16P
   INTELLIGENT POWER LOW SIDE SWITCH
May 9th, 2012 RevisionG
logo
International Rectifier
AUIPS2041R IRF-AUIPS2041R Datasheet
528Kb / 16P
   INTELLIGENT POWER LOW SIDE SWITCH Over temperature shutdown
logo
Infineon Technologies A...
AUIPS2041R INFINEON-AUIPS2041R Datasheet
528Kb / 16P
   INTELLIGENT POWER LOW SIDE SWITCH
May 9th, 2012 RevisionG
More results

Similar Description - AUIPS2041_15

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IPS2041RLPBF IRF-IPS2041RLPBF Datasheet
1Mb / 13P
   INTELLIGENT POWER LOW SIDE SWITCH
IPS1031SPBF IRF-IPS1031SPBF Datasheet
796Kb / 14P
   INTELLIGENT POWER LOW SIDE SWITCH
IPS1021PBF IRF-IPS1021PBF Datasheet
799Kb / 14P
   INTELLIGENT POWER LOW SIDE SWITCH
IPS2041LTRPBF IRF-IPS2041LTRPBF Datasheet
1Mb / 13P
   INTELLIGENT POWER LOW SIDE SWITCH
AUIPS1031 IRF-AUIPS1031_15 Datasheet
641Kb / 17P
   INTELLIGENT POWER LOW SIDE SWITCH
IPS1011 IRF-IPS1011 Datasheet
196Kb / 13P
   INTELLIGENT POWER LOW SIDE SWITCH
AUIPS1021S IRF-AUIPS1021S Datasheet
641Kb / 17P
   INTELLIGENT POWER LOW SIDE SWITCH
AUIPS2031R IRF-AUIPS2031R Datasheet
246Kb / 14P
   INTELLIGENT POWER LOW SIDE SWITCH
logo
Infineon Technologies A...
AUIPS2051L INFINEON-AUIPS2051L Datasheet
773Kb / 16P
   INTELLIGENT POWER LOW SIDE SWITCH
May 9th, 2012 Revision F
logo
International Rectifier
IPS2041RPBF IRF-IPS2041RPBF Datasheet
1Mb / 12P
   INTELLIGENT POWER LOW SIDE SWITCH
logo
Infineon Technologies A...
AUIPS1025R INFINEON-AUIPS1025R Datasheet
449Kb / 15P
   INTELLIGENT POWER LOW SIDE SWITCH
Rev 1.1 2016-3-25
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com