Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AUIPS2051 Datasheet(PDF) 4 Page - International Rectifier

Part # AUIPS2051
Description  INTELLIGENT POWER LOW SIDE SWITCH
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

AUIPS2051 Datasheet(HTML) 4 Page - International Rectifier

  AUIPS2051_15 Datasheet HTML 1Page - International Rectifier AUIPS2051_15 Datasheet HTML 2Page - International Rectifier AUIPS2051_15 Datasheet HTML 3Page - International Rectifier AUIPS2051_15 Datasheet HTML 4Page - International Rectifier AUIPS2051_15 Datasheet HTML 5Page - International Rectifier AUIPS2051_15 Datasheet HTML 6Page - International Rectifier AUIPS2051_15 Datasheet HTML 7Page - International Rectifier AUIPS2051_15 Datasheet HTML 8Page - International Rectifier AUIPS2051_15 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
AUIPS2051L/AUIPS2052G
www.irf.com
4
Static Electrical Characteristics
Tj=-40..150°C, Vcc=28V (unless otherwise specified)
Symbol
Parameter
Min.
Typ.
Max.
Units
Test Conditions
Rds(on)
ON state resistance Tj=25°C
250
300
m
Vin=5V, Ids=1A
ON state resistance Tj=150°C(2)
440
520
Idss1
Drain to source leakage current
0.2
1
µA
Vcc=28V, Tj=25°C
Idss2
Drain to source leakage current
0.5
2
Vcc=50V, Tj=25°C
V clamp1
Drain to source clamp voltage 1
63
69
V
Id=20mA See fig. 3 & 4
V clamp2
Drain to source clamp voltage 2
70
75
Id=150mA
Vin clamp
IN to source pin clamp voltage
5.5
6.2
7.5
Iin=1mA
Vth
Input threshold voltage
1.1
2
2.7
Id=50mA
Iin, on
ON state IN positive current
15
40
80
µA
Vin=5V
Iin, off
OFF state IN positive current
( after protection latched )
150
250
350
Switching Electrical Characteristics
Vcc=28V, Resistive load=50
, Rinput=50, Vin=5V, Tj=25°C
Symbol
Parameter
Min.
Typ.
Max.
Units
Test Conditions
Tdon
Turn-on delay time to 20%
0.1
1
3
µs
See figure 2
Tr
Rise time 20% to 80%
0.1
0.3
2.5
Tdoff
Turn-off delay time to 80%
1
1.8
3.5
Tf
Fall time 80% to 20%
0.1
0.5
2.5
Eon + Eoff
Turn on and off energy
5
µJ
Protection Characteristics
Tj=-40..150°C, Vcc=28V (unless otherwise specified)
Symbol
Parameter
Min.
Typ.
Max.
Units
Test Conditions
Tsd
Over temperature threshold
150(2)
165
°C
See figure 1
Isd
Over current threshold
1.2
1.8
3
A
See figure 1
Vreset
IN protection reset threshold
1.1
1.6
2
V
Treset
Time to reset protection
15(2)
50
500
µs
Vin=0V, Tj=25°C
(2) Guaranteed by design


Similar Part No. - AUIPS2051_15

ManufacturerPart #DatasheetDescription
logo
International Rectifier
AUIPS2051L IRF-AUIPS2051L Datasheet
533Kb / 13P
   INTELLIGENT POWER LOW SIDE SWITCH
logo
Infineon Technologies A...
AUIPS2051L INFINEON-AUIPS2051L Datasheet
773Kb / 16P
   INTELLIGENT POWER LOW SIDE SWITCH
May 9th, 2012 Revision F
More results

Similar Description - AUIPS2051_15

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IPS2041RLPBF IRF-IPS2041RLPBF Datasheet
1Mb / 13P
   INTELLIGENT POWER LOW SIDE SWITCH
IPS1031SPBF IRF-IPS1031SPBF Datasheet
796Kb / 14P
   INTELLIGENT POWER LOW SIDE SWITCH
IPS1021PBF IRF-IPS1021PBF Datasheet
799Kb / 14P
   INTELLIGENT POWER LOW SIDE SWITCH
IPS2041LTRPBF IRF-IPS2041LTRPBF Datasheet
1Mb / 13P
   INTELLIGENT POWER LOW SIDE SWITCH
AUIPS1031 IRF-AUIPS1031_15 Datasheet
641Kb / 17P
   INTELLIGENT POWER LOW SIDE SWITCH
IPS1011 IRF-IPS1011 Datasheet
196Kb / 13P
   INTELLIGENT POWER LOW SIDE SWITCH
AUIPS1021S IRF-AUIPS1021S Datasheet
641Kb / 17P
   INTELLIGENT POWER LOW SIDE SWITCH
AUIPS2031R IRF-AUIPS2031R Datasheet
246Kb / 14P
   INTELLIGENT POWER LOW SIDE SWITCH
logo
Infineon Technologies A...
AUIPS2051L INFINEON-AUIPS2051L Datasheet
773Kb / 16P
   INTELLIGENT POWER LOW SIDE SWITCH
May 9th, 2012 Revision F
logo
International Rectifier
IPS2041RPBF IRF-IPS2041RPBF Datasheet
1Mb / 12P
   INTELLIGENT POWER LOW SIDE SWITCH
logo
Infineon Technologies A...
AUIPS1025R INFINEON-AUIPS1025R Datasheet
449Kb / 15P
   INTELLIGENT POWER LOW SIDE SWITCH
Rev 1.1 2016-3-25
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com