Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AUIPS2051 Datasheet(PDF) 1 Page - International Rectifier

Part # AUIPS2051
Description  INTELLIGENT POWER LOW SIDE SWITCH
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

AUIPS2051 Datasheet(HTML) 1 Page - International Rectifier

  AUIPS2051 Datasheet HTML 1Page - International Rectifier AUIPS2051 Datasheet HTML 2Page - International Rectifier AUIPS2051 Datasheet HTML 3Page - International Rectifier AUIPS2051 Datasheet HTML 4Page - International Rectifier AUIPS2051 Datasheet HTML 5Page - International Rectifier AUIPS2051 Datasheet HTML 6Page - International Rectifier AUIPS2051 Datasheet HTML 7Page - International Rectifier AUIPS2051 Datasheet HTML 8Page - International Rectifier AUIPS2051 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
May 9
th, 2012
Automotive grade
AUIPS2051L/AUIPS2052G
www.irf.com
1
INTELLIGENT POWER LOW SIDE SWITCH
Features
Over temperature shutdown
Over current shutdown
Active clamp
Low current & logic level input
ESD protection
Optimized Turn On/Off for EMI
Diagnostic on the input current
Applications
Solenoids and relays
24V truck loads
Description
The
AUIPS2051L/AUIPS2052G
is
a
three
terminal
Intelligent Power Switch (IPS) that features a low side
MOSFET
with
over-current,
over-temperature,
ESD
protection and drain to source active clamp. The
AUIPS2052 is a dual channel device while the AUIPS2051
is a single channel.This device offers protections and the
high reliability required in harsh environments. The switch
provides efficient protection by turning OFF the power
MOSFET when the temperature exceeds 165°C or when
the drain current reaches 1.8A. The device restarts once
the input is cycled. A serial resistance connected to the
input provides the diagnostic. The avalanche capability is
significantly enhanced by the active clamp and covers
most inductive load demagnetizations.
Product Summary
Rds(on)
300m (max.)
Vclamp
70V
Ishutdown
1.8A (typ.)
Packages
SOT223
SO-8
AUIPS2051L
AUIPS2052G
Typical Connection
S
Control
IN
Input R
D
Load
+Bat
Input Signal
V Diag
1
2
3


Similar Part No. - AUIPS2051

ManufacturerPart #DatasheetDescription
logo
International Rectifier
AUIPS2051L IRF-AUIPS2051L Datasheet
533Kb / 13P
   INTELLIGENT POWER LOW SIDE SWITCH
logo
Infineon Technologies A...
AUIPS2051L INFINEON-AUIPS2051L Datasheet
773Kb / 16P
   INTELLIGENT POWER LOW SIDE SWITCH
May 9th, 2012 Revision F
More results

Similar Description - AUIPS2051

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IPS2041RLPBF IRF-IPS2041RLPBF Datasheet
1Mb / 13P
   INTELLIGENT POWER LOW SIDE SWITCH
IPS1031SPBF IRF-IPS1031SPBF Datasheet
796Kb / 14P
   INTELLIGENT POWER LOW SIDE SWITCH
IPS1021PBF IRF-IPS1021PBF Datasheet
799Kb / 14P
   INTELLIGENT POWER LOW SIDE SWITCH
IPS2041LTRPBF IRF-IPS2041LTRPBF Datasheet
1Mb / 13P
   INTELLIGENT POWER LOW SIDE SWITCH
AUIPS1031 IRF-AUIPS1031_15 Datasheet
641Kb / 17P
   INTELLIGENT POWER LOW SIDE SWITCH
IPS1011 IRF-IPS1011 Datasheet
196Kb / 13P
   INTELLIGENT POWER LOW SIDE SWITCH
AUIPS1021S IRF-AUIPS1021S Datasheet
641Kb / 17P
   INTELLIGENT POWER LOW SIDE SWITCH
AUIPS2031R IRF-AUIPS2031R Datasheet
246Kb / 14P
   INTELLIGENT POWER LOW SIDE SWITCH
logo
Infineon Technologies A...
AUIPS2051L INFINEON-AUIPS2051L Datasheet
773Kb / 16P
   INTELLIGENT POWER LOW SIDE SWITCH
May 9th, 2012 Revision F
logo
International Rectifier
IPS2041RPBF IRF-IPS2041RPBF Datasheet
1Mb / 12P
   INTELLIGENT POWER LOW SIDE SWITCH
logo
Infineon Technologies A...
AUIPS1025R INFINEON-AUIPS1025R Datasheet
449Kb / 15P
   INTELLIGENT POWER LOW SIDE SWITCH
Rev 1.1 2016-3-25
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com