Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AUIPS7081 Datasheet(PDF) 5 Page - International Rectifier

Part # AUIPS7081
Description  INTELLIGENT POWER HIGH SIDE SWITCH
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

AUIPS7081 Datasheet(HTML) 5 Page - International Rectifier

  AUIPS7081 Datasheet HTML 1Page - International Rectifier AUIPS7081 Datasheet HTML 2Page - International Rectifier AUIPS7081 Datasheet HTML 3Page - International Rectifier AUIPS7081 Datasheet HTML 4Page - International Rectifier AUIPS7081 Datasheet HTML 5Page - International Rectifier AUIPS7081 Datasheet HTML 6Page - International Rectifier AUIPS7081 Datasheet HTML 7Page - International Rectifier AUIPS7081 Datasheet HTML 8Page - International Rectifier AUIPS7081 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
AUIPS7081(R)(S)
www.irf.com
5
Protection Characteristics
Tj=-40..150°C, Vcc=6..35V (unless otherwise specified), typical values are given for Vcc=14V and Tj=25°C
Symbol
Parameter
Min.
Typ.
Max.
Units
Test Conditions
Ilim
Internal current limit
2
5
13.5
A
Vout=0V, Tj=25°C
Tsd+
Over temperature high threshold
150
(1)
165
°C
See Fig. 2
Tsd-
Over temperature low threshold
158
Vsc
Short-circuit detection voltage
(2)
2
3
4
V
Vopen load
Open load detection threshold
2
3
4
(1) Guaranteed by design
(2) Reference to Vcc
Truth Table
Operating Conditions
IN
OUT
DG pin
Normal
H
H
H
Normal
L
L
L
Open Load
H
H
H
Open Load
(3)
L
H
H
Short circuit to Gnd
H
L (limiting)
L
Short circuit to Gnd
L
L
L
Over-temperature
H
L (cycling)
L
Over-temperature
L
L
L
(3) With a pull-up resistor connected between the output and Vcc.
Lead Assignments


Similar Part No. - AUIPS7081

ManufacturerPart #DatasheetDescription
logo
International Rectifier
AUIPS7081 IRF-AUIPS7081 Datasheet
1Mb / 19P
   INTELLIGENT POWER HIGH SIDE SWITCH
logo
Infineon Technologies A...
AUIPS7081 INFINEON-AUIPS7081 Datasheet
1Mb / 19P
   INTELLIGENT POWER HIGH SIDE SWITCH
July 17, 2014 revision E
More results

Similar Description - AUIPS7081

ManufacturerPart #DatasheetDescription
logo
International Rectifier
AUIPS6041G IRF-AUIPS6041G Datasheet
1Mb / 20P
   INTELLIGENT POWER HIGH SIDE SWITCH
AUIPS6011 IRF-AUIPS6011_15 Datasheet
1Mb / 17P
   INTELLIGENT POWER HIGH SIDE SWITCH
AUIPS6041 IRF-AUIPS6041_15 Datasheet
1Mb / 20P
   INTELLIGENT POWER HIGH SIDE SWITCH
IPS6011PBF IRF-IPS6011PBF Datasheet
655Kb / 13P
   INTELLIGENT POWER HIGH SIDE SWITCH
logo
Infineon Technologies A...
AUIPS7091 INFINEON-AUIPS7091 Datasheet
1Mb / 19P
   INTELLIGENT POWER HIGH SIDE SWITCH
March, 26th 2012 revision B
logo
International Rectifier
IPS6041PBF IRF-IPS6041PBF Datasheet
802Kb / 15P
   INTELLIGENT POWER HIGH SIDE SWITCH
IPS6041GTRPBF IRF-IPS6041GTRPBF Datasheet
888Kb / 16P
   INTELLIGENT POWER HIGH SIDE SWITCH
AUIPS7091 IRF-AUIPS7091_15 Datasheet
1Mb / 19P
   INTELLIGENT POWER HIGH SIDE SWITCH
IPS7081 IRF-IPS7081 Datasheet
704Kb / 14P
   INTELLIGENT POWER HIGH SIDE SWITCH
AUIPS7081 IRF-AUIPS7081 Datasheet
1Mb / 19P
   INTELLIGENT POWER HIGH SIDE SWITCH
logo
Infineon Technologies A...
AUIPS6031 INFINEON-AUIPS6031 Datasheet
1Mb / 17P
   INTELLIGENT POWER HIGH SIDE SWITCH
May 15, 2012 Revision C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com