Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HSMP-389D Datasheet(PDF) 5 Page - AVAGO TECHNOLOGIES LIMITED

Part # HSMP-389D
Description  PIN Diode Diversity Switch
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HSMP-389D Datasheet(HTML) 5 Page - AVAGO TECHNOLOGIES LIMITED

  HSMP-389D Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HSMP-389D Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HSMP-389D Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HSMP-389D Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HSMP-389D Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HSMP-389D Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HSMP-389D Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
5
Package Outline, SOT-143
Part Number Ordering Information
Part Number
No. of Devices
Container
HSMP-389D-BLK
100
Bulk, per Antistatic bag
HSMP-389D-TR1
3000
Tape & Reel, per 7” Reel
HSMP-389D-TR2
10000
Tape & Reel, per 13” Reel
e
B
e1
E1
C
E
XXX
L
D
A
A1
Notes:
XXX-package marking
Drawings are not to scale
DIMENSIONS (mm)
MIN.
0.79
0.013
0.36
0.76
0.086
2.80
1.20
0.89
1.78
0.45
2.10
0.45
MAX.
1.097
0.10
0.54
0.92
0.152
3.06
1.40
1.02
2.01
0.60
2.65
0.69
SYMBOL
A
A1
B
B1
C
D
E1
e
e1
e2
E
L
e2
Tape and Reeling conforms to Electronic Industries RS-481,
“Taping of Surface Mounted Components for Automated
Placement”.
For lead-free option, the part number will have the
character “G” at the end, eg. –TR2G for a 10K pc lead-free
reel.


Similar Part No. - HSMP-389D

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
HSMP-389D BOARDCOM-HSMP-389D Datasheet
502Kb / 7P
   PIN Diode Diversity Switch
More results

Similar Description - HSMP-389D

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HSMP-386D AVAGO-HSMP-386D Datasheet
549Kb / 7P
   PIN Diode Diversity Switch
logo
Broadcom Corporation.
HSMP-389D BOARDCOM-HSMP-389D Datasheet
502Kb / 7P
   PIN Diode Diversity Switch
HSMP-386D BOARDCOM-HSMP-386D Datasheet
503Kb / 7P
   PIN Diode Diversity Switch
logo
Infineon Technologies A...
BGS15MA12 INFINEON-BGS15MA12 Datasheet
743Kb / 21P
   SP5T Rx Diversity Switch
Revision 3.1 - 2016-05-11
logo
M/A-COM Technology Solu...
MASWSS0175 MA-COM-MASWSS0175_15 Datasheet
557Kb / 5P
   GaAs DPDT Diversity Switch
MASW-009460 MA-COM-MASW-009460_15 Datasheet
672Kb / 6P
   GaAs DPDT Diversity Switch
MASW-009460 MA-COM-MASW-009460 Datasheet
149Kb / 5P
   GaAs DPDT Diversity Switch
MASWSS0190 MA-COM-MASWSS0190_15 Datasheet
120Kb / 4P
   GaAs Broadband DPDT Diversity Switch
MASWSS0129 MA-COM-MASWSS0129_15 Datasheet
669Kb / 5P
   GaAs Broadband DPDT Diversity Switch
MASWSS0107 MA-COM-MASWSS0107 Datasheet
76Kb / 4P
   GaAs Broadband DPDT Diversity Switch
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com