Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HSMP-3834 Datasheet(PDF) 2 Page - AVAGO TECHNOLOGIES LIMITED

Part # HSMP-3834
Description  Surface Mount RF PIN Diodes
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HSMP-3834 Datasheet(HTML) 2 Page - AVAGO TECHNOLOGIES LIMITED

  HSMP-3834 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HSMP-3834 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HSMP-3834 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HSMP-3834 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HSMP-3834 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HSMP-3834 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HSMP-3834 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2
Absolute Maximum Ratings[1] TC = 25°C
Symbol
Parameter
Units
Absolute Maximum
If
ForwardCurrent(1msPulse)
Amp
1
Pt
TotalDeviceDissipation
mW[2]
250
Piv
PeakInverseVoltage
SameasVBR
Tj
JunctionTemperature
°C
150
TSTG
StorageTemperature
°C
-65to150
Notes:
1. Operationinexcessofanyoneoftheseconditionsmayresultinpermanentdamageto
thisdevice.
2. CWPowerDissipationatTLEAD=25°C.Deratetozeroatmaximumratedtemperature.
PIN General Purpose Diodes, Electrical Specifications TC = 25°C
Minimum
Maximum
Maximum
Part
Package
Breakdown
Series
Total
Number
Marking
Lead
Voltage
Resistance
Capacitance
HSMP-
Code
Code
Configuration
VBR (V)
RS (Ω)
CT (pF)
3830
K0
0
Single
200
1.5
0.3
3832
K2
2
Series
3833
K3
3
CommonAnode
3834
K4
4
CommonCathode
TestConditions
VR=VBR
IF=100mA
VR=50V
Measure
f=100MHz
f=1MHz
IR≤10mA
Typical Parameters at TC = 25°C
Part Number
Series Resistance
Carrier Lifetime
Reverse Recovery Time
Total Capacitance
HSMP-
RS (Ω)
τ (ns)
Trr (ns)
CT (pF)
383x
20
500
80
0.20@50V
TestConditions
IF=1mA
IF=50mA
VR=10V
f=100MHz
IR=250mA
IF=20mA
90%Recovery


Similar Part No. - HSMP-3834

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HSMP-3834 HP-HSMP-3834 Datasheet
99Kb / 12P
   Surface Mount PIN Diodes
logo
Broadcom Corporation.
HSMP-3834 BOARDCOM-HSMP-3834 Datasheet
272Kb / 7P
   Surface Mount RF PIN Diodes
logo
AVAGO TECHNOLOGIES LIMI...
HSMP-3834 AVAGO-HSMP-3834 Datasheet
272Kb / 7P
   Surface Mount RF PIN Diodes
logo
Agilent(Hewlett-Packard...
HSMP-3834-BLK HP-HSMP-3834-BLK Datasheet
99Kb / 12P
   Surface Mount PIN Diodes
logo
AVAGO TECHNOLOGIES LIMI...
HSMP-3834-BLKG AVAGO-HSMP-3834-BLKG Datasheet
272Kb / 7P
   Surface Mount RF PIN Diodes
More results

Similar Description - HSMP-3834

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HSMP-383X AVAGO-HSMP-383X Datasheet
272Kb / 7P
   Surface Mount RF PIN Diodes
logo
Broadcom Corporation.
HSMP-3832 BOARDCOM-HSMP-3832 Datasheet
272Kb / 7P
   Surface Mount RF PIN Diodes
HSMP-3834 BOARDCOM-HSMP-3834 Datasheet
272Kb / 7P
   Surface Mount RF PIN Diodes
HSMP-3833 BOARDCOM-HSMP-3833 Datasheet
272Kb / 7P
   Surface Mount RF PIN Diodes
HSMP-3830 BOARDCOM-HSMP-3830 Datasheet
272Kb / 7P
   Surface Mount RF PIN Diodes
logo
AVAGO TECHNOLOGIES LIMI...
HSMP-3830-BLKG AVAGO-HSMP-3830-BLKG Datasheet
272Kb / 7P
   Surface Mount RF PIN Diodes
logo
Broadcom Corporation.
HSMP-389C BOARDCOM-HSMP-389C Datasheet
1Mb / 13P
   Surface Mount RF PIN Switch Diodes
HSMP-3890 BOARDCOM-HSMP-3890 Datasheet
1Mb / 13P
   Surface Mount RF PIN Switch Diodes
HSMP-389B BOARDCOM-HSMP-389B Datasheet
1Mb / 13P
   Surface Mount RF PIN Switch Diodes
logo
Agilent(Hewlett-Packard...
HSMP-3890 HP-HSMP-3890 Datasheet
173Kb / 12P
   Surface Mount RF PIN Switch Diodes
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com