Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HSMS-270C Datasheet(PDF) 1 Page - AVAGO TECHNOLOGIES LIMITED

Part # HSMS-270C
Description  High Performance Schottky Diode
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HSMS-270C Datasheet(HTML) 1 Page - AVAGO TECHNOLOGIES LIMITED

  HSMS-270C Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HSMS-270C Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HSMS-270C Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HSMS-270C Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HSMS-270C Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HSMS-270C Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HSMS-270C Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HSMS-270C Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HSMS-270C Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
HSMS-2700, 2702, 270B, 270C, 270P
High Performance Schottky Diode
for Transient Suppression
Data Sheet
Features
• Ultra-low Series Resistance for Higher Current
Handling
• Picosecond Switching
• Low Capacitance
• Lead-free
Applications
RF and computer designs that require circuit protection,
high-speed switching, and voltage clamping.
Package Lead Code Identification (Top View)
Description
The HSMS-2700 series of Schottky diodes, commonly
referred to as clipping /clamping diodes, are optimal for
circuit and waveshape preservation applications with
high speed switching. Ultra-low series resistance, RS,
makes them ideal for protecting sensitive circuit elements
against higher current transients carried on data lines.
With picosecond switching, the HSMS-270x can respond
to noise spikes with rise times as fast as 1 ns. Low ca-
pacitance minimizes waveshape loss that causes signal
degradation.
HSMS-270x DC Electrical Specifications, TA = +25°C
[1]
Part
Number
HSMS-
Package
Marking
Code[2]
Lead
Code
Configuration
Package
Maximum
Forward
Voltage
VF (mV)
Minimum
Breakdown
Voltage
VBR (V)
Typical
Capacitance
CT (pF)
Typical
Series
Resistance
RS (Ω)
Maximum
Eff. Carrier
Lifetime
τ (ps)
-2700
J0
0
Single
SOT-23
550[3]
15[4]
6.7[5]
0.65
100[6]
-270B
B
SOT-323
(3-lead SC-70)
-2702
2
SOT-23
-270C
J2
C
Series
SOT-323
(3-lead SC-70)
-270P
JP
P
Bridge Quad
SOT-363
(6-lead SC-70)
Notes:
1.
TA = +25°C, where TA is defined to be the temperature at the package pins where contact is made to the circuit board.
2.
Package marking code is laser marked.
3.
IF = 100 mA; 100% tested
4.
IR = 100
μA; 100% tested
5.
VF = 0; f =1 MHz
6.
Measured with Karkauer method at 20 mA; guaranteed by design.
SERIES
2, C
SINGLE
0, B
12
12
1
2
3
65
4
33
BRIDGE QUAD


Similar Part No. - HSMS-270C

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HSMS-270C HP-HSMS-270C Datasheet
120Kb / 8P
   High Performance Schottky Diode for Transient Suppression
logo
AVAGO TECHNOLOGIES LIMI...
HSMS-270C AVAGO-HSMS-270C Datasheet
150Kb / 9P
   High Performance Schottky Diode for Transient Suppression
logo
Agilent(Hewlett-Packard...
HSMS-270C-BLK HP-HSMS-270C-BLK Datasheet
120Kb / 8P
   High Performance Schottky Diode for Transient Suppression
HSMS-270C-TR1 HP-HSMS-270C-TR1 Datasheet
120Kb / 8P
   High Performance Schottky Diode for Transient Suppression
HSMS-270C-TR2 HP-HSMS-270C-TR2 Datasheet
120Kb / 8P
   High Performance Schottky Diode for Transient Suppression
More results

Similar Description - HSMS-270C

ManufacturerPart #DatasheetDescription
logo
Kersemi Electronic Co.,...
MBR20T100CT KERSEMI-MBR20T100CT Datasheet
2Mb / 6P
   high performance Schottky diode
logo
IXYS Corporation
DSA20C150PB IXYS-DSA20C150PB Datasheet
102Kb / 2P
   High Performance Schottky Diode
logo
Kersemi Electronic Co.,...
MBR20T100CT KERSEMI-MBR20T100CT Datasheet
2Mb / 6P
   175 째C high performance Schottky diode
logo
AVAGO TECHNOLOGIES LIMI...
HSMS-2700 AVAGO-HSMS-2700 Datasheet
150Kb / 9P
   High Performance Schottky Diode for Transient Suppression
HBAT-5400 AVAGO-HBAT-5400 Datasheet
199Kb / 8P
   High Performance Schottky Diode for Transient Suppression
logo
Agilent(Hewlett-Packard...
HBAT-5400 HP-HBAT-5400 Datasheet
113Kb / 8P
   High Performance Schottky Diode for Transient Suppression
HSMS-2700 HP-HSMS-2700 Datasheet
120Kb / 8P
   High Performance Schottky Diode for Transient Suppression
logo
IXYS Corporation
DSA30I150PA IXYS-DSA30I150PA Datasheet
114Kb / 4P
   Schottky Diode Gen High Performance Schottky Diode Low Loss and Soft Recovery
DSA20C45PB IXYS-DSA20C45PB Datasheet
102Kb / 2P
   Schottky High Performance Schottky Diode Low Loss and Soft Recovery
logo
List of Unclassifed Man...
LD1003S ETC-LD1003S Datasheet
693Kb / 5P
   High Performance N-Channel POWERJFET with Schottky Diode
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com