Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1880 Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX1880
Description  Quad-Output TFT LCD DC-DC Converters with Buffer
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1880 Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX1880 Datasheet HTML 3Page - Maxim Integrated Products MAX1880 Datasheet HTML 4Page - Maxim Integrated Products MAX1880 Datasheet HTML 5Page - Maxim Integrated Products MAX1880 Datasheet HTML 6Page - Maxim Integrated Products MAX1880 Datasheet HTML 7Page - Maxim Integrated Products MAX1880 Datasheet HTML 8Page - Maxim Integrated Products MAX1880 Datasheet HTML 9Page - Maxim Integrated Products MAX1880 Datasheet HTML 10Page - Maxim Integrated Products MAX1880 Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 38 page
background image
Quad-Output TFT LCD DC-DC
Converters with Buffer
_______________________________________________________________________________________
7
ELECTRICAL CHARACTERISTICS (continued)
(VIN = +3.0V, SHDN = IN, VSUPP = VSUPN = VSUPB = VSUPL = 10V, LDOOUT = FBL, BUF- = BUFOUT, BUF+ = FLTSET = TGND =
PGND = GND, CREF = 0.22µF, CBUF = 1µF, TA = -40°C to +85°C, unless otherwise noted.) (Note 2)
PARAMETER
SYMBOL
CONDITIONS
MIN
MAX
UNITS
POSITIVE CHARGE PUMP (MAX1778/MAX1880/MAX1881/MAX1882 ONLY)
SUPP Input Supply Range
VSUPP
2.7
13
V
FBP Regulation Voltage
VFBP
1.2
1.3
V
FBP Input Bias Current
IFBP
VFBP = 1.5V
-50
+50
nA
DRVP PCH On-Resistance
RPCH(ON)
10
VFBP = 1.2V
4
DRVP NCH On-Resistance
RNCH(ON)
VFBP = 1.3V
20
k
FBP Power-Ready Trip Level
Rising edge
1.09
1.16
V
NEGATIVE CHARGE PUMP (MAX1778/MAX1880/MAX1881/MAX1882 ONLY)
SUPN Input Supply Range
VSUPN
2.7
13
V
FBN Regulation Voltage
VFBN
-50
+50
mV
FBN Input Bias Current
IFBN
VFBN = 0
-50
+50
nA
DRVN PCH On-Resistance
RPCH(ON)
10
VFBN = +50mV
4
DRVN NCH On-Resistance
RNCH(ON)
VFBN = -50mV
20
k
FBN Power-Ready Trip Level
Falling edge
80
165
mV
LOW DROPOUT LINEAR REGULATOR (MAX1778/MAX1881/MAX1883/MAX1884 ONLY)
SUPL Input Supply Range
VSUPL
4.5
15
V
SUPL Undervoltage Lockout
Rising edge, 50mV hysteresis (typ)
3.8
4.3
V
SUPL Quiescent Current
ISUPL
ILDO = 100µA
240
µA
Dropout Voltage (Note 1)
VDROP
LDO regulating to 9V, ILDO = 40mA
330
mV
FBL Regulation Voltage
VFBL
VSUPL = 10V, LDO regulating to 9V,
ILDO = 15mA
1.222
1.265
V
LDO Load Regulation
VSUPL = 10V, LDO regulating to 9V,
ILDO = 100µA to 40mA
1.2
%
LDO Line Regulation
VSUPL = 4.5V to 15V, FBL = LDOOUT,
ILDO = 15mA
0.02
%/V
FBL Input Bias Current
IFBL
VFBL = 1.25V
-1.2
+1.2
µA
LDO Current Limit
ILDOLIM
VSUPL = 10V, VLDOOUT = 9V, VFBL = 1.2V
40
260
mA
VCOM BUFFER
SUPB Input Supply Range
VSUPB
4.5
13
V
SUPB Quiescent Current
ISUPB
VSUPB = 13V
850
µA
BUFOUT Leakage Current
-10
+10
µA
Input Common-Mode Voltage
VCM
|VOS| < 10mV
1.2
8.8
V


Similar Part No. - MAX1880

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1880 MAXIM-MAX1880_12 Datasheet
824Kb / 39P
   Quad-Output TFT LCD DC-DC Converters with Buffer
Rev 2; 10/12
More results

Similar Description - MAX1880

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1778 MAXIM-MAX1778_12 Datasheet
824Kb / 39P
   Quad-Output TFT LCD DC-DC Converters with Buffer
Rev 2; 10/12
MAX1748-MAX8726 MAXIM-MAX1748-MAX8726 Datasheet
640Kb / 16P
   Triple-Output TFT-LCD DC-DC Converters
Rev 0; 10/04
logo
Eutech Microelectronics...
EUP2618 EUTECH-EUP2618 Datasheet
406Kb / 13P
   Triple Adjustable Output TFT-LCD DC-DC Converters
logo
Global Mixed-mode Techn...
G5561A GMT-G5561A Datasheet
152Kb / 2P
   Quad-Output TFT LCD Bias DC-DC Converter
logo
Maxim Integrated Produc...
MAX1516A MAXIM-MAX1516A Datasheet
1Mb / 29P
   TFT-LCD DC-DC Converters with Operational Amplifiers
Rev 1; 10/14
MAX1516 MAXIM-MAX1516 Datasheet
919Kb / 26P
   TFT-LCD DC-DC Converters with Operational Amplifiers
Rev 0; 4/04
logo
E-CMOS Corporation
EC9219 E-CMOS-EC9219 Datasheet
381Kb / 14P
   TFT- LCD DC-DC Converters with Operational Amplifiers
logo
Maxim Integrated Produc...
MAX1748 MAXIM-MAX1748 Datasheet
277Kb / 16P
   Triple-Output TFT LCD DC-DC Converter
19-1740; Rev 0; 6/00
logo
Intersil Corporation
EL7640 INTERSIL-EL7640 Datasheet
493Kb / 19P
   TFT-LCD DC/DC with Integrated Amplifiers
logo
Renesas Technology Corp
ISL97642 RENESAS-ISL97642 Datasheet
807Kb / 19P
   TFT-LCD DC/DC with Integrated Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com