Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1884 Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX1884
Description  Quad-Output TFT LCD DC-DC Converters with Buffer
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1884 Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX1884 Datasheet HTML 4Page - Maxim Integrated Products MAX1884 Datasheet HTML 5Page - Maxim Integrated Products MAX1884 Datasheet HTML 6Page - Maxim Integrated Products MAX1884 Datasheet HTML 7Page - Maxim Integrated Products MAX1884 Datasheet HTML 8Page - Maxim Integrated Products MAX1884 Datasheet HTML 9Page - Maxim Integrated Products MAX1884 Datasheet HTML 10Page - Maxim Integrated Products MAX1884 Datasheet HTML 11Page - Maxim Integrated Products MAX1884 Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 38 page
background image
Quad-Output TFT LCD DC-DC
Converters with Buffer
8
_______________________________________________________________________________________
ELECTRICAL CHARACTERISTICS (continued)
(VIN = +3.0V, SHDN = IN, VSUPP = VSUPN = VSUPB = VSUPL = 10V, LDOOUT = FBL, BUF- = BUFOUT, BUF+ = FLTSET = TGND =
PGND = GND, CREF = 0.22µF, CBUF = 1µF, TA = -40°C to +85°C, unless otherwise noted.) (Note 2)
PARAMETER
SYMBOL
CONDITIONS
MIN
MAX
UNITS
Input Bias Current
IBIAS
VCM = 5V
-500
+500
nA
Input Offset Current
IOS
VCM = 5V
-500
+500
nA
IBUFOUT = 0
4.988
5.012
IBUFOUT =
±5mA
4.97
5.03
Output Voltage
VBUFOUT
BUF+ = GND
IBUFOUT =
±45mA
4.93
5.07
V
IBUFOUT =
±5mA
-30
30
Input Offset Voltage
VOS
VSUPB = 4.5V to 13V
VCM = 1.2V to
(VSUPB - 1.2V)
IBUFOUT =
±45mA
-70
70
mV
Output Voltage Swing High
VOH
IBUFOUT = -45mA,
∆VOS = 1V
9
V
Output Voltage Swing Low
VOL
IBUFOUT = +45mA,
∆VOS = 1V
1
V
BUF+ Dual Mode
Threshold Voltage
Falling edge, 20mV hysteresis (typ)
80
170
mV
REFERENCE
Reference Voltage
VREF
-2µA < IREF < 50µA
1.223
1.269
V
Reference Undervoltage
Threshold
0.9
1.2
V
LOGIC SIGNALS
SHDN Input Low Voltage
0.9
V
SHDN Input High Voltage
2.1
V
SHDN Input Current
ISHDN
1µA
FLTSET Input Voltage Range
0.74 x VREF
0.85 x VREF
V
FLTSET Threshold Voltage
Rising edge, 25mV hysteresis (typ)
80
170
mV
FLTSET Input Current
VFLTSET = 1V
50
nA
RDY Output Low Voltage
ISINK = 2mA
0.5
V
RDY Output High Leakage
V RDY = 13V
1
µA
Note 1: Dropout Voltage is defined as the VSUPL - VLDOOUT, when VSUPL is 100mV below the set value of VLDOOUT.
Note 2: Specifications to -40°C are guaranteed by design, not production tested.


Similar Part No. - MAX1884

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1884 MAXIM-MAX1884_12 Datasheet
824Kb / 39P
   Quad-Output TFT LCD DC-DC Converters with Buffer
Rev 2; 10/12
More results

Similar Description - MAX1884

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1778 MAXIM-MAX1778_12 Datasheet
824Kb / 39P
   Quad-Output TFT LCD DC-DC Converters with Buffer
Rev 2; 10/12
MAX1748-MAX8726 MAXIM-MAX1748-MAX8726 Datasheet
640Kb / 16P
   Triple-Output TFT-LCD DC-DC Converters
Rev 0; 10/04
logo
Eutech Microelectronics...
EUP2618 EUTECH-EUP2618 Datasheet
406Kb / 13P
   Triple Adjustable Output TFT-LCD DC-DC Converters
logo
Global Mixed-mode Techn...
G5561A GMT-G5561A Datasheet
152Kb / 2P
   Quad-Output TFT LCD Bias DC-DC Converter
logo
Maxim Integrated Produc...
MAX1516A MAXIM-MAX1516A Datasheet
1Mb / 29P
   TFT-LCD DC-DC Converters with Operational Amplifiers
Rev 1; 10/14
MAX1516 MAXIM-MAX1516 Datasheet
919Kb / 26P
   TFT-LCD DC-DC Converters with Operational Amplifiers
Rev 0; 4/04
logo
E-CMOS Corporation
EC9219 E-CMOS-EC9219 Datasheet
381Kb / 14P
   TFT- LCD DC-DC Converters with Operational Amplifiers
logo
Maxim Integrated Produc...
MAX1748 MAXIM-MAX1748 Datasheet
277Kb / 16P
   Triple-Output TFT LCD DC-DC Converter
19-1740; Rev 0; 6/00
logo
Intersil Corporation
EL7640 INTERSIL-EL7640 Datasheet
493Kb / 19P
   TFT-LCD DC/DC with Integrated Amplifiers
logo
Renesas Technology Corp
ISL97642 RENESAS-ISL97642 Datasheet
807Kb / 19P
   TFT-LCD DC/DC with Integrated Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com