Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1811ESA Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX1811ESA
Description  USB-Powered Li Charger
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1811ESA Datasheet(HTML) 7 Page - Maxim Integrated Products

  MAX1811ESA Datasheet HTML 1Page - Maxim Integrated Products MAX1811ESA Datasheet HTML 2Page - Maxim Integrated Products MAX1811ESA Datasheet HTML 3Page - Maxim Integrated Products MAX1811ESA Datasheet HTML 4Page - Maxim Integrated Products MAX1811ESA Datasheet HTML 5Page - Maxim Integrated Products MAX1811ESA Datasheet HTML 6Page - Maxim Integrated Products MAX1811ESA Datasheet HTML 7Page - Maxim Integrated Products MAX1811ESA Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
USB-Powered Li+ Charger
_______________________________________________________________________________________
7
Charging from AC Adapters
The MAX1811 also operates from sources other than
USB ports. The full charging input voltage range is
4.35V to 6.5V. When charging in the 500mA mode with
an AC adapter, rely on the thermal loop to limit the
power dissipation by limiting the charge current at
higher input voltages if limited PC board area is avail-
able to dissipate heat.
Capacitor Selection
Use a minimum of 2.2µF placed close to BATT for prop-
er stability. Bypass IN to GND with a 4.7µF capacitor.
Use a larger input bypass capacitor for high input volt-
ages or high charging current to reduce supply noise.
Chip Information
TRANSISTOR COUNT: 1907
PROCESS: BiCMOS
4.375V
4.735V
0.015V
4.640V
0.110V
4.625V
0.125V
4.500V
*4.400V
0.000V
4.397V
0.003V
4.378V
0.002V
4.350V
0.025V
4.750V
0.000V
LOW-POWER
FUNCTION
BUS-POWERED
HUB
HOST OR
POWERED HUB
REFERENCED
TO HUB
REFERENCED
TO SOURCE
*UNDER TRANSIENT CONDITIONS, SUPPLY AT HUB CAN DROP FROM 4.00V TO 4.070V.
Figure 3. USB Voltage Specification
MAX1811
SELI
EN
SELV
IN
4.35V TO 6.5V
4.2V
4.1V
ON
OFF
100mA
500mA
BATT
GND
GND
CHG
TO IN
TO LOAD
SINGLE
Li+
CELL
CHG
LOGIC OUT
LED
10k
Figure 4. Charging from a USB Port


Similar Part No. - MAX1811ESA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1811ESA MAXIM-MAX1811ESA Datasheet
1Mb / 8P
   USB-Powered Li Charger
2019
More results

Similar Description - MAX1811ESA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1811 MAXIM-MAX1811_V01 Datasheet
1Mb / 8P
   USB-Powered Li Charger
2019
logo
Microsemi Corporation
LX2201 MICROSEMI-LX2201 Datasheet
172Kb / 11P
   USB Li-Ion Battery Charger
logo
Linear Technology
LTC4095 LINER-LTC4095_15 Datasheet
236Kb / 16P
   Standalone USB Li-Ion/Polymer Battery Charger
LTC4055-1 LINER-LTC4055-1_15 Datasheet
302Kb / 24P
   USB Power Controller and Li-Ion Charger
LTC4055 LINER-LTC4055_15 Datasheet
302Kb / 24P
   USB Power Controller and Li-Ion Charger
logo
ams AG
AS3610 AMSCO-AS3610 Datasheet
1Mb / 26P
   Swi tching Charger for Li -Ion/LiPo/LiFePO4 powered devices
logo
Linear Technology
LTC4055 LINER-LTC4055 Datasheet
283Kb / 24P
   USB Power Controller and Li-Ion Linear Charger
DC1142A-A LINER-DC1142A-A_15 Datasheet
164Kb / 1P
   LTC3557EUF USB PWR MGR with Li-Ion CHARGER
DC1142A-B LINER-DC1142A-B_15 Datasheet
164Kb / 1P
   LTC3557EUF USB PWR MGR with Li-Ion CHARGER
logo
Fairchild Semiconductor
FAN5400 FAIRCHILD-FAN5400 Datasheet
559Kb / 5P
   USB-Compliant Single-Cell Li-Ion Switching Charger
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com