Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1816 Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX1816
Description  Dual Step-Down Controllers Plus Linear- Regulator Controller for Notebook Computers
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1816 Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX1816 Datasheet HTML 1Page - Maxim Integrated Products MAX1816 Datasheet HTML 2Page - Maxim Integrated Products MAX1816 Datasheet HTML 3Page - Maxim Integrated Products MAX1816 Datasheet HTML 4Page - Maxim Integrated Products MAX1816 Datasheet HTML 5Page - Maxim Integrated Products MAX1816 Datasheet HTML 6Page - Maxim Integrated Products MAX1816 Datasheet HTML 7Page - Maxim Integrated Products MAX1816 Datasheet HTML 8Page - Maxim Integrated Products MAX1816 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 49 page
background image
Dual Step-Down Controllers Plus Linear-
Regulator Controller for Notebook Computers
_______________________________________________________________________________________
3
ELECTRICAL CHARACTERISTICS (continued)
(Circuit of Figure 1, V+ = 15V, VOUT1 = 1.20V, VOUT2 = 2.50V, VCC = VDD = 5.0V, VSKP1/SDN = VSKP2/SDN = VLIN/SDN = 5.0V,
TA = 0°C to +85°C. Typical values are at TA = +25
°C, unless otherwise noted.)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Current-Sense Differential Input
Range (CS1+, CS1-)
200
mV
Remote-Sense Differential Input
Range (CS1+, FBS)
300
mV
Remote-Sense Differential Input
Range (GDS, AGND)
200
mV
CS1+, FBS Input Bias Current
-300mV < VCS1+ - VFBS < +300mV
-60
+60
µA
CS1- Input Bias Current
-100mV < VCS1+ - VCS1- < +100mV, VCS1- = VFBS
-60
+60
µA
GDS Input Bias Current
-3
+3
µA
FB2 Input Bias Current
-0.2
+0.2
µA
OUT2 Input Resistance
70
k
252kHz nominal, RTIME = 143k
-8
+8
TIME Frequency Accuracy
53kHz nominal to 530kHz nominal,
RTIME = 680k
Ω to 68kΩ
-12
+12
%
V+ = 5V, CS1- = 1.2V
TON = GND (1000kHz)
230
260
290
TON = REF (550kHz)
165
190
215
TON = open (300kHz)
320
355
390
BUCK1 On-Time (Note 2)
V+ = 12V, CS1- = 1.2V
TON = VCC (200kHz)
465
515
565
ns
V+ = 5V, OUT2 = 2.5V
TON = GND (715kHz)
630
720
810
TON = REF (390kHz)
495
550
605
TON = open (390kHz)
495
550
605
BUCK2 On-Time (Note 2)
V+ = 12V, OUT2 = 2.5V
TON = VCC (260kHz)
740
825
910
ns
TON = open, TON = VCC (Note 2)
425
500
Minimum Off-Time
TON = GND, TON = REF (Note 2)
325
375
ns
Quiescent Supply Current (VCC)
Measured at VCC, with FBS, OUT2, FB2, and LINFB
forced above the no-load regulation point
2200
3800
µA
Partial Shutdown Supply Current
(Linear Regulator On Only)
VSKP1/SDN = 0V, VSKP2/SDN = 0V, VLIN/SDN = 5V;
measured at VCC, with FBS and LINFB forced above
the no-load regulation point
425
650
µA
Partial Shutdown Supply Current
(BUCK1 and Linear Regulator)
VSKP1/SDN = 5V, VSKP2/SDN = 0V, VLIN/SDN = 5V;
measured at VCC, with FBS and LINFB forced above
the no-load regulation point
1825
3000
µA
Partial Shutdown Supply Current
(BUCK2 Only)
VSKP1/SDN = 0V, VSKP2/SDN = 5V, VLIN/SDN = 0V;
measured at VCC, with OUT2 and FB2 forced above
the regulation point
600
1100
µA
Quiescent Supply Current (VDD)
Measured at VDD, with FBS, OUT2, and FB2 forced
above the no-load regulation point
<1
5
µA


Similar Part No. - MAX1816

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX18166EWE++ MAXIM-MAX18166EWE+ Datasheet
1Mb / 22P
   High-Efficiency, 4A, Step-Down DC-DC Regulators with Internal Power Switches
19-100202; Rev 0; 11/17
More results

Similar Description - MAX1816

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1715 MAXIM-MAX1715 Datasheet
308Kb / 28P
   Ultra-High Efficiency, Dual Step-Down Controller for Notebook Computers
19-1541; Rev 0; 1/00
MAX1714 MAXIM-MAX1714 Datasheet
443Kb / 24P
   High-Speed Step-Down Controller for Notebook Computers
19-1536; Rev 1; 12/99
logo
Linear Technology
LT3500 LINER-LT3500_15 Datasheet
328Kb / 28P
   Monolithic 2A Step-Down Regulator Plus Linear Regulator/Controller
LT3500 LINER-LT3500 Datasheet
286Kb / 28P
   Monolithic 2A Step-Down Regulator Plus Linear Regulator/Controller
LT1939 LINER-LT1939 Datasheet
347Kb / 24P
   Monolithic 2A Step-Down Regulator Plus Linear Regulator/Controller
LT1939EDD LINER-LT1939EDD Datasheet
354Kb / 24P
   Monolithic 2A Step-Down Regulator Plus Linear Regulator/Controller
LT1939 LINER-LT1939_15 Datasheet
354Kb / 24P
   Monolithic 2A Step-Down Regulator Plus Linear Regulator/Controller
logo
Maxim Integrated Produc...
MAX8764 MAXIM-MAX8764 Datasheet
597Kb / 23P
   High-Speed, Step-Down Controller with Accurate Current Limit for Notebook Computers
Rev 0; 3/05
MAX1844 MAXIM-MAX1844 Datasheet
864Kb / 24P
   High-Speed Step-Down Controller with Accurate Current Limit for Notebook Computers
Rev 3; 9/02
logo
Anpec Electronics Corop...
APW7060 ANPEC-APW7060 Datasheet
179Kb / 16P
   Dual Controllers - Step Down Synchronous PWM and Linear Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com