Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AUIR2085S Datasheet(PDF) 1 Page - International Rectifier

Part # AUIR2085S
Description  HIGH SPEED, 100V, SELF OSCILLATING
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

AUIR2085S Datasheet(HTML) 1 Page - International Rectifier

  AUIR2085S Datasheet HTML 1Page - International Rectifier AUIR2085S Datasheet HTML 2Page - International Rectifier AUIR2085S Datasheet HTML 3Page - International Rectifier AUIR2085S Datasheet HTML 4Page - International Rectifier AUIR2085S Datasheet HTML 5Page - International Rectifier AUIR2085S Datasheet HTML 6Page - International Rectifier AUIR2085S Datasheet HTML 7Page - International Rectifier AUIR2085S Datasheet HTML 8Page - International Rectifier AUIR2085S Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
* Qualification standards can be found on IR’s web site www.irf.com
© 2014 International Rectifier
Sept 26, 2014
Automotive Grade
AUIR2085S
HIGH SPEED, 100V, SELF OSCILLATING 50%
DUTY CYCLE, HALF-BRIDGE DRIVER
Features
Simple primary side control solution to enable half-
bridge DC-Bus Converters for 48V distributed systems
with reduced component count and board space
Integrated 50% duty cycle oscillator & half-bridge driver
IC in a single SO-8 package
Programmable switching frequency with up to 500kHz
max per channel
+/- 1A drive current capability optimized for low charge
MOSFETs
Adjustable dead-time 50ns – 200ns
Floating channel designed for bootstrap operation up to
+100Vdc
High and low side pulse width matching to +/- 25ns
Adjustable overcurrent protection
Undervoltage lockout and internal soft start
Leadfree, RoHS compliant
Automotive qualified*
Typical Applications
DC-DC Converters
HEV Auxiliary Converter
Battery Management Converters
Product Summary
Topology
Half-Bridge
VOFFSET
≤ 100 V
Io+ & I o- (typical)
1.0A & 1.0A
fOSC (max)
500kHz
Deadtime
50ns – 200ns
HO/LO Pulse Matching
+/- 25ns
Package Options
8 - Lead SOIC
AUIR2085S
Typical Connection Diagram
VBIAS ( 10 V– 15V)
VCC
DBOOT
CBOOT
CBIAS
RT
CT
OSC
CS
HO
VS
LO
VB
VIN (100 V max)
S1
S2
L
C
RVO
+
COM


Similar Part No. - AUIR2085S

ManufacturerPart #DatasheetDescription
logo
International Rectifier
AUIR2085S IRF-AUIR2085S Datasheet
346Kb / 15P
   HIGH SPEED, 100V, SELF OSCILLATING 50% DUTY CYCLE, HALF-BRIDGE DRIVER
logo
Infineon Technologies A...
AUIR2085S INFINEON-AUIR2085S Datasheet
9Mb / 27P
   EiceDRIVER™ enhanced 1EDI302xAS/1EDI303xAS evaluation board
Rev. 1.0 2020-12-18
logo
International Rectifier
AUIR2085STR IRF-AUIR2085STR Datasheet
346Kb / 15P
   HIGH SPEED, 100V, SELF OSCILLATING 50% DUTY CYCLE, HALF-BRIDGE DRIVER
More results

Similar Description - AUIR2085S

ManufacturerPart #DatasheetDescription
logo
International Rectifier
AUIR2085S IRF-AUIR2085S Datasheet
346Kb / 15P
   HIGH SPEED, 100V, SELF OSCILLATING 50% DUTY CYCLE, HALF-BRIDGE DRIVER
IR2085STR IRF-IR2085STR Datasheet
200Kb / 8P
   HIGH SPEED, 100V, SELF OSCILLATING 50% DUTY CYCLE, HALF-BRIDGE DRIVER
IR2086S IRF-IR2086S Datasheet
152Kb / 8P
   HIGH SPEED, 100V, SELF OSCILLATING 50% DUTY CYCLE, FULL-BRIDGE DRIVER
IR2085S IRF-IR2085S Datasheet
213Kb / 9P
   HIGH SPEED, 100V, SELF OSCILLATING 50% DUTY CYCLE, HALF-BRIDGE DRIVER
IR2086STRPBF IRF-IR2086STRPBF Datasheet
172Kb / 9P
   HIGH SPEED, 100V, SELF OSCILLATING 50% DUTY CYCLE, FULL-BRIDGE DRIVER
IR51HD320 IRF-IR51HD320 Datasheet
183Kb / 6P
   SELF-OSCILLATING HALF-BRIDGE
IR51HD737 IRF-IR51HD737 Datasheet
193Kb / 6P
   SELF-OSCILLATING HALF-BRIDGE
IR51HD310 IRF-IR51HD310 Datasheet
183Kb / 6P
   SELF-OSCILLATING HALF-BRIDGE
IR51HD420 IRF-IR51HD420 Datasheet
183Kb / 6P
   SELF-OSCILLATING HALF-BRIDGE
IR51H320 IRF-IR51H320 Datasheet
181Kb / 6P
   SELF-OSCILLATING HALF-BRIDGE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com