Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1818 Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX1818
Description  500mA Low-Dropout Linear Regulator in SOT23
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1818 Datasheet(HTML) 6 Page - Maxim Integrated Products

  MAX1818 Datasheet HTML 1Page - Maxim Integrated Products MAX1818 Datasheet HTML 2Page - Maxim Integrated Products MAX1818 Datasheet HTML 3Page - Maxim Integrated Products MAX1818 Datasheet HTML 4Page - Maxim Integrated Products MAX1818 Datasheet HTML 5Page - Maxim Integrated Products MAX1818 Datasheet HTML 6Page - Maxim Integrated Products MAX1818 Datasheet HTML 7Page - Maxim Integrated Products MAX1818 Datasheet HTML 8Page - Maxim Integrated Products MAX1818 Datasheet HTML 9Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
500mA Low-Dropout
Linear Regulator in SOT23
6
_______________________________________________________________________________________
Additional blocks include an output current limiter, ther-
mal sensor, and shutdown logic.
Internal P-Channel Pass Transistor
The MAX1818 features a 0.25
Ω P-channel MOSFET
pass transistor. Unlike similar designs using PNP pass
transistors, P-channel MOSFETs require no base drive,
which reduces quiescent current. PNP-based regula-
tors also waste considerable current in dropout when
the pass transistor saturates, and use high base-drive
currents under large loads. The MAX1818 does not suf-
fer from these problems and consumes only 125µA of
quiescent current under heavy loads as well as in
dropout.
Output Voltage Selection
The MAX1818’s Dual Mode operation allows operation
in either a preset voltage mode or an adjustable mode.
Connect SET to GND to select the preset output volt-
age. The two-digit part number suffix identifies the out-
put voltage (see Selector Guide). For example, the
MAX1818EUT33 has a preset 3.3V output voltage.
The output voltage may also be adjusted by connecting
a voltage-divider from OUT to SET to GND (Figure 2).
Select R2 in the 25k
Ω to 100kΩ range. Calculate R1
with the following equation:
R1 = R2 [(VOUT / VSET) – 1]
where VSET = 1.25V, and VOUT may range from 1.25V
to 5.0V.
Shutdown
Pull SHDN low to enter shutdown. During shutdown, the
output is disconnected from the input and supply cur-
rent drops to 0.1µA. When in shutdown, POK pulls low
and OUT is high impedance. The capacitance and load
at OUT determine the rate at which VOUT decays.
SHDN can be pulled as high as 6V, regardless of the
input and output voltage.
100mV
SHDN
IN
POK
ON
OFF
CIN
1
µF
VIN = 2.5V TO 5.5V
OUT
VOUT = 1.25V TO 5.0V
COUT
3.3
µF
THERMAL
SENSOR
SET
MOSFET
DRIVER WITH
I LIM
SHUTDOWN
LOGIC
VREF
1.25V
ERROR
AMPLIFIER
GND
R1
R2
RPOK
100k
LOGIC SUPPLY
VOLTAGE (VOUT)
93% VREF
TO
µC
5k
MAX1818
Figure 1. Functional Diagram


Similar Part No. - MAX1818

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1818EUAT MAXIM-MAX1818EUAT Datasheet
96Kb / 8P
   PLASTIC ENCAPSULATED DEVICES
Rev. A November 12, 2002
More results

Similar Description - MAX1818

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1792 MAXIM-MAX1792 Datasheet
414Kb / 10P
   500mA Low-Dropout Linear Regulator in uMAX
Rev 0; 9/00
MAX1792 MAXIM-MAX1792_11 Datasheet
472Kb / 10P
   500mA Low-Dropout Linear Regulator in uMAX
Rev 2; 11/11
MAX1819 MAXIM-MAX1819 Datasheet
639Kb / 9P
   500mA Low-Dropout Linear Regulator in UCSP
19-2072; Rev 0; 1/02
logo
Analog Intergrations Co...
AIC1735 AIC-AIC1735_15 Datasheet
291Kb / 12P
   500mA Low Dropout Linear Regulator
AIC1723A AIC-AIC1723A Datasheet
454Kb / 9P
   500mA Low Dropout Linear Regulator
logo
Silicon Standard Corp.
SS6735G SSC-SS6735G Datasheet
703Kb / 9P
   500mA Low Dropout Linear Regulator
logo
Anpec Electronics Corop...
APL1088 ANPEC-APL1088 Datasheet
86Kb / 10P
   500mA Low Dropout Linear Regulator
logo
Power IC Ltd.
PL0501 PICSEMI-PL0501 Datasheet
267Kb / 10P
   500mA Low-Dropout Linear Regulator
logo
Analog Intergrations Co...
AIC1735 AIC-AIC1735 Datasheet
107Kb / 7P
   500mA Low Dropout Linear Regulator
AIC1723 AIC-AIC1723 Datasheet
225Kb / 8P
   500mA Low Dropout Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com