Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PPM-1000 Datasheet(PDF) 1 Page - Level One

Part # PPM-1000
Description  PoE Power Measurement
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LVL1 [Level One]
Direct Link  http://www.level1.com/
Logo LVL1 - Level One

PPM-1000 Datasheet(HTML) 1 Page - Level One

  PPM-1000 Datasheet HTML 1Page - Level One PPM-1000 Datasheet HTML 2Page - Level One  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image

PoE Power
Measurement
PPM-1000
PPM-1000 is a convenient and compact sized test and
measurement device for PoE network installations. It
verifies whether there is sufficient power to ensure
your PoE device can function correctly, and helps
avoid costly downtime or damage to equipment.
This is particularly important when using non-PoE
standard Power Sourcing Equipments (PSE) such as
some High Power injectors.
The uncertainty in the power available is due to a
range of variable factors such as the length of the
cable, the pin location in the RJ-45 connector and
the quality of the network cable can all affect the real
power available.
Testing is simply done by connecting the network
wires to the PPM-1000 before clamping the RJ45
connector. The LED display and indicators will
instantly reveal results. Powered by a replaceable and
rechargeable battery, PPM-1000 is a portable device
that brings enhanced convenience to the installer, and
helps eliminates problems in the future.
Key Features
- Ensure your PoE device works correctly
- Measure available power (watt) and voltage in a PoE
line
- Portable and compact size
- LED display and indicators to reveal the power status
- Built-in temperature sensor
- Replaceable external battery pack for true portability
- Detachable neck strap
- Build-in temperature sensor and LED indicator to
inform user overheat condition if high power load
test is applied
Related Products
1
H/W Version: 1
POI-4000
High Power Injector
POC-4000
8-Bay High Power PoE Chassis
2
4
3
9 10
11
5 6
7
8
1. External Battery Pack
2. USB Power Port
3. Battery Power Switch
4. USB Port (Charge Battery)
5. Display/Set(+) Button
6. Console Port(for upgrade)
7. Network UTP Port
8. Start/Set(-) Button
9. LED Indicators
10. LED Digits Display
11. Power Probing Terminal


Similar Part No. - PPM-1000

ManufacturerPart #DatasheetDescription
logo
CUI INC
PPM-2-3511-B CUI-PPM-2-3511-B Datasheet
179Kb / 2P
   DC POWER PLUG
PPM-2-3511-BG CUI-PPM-2-3511-BG Datasheet
189Kb / 2P
   DC POWER PLUG
PPM-2-3511-SG CUI-PPM-2-3511-SG Datasheet
197Kb / 2P
   DC POWER PLUG
PPM-2-35135-B CUI-PPM-2-35135-B Datasheet
175Kb / 2P
   DC POWER PLUG
PPM-2-35135-BG CUI-PPM-2-35135-BG Datasheet
178Kb / 2P
   DC POWER PLUG
More results

Similar Description - PPM-1000

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
DSOX6PWR KEYSIGHT-DSOX6PWR Datasheet
4Mb / 12P
   Power Measurement Options
DSOX3PWR KEYSIGHT-DSOX3PWR Datasheet
4Mb / 12P
   Power Measurement Options
logo
Texas Instruments
LM25056 TI1-LM25056_16 Datasheet
934Kb / 39P
[Old version datasheet]   System Power Measurement IC
logo
ASM GmbH
9625 ASM-SENSOR-9625 Datasheet
1Mb / 4P
   POWER MEASUREMENT SUPPORT SOFTWARE
logo
Pulse A Technitrol Comp...
H2019NL PULSE-H2019NL Datasheet
1Mb / 5P
   Power OVER Ethernet (PoE) Magnetics and (PoE) Magnetics
H2019NLT PULSE-H2019NLT Datasheet
1Mb / 5P
   Power OVER Ethernet (PoE) Magnetics and (PoE) Magnetics
logo
Texas Instruments
LM25056A TI1-LM25056A_16 Datasheet
934Kb / 39P
[Old version datasheet]   System Power Measurement IC
logo
Level One
FCS-1101 LVL1-FCS-1101 Datasheet
191Kb / 3P
   PoE(Power over Ethernet)
logo
GUANGDONG MISUN TECHNOL...
PW01319ST FPE-PW01319ST Datasheet
511Kb / 1P
   PoE SERIES POWER TRANSFORMER
REV A
logo
Bourns Electronic Solut...
CDNBS08-PLC03-3.3 BOURNS-CDNBS08-PLC03-3.3_10 Datasheet
826Kb / 1P
   Power Over Ethernet (PoE)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com