Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1832EUT-T Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX1832EUT-T
Description  High-Efficiency Step-Up Converters with Reverse Battery Protection
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1832EUT-T Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX1832EUT-T Datasheet HTML 1Page - Maxim Integrated Products MAX1832EUT-T Datasheet HTML 2Page - Maxim Integrated Products MAX1832EUT-T Datasheet HTML 3Page - Maxim Integrated Products MAX1832EUT-T Datasheet HTML 4Page - Maxim Integrated Products MAX1832EUT-T Datasheet HTML 5Page - Maxim Integrated Products MAX1832EUT-T Datasheet HTML 6Page - Maxim Integrated Products MAX1832EUT-T Datasheet HTML 7Page - Maxim Integrated Products MAX1832EUT-T Datasheet HTML 8Page - Maxim Integrated Products MAX1832EUT-T Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
High-Efficiency Step-Up Converters with
Reverse Battery Protection
_______________________________________________________________________________________
3
Note 1: All units are 100% production tested at TA=+25°C. Limits over the operating temperature range are guaranteed by design
and not production tested.
Note 2: Supply current into OUT. This current correlates directly to the actual battery-supply current, but is reduced in value accord-
ing to the step-up ratio and efficiency.
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Reverse Battery Current into
OUT
VOUT = 0, VBATT = VSHDN = VLX = -3V
0
10
µA
TA = +25
°C
1.8
5.0
Quiescent Current into BATT
VOUT = +3.5V,
VFB = +1.3V
TA = -40
°C to +85°C
6.0
µA
Shutdown Current into BATT
VOUT = +3.5V, VBATT = +2V, VSHDN = 0
0.001
1
µA
Reverse Battery Current into
BATT
VOUT = 0, VBATT = VSHDN = VLX = -3V
0.002
10
µA
SHDN Logic Low
VBATT = +1.5V to +5.5V
0.3
V
TA = +25
°C
1.185
1.228
1.271
SHDN Threshold
Rising edge
TA = -40
°C to +85°C
1.170
1.286
V
SHDN Threshold Hysteresis
0.02
V
SHDN Input Bias Current
VOUT = +5.5V, VSHDN = +5.5V, TA = +25
°C
13
100
nA
SHDN Reverse Battery Current
VOUT = 0, VBATT = VSHDN = VLX = -3V
52
150
µA
TA = +25
°C
2.830
2.980
3.110
MAX1833EUT/
MAX1835EUT,
falling edge
TA = -40
°C to +85°C
2.800
3.140
TA = +25
°C
2.580
2.717
2.836
RST Threshold
MAX1833ETT30
TA = -40
°C to +85°C
2.553
2.863
V
RST Voltage Low
IRST = 1mA, VOUT = +2.5V
0.2
V
TA = +25
°C
0.1
100
RST Leakage Current
VRST = +5.5V
TA = -40
°C to +85°C1
nA
TA = +25
°C
1
100
LX Leakage Current
VLX = +5.5V
TA = -40
°C to +85°C
100
nA
LX Reverse Battery Current
VOUT = 0, VBATT = VSHDN = VLX = -3V
0.001
10
µA
Maximum Load Current
ILOAD
VBATT = +2V, VOUT = +3.3V
150
mA
Efficiency
VBATT = +2V, VOUT = +3.3V, ILOAD = 40mA
90
%
ELECTRICAL CHARACTERISTICS (continued)
(V SHDN = +1.5V, VOUT = +3.3V, VBATT = +2V, GND = 0, TA = -40°C to +85°C. Typical values are at TA = +25°C, unless otherwise
noted.) (Note 1)


Similar Part No. - MAX1832EUT-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1832EUT+T MAXIM-MAX1832EUT+T Datasheet
1Mb / 14P
   High-Efficiency Step-Up Converters with Reverse Battery Protection
2018
More results

Similar Description - MAX1832EUT-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1832 MAXIM-MAX1832_V01 Datasheet
1Mb / 14P
   High-Efficiency Step-Up Converters with Reverse Battery Protection
2018
logo
Linear Technology
LTC3499 LINER-LTC3499 Datasheet
251Kb / 16P
   750mA Synchronous Step-Up DC/DC Converters with Reverse-Battery Protection
LTC3499 LINER-LTC3499_15 Datasheet
251Kb / 16P
   750mA Synchronous Step-Up DC/DC Converters with Reverse-Battery Protection
LTC3499B LINER-LTC3499B_15 Datasheet
251Kb / 16P
   750mA Synchronous Step-Up DC/DC Converters with Reverse-Battery Protection
logo
Richtek Technology Corp...
RT9903B RICHTEK-RT9903B Datasheet
415Kb / 15P
   4 Channel DC/DC Converters IC with High-Efficiency Step-Up
logo
Texas Instruments
TPS61230 TI-TPS61230_15 Datasheet
1Mb / 31P
[Old version datasheet]   TPS6123x High Efficiency Synchronous Step Up Converters with 5-A Switches
logo
Richtek Technology Corp...
RT9903 RICHTEK-RT9903 Datasheet
440Kb / 15P
   5 Channel DC/DC Converters IC with High-Efficiency Step-Up
logo
Texas Instruments
TPS61230 TI1-TPS61230_16 Datasheet
1Mb / 31P
[Old version datasheet]   TPS6123x High Efficiency Synchronous Step Up Converters with 5-A Switches
logo
Sangdest Microelectroni...
SK56A SMC-SK56A Datasheet
142Kb / 6P
   Reverse battery protection
SL54B SMC-SL54B Datasheet
200Kb / 6P
   Reverse battery protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com