Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1818EUT50 Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX1818EUT50
Description  500mA Low-Dropout Linear Regulator in SOT23
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1818EUT50 Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX1818EUT50 Datasheet HTML 1Page - Maxim Integrated Products MAX1818EUT50 Datasheet HTML 2Page - Maxim Integrated Products MAX1818EUT50 Datasheet HTML 3Page - Maxim Integrated Products MAX1818EUT50 Datasheet HTML 4Page - Maxim Integrated Products MAX1818EUT50 Datasheet HTML 5Page - Maxim Integrated Products MAX1818EUT50 Datasheet HTML 6Page - Maxim Integrated Products MAX1818EUT50 Datasheet HTML 7Page - Maxim Integrated Products MAX1818EUT50 Datasheet HTML 8Page - Maxim Integrated Products MAX1818EUT50 Datasheet HTML 9Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
500mA Low-Dropout
Linear Regulator in SOT23
_______________________________________________________________________________________
3
ELECTRICAL CHARACTERISTICS (continued)
(VIN = VOUT + 500mV or VIN = +2.5V, whichever is greater; SHDN = IN, TA = -40°C to +85°C, unless otherwise noted. Typical values
are at TA = +25°C.) (Note 3)
Note 3: All devices are 100% production tested at TA = +25
°C. Limits over the operating temperature range are guaranteed by
design.
Note 4: The Dropout Voltage is defined as VIN - VOUT, when VOUT is 100mV below the value of VOUT measured for VIN = VOUT(NOM)
+ 500mV. Since the minimum input voltage is 2.5V, this specification is only meaningful when VOUT(NOM) > 2.5V. For
VOUT(NOM) between 2.5V and 3.5V, use the following equations: Typical Dropout = -93mV/V VOUT(NOM) + 445mV;
Guaranteed Maximum Dropout = -137mV/V
VOUT(NOM) +7004mV. For VOUT(NOM) > 3.5V, Typical Dropout = 120mV;
Maximum Dropout = 220mV.
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Load Regulation
∆VLDR
IOUT = 1mA to 500mA
0.4
1.0
%
Output Voltage Noise
10Hz to 1MHz, COUT = 3.3µF (ESR < 0.1
Ω)
115
µVRMS
SHUTDOWN
Shutdown Supply Current
IOFF
SHDN = GND, VIN = 5.5V
0.1
15
µA
VIH
2.5V < VIN < 5.5V
1.6
SHDN Input Threshold
VIL
2.5V < VIN < 5.5V
0.6
V
SHDN = IN or GND, TA = +25°C1
25
SHDN Input Bias Current
ISHDN
TA = +85°C5
nA
POK OUTPUT
POK Output Low Voltage
VOL
POK sinking 1mA
0.01
0.1
V
Operating Voltage Range for
Valid POK
POK sinking 100µA
1.0
5.5
V
POK = 5.5V, TA = +25°C1
25
POK Output High Leakage
Current
TA = +85°C5
nA
POK Threshold
Rising edge, referred to VOUT(NOMINAL)
90
93
96
%
THERMAL PROTECTION
Thermal Shutdown Temperature
TSHDN
170
°C
Thermal Shutdown Hysteresis
∆TSHDN
20
°C
Typical Operating Characteristics
(VIN = (VOUT + 500mV) or +2.5V, whichever is greater; SHDN = IN, CIN = 1µF, COUT = 3.3µF, TA = +25°C, unless otherwise noted.)
0
50
25
125
100
75
150
175
225
200
250
0
1.0 1.5
0.5
2.0 2.5 3.0 3.5 4.0 4.5 5.0 5.5
GROUND PIN CURRENT
vs. INPUT VOLTAGE
INPUT VOLTAGE (V)
ILOAD = 150mA
3.3V OUTPUT
2.5V OUTPUT
1.8V OUTPUT
40
70
55
85
130
145
115
100
160
0
0.2 0.3 0.4 0.5
0.1
0.6 0.7 0.8 0.9 1.0
LOAD CURRENT (A)
GROUND PIN CURRENT
vs. LOAD CURRENT
3.3V OUTPUT
2.5V OUTPUT
1.8V OUTPUT
110
130
120
150
140
160
170
-40
10
-15
35
60
85
TEMPERATURE (
°C)
GROUND PIN CURRENT
vs. TEMPERATURE
1.5V OUTPUT
5.0V OUTPUT
ILOAD = 150mA


Similar Part No. - MAX1818EUT50

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1818EUAT MAXIM-MAX1818EUAT Datasheet
96Kb / 8P
   PLASTIC ENCAPSULATED DEVICES
Rev. A November 12, 2002
More results

Similar Description - MAX1818EUT50

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1792 MAXIM-MAX1792 Datasheet
414Kb / 10P
   500mA Low-Dropout Linear Regulator in uMAX
Rev 0; 9/00
MAX1792 MAXIM-MAX1792_11 Datasheet
472Kb / 10P
   500mA Low-Dropout Linear Regulator in uMAX
Rev 2; 11/11
MAX1819 MAXIM-MAX1819 Datasheet
639Kb / 9P
   500mA Low-Dropout Linear Regulator in UCSP
19-2072; Rev 0; 1/02
logo
Analog Intergrations Co...
AIC1735 AIC-AIC1735_15 Datasheet
291Kb / 12P
   500mA Low Dropout Linear Regulator
AIC1723A AIC-AIC1723A Datasheet
454Kb / 9P
   500mA Low Dropout Linear Regulator
logo
Silicon Standard Corp.
SS6735G SSC-SS6735G Datasheet
703Kb / 9P
   500mA Low Dropout Linear Regulator
logo
Anpec Electronics Corop...
APL1088 ANPEC-APL1088 Datasheet
86Kb / 10P
   500mA Low Dropout Linear Regulator
logo
Power IC Ltd.
PL0501 PICSEMI-PL0501 Datasheet
267Kb / 10P
   500mA Low-Dropout Linear Regulator
logo
Analog Intergrations Co...
AIC1735 AIC-AIC1735 Datasheet
107Kb / 7P
   500mA Low Dropout Linear Regulator
AIC1723 AIC-AIC1723 Datasheet
225Kb / 8P
   500mA Low Dropout Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com