Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1840 Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX1840
Description  Low-Voltage SIM/Smart Card Level Translators in uMAX
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1840 Datasheet(HTML) 6 Page - Maxim Integrated Products

  MAX1840 Datasheet HTML 1Page - Maxim Integrated Products MAX1840 Datasheet HTML 2Page - Maxim Integrated Products MAX1840 Datasheet HTML 3Page - Maxim Integrated Products MAX1840 Datasheet HTML 4Page - Maxim Integrated Products MAX1840 Datasheet HTML 5Page - Maxim Integrated Products MAX1840 Datasheet HTML 6Page - Maxim Integrated Products MAX1840 Datasheet HTML 7Page - Maxim Integrated Products MAX1840 Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Low-Voltage SIM/Smart Card
Level Translators in µMAX
6
_______________________________________________________________________________________
Detailed Description
The MAX1840/MAX1841 provide the necessary level
translation for interfacing with SIMs and smart cards in
multivoltage systems. These devices operate with logic
supply voltages between +1.4V and +5.5V on the con-
troller side (DVCC) and between +1.7V and +5.5V on the
card side (VCC). The total supply current (IDVCC + IVCC)
is 1µA while operating in an idle state (see Electrical
Characteristics). Figure 1 shows the MAX1840/MAX1841
test circuit. The Typical Application Circuit appears at the
end of this data sheet.
Level Translation
The MAX1840/MAX1841 provide level translators for a
clock input, a reset input, and a bidirectional data IO.
The clock and reset inputs (CIN and RIN) are level shift-
ed from the controller-side supply rails (DVCC to GND)
to the card-side supply rails (VCC to GND). When con-
nected to an open-drain controller output, DATA and IO
provide bidirectional level translation. All level transla-
tion is valid for DVCC
≥ VCC or DVCC ≤ VCC. The
MAX1840/MAX1841 contain internal pull up resistors
from DATA to the controller-side supply (DVCC) and
from IO to the card-side supply (VCC). For push-pull
controller outputs, see the Data Driver section for bidi-
rectional data translation.
Data Driver (MAX1841 Only)
When using a microcontroller (µC) without an open-drain
output, use the data driver (DDRV) input to send data to
the SIM/smart card, while DATA provides the controller-
side output for bidirectional data transfer. When not
used, connect DDRV to DVCC to reduce total supply cur-
rent.
Shutdown Mode
For the MAX1840, drive SHDN low to activate shut-
down. Connect SHDN to DVCC or drive high for normal
operation. To allow for card insertion and removal, shut-
down mode actively pulls CLK, RST, and IO low; it also
disconnects the internal 10k
Ω pull up resistor from VCC
to prevent excessive current draw. Shutdown mode
reduces the total supply current (IDVCC + IVCC) to
0.01µA.
SIM/Smart Card Insertion/Removal
The SIM/smart card specifications require that the card-
side pins (VCC, CLK, RST, IO) be at ground potential
prior to inserting the SIM/smart card. For applications
using the MAX1686H (Figure 3), the easiest way to
achieve this is by shutting down the MAX1686H or by
driving SHDN (MAX1840 only) low. If specific sequenc-
ing is desired, pull IO low by driving either DATA or
DDRV (MAX1841 only) low, and pull CLK and RST low
by driving CIN and RIN low, respectively.
ESD Protection
As with all Maxim devices, ESD-protection structures on
all pins protect against ESDs encountered during han-
dling and assembly. For further protection during card
insertion and removal, the pins that connect to the card
socket (CLK, RST, IO, VCC, and GND) provide protec-
tion against ±10kV of ESD. The ESD structures with-
stand high ESD in all states: normal operation,
shutdown, and power-down. After an ESD event, the
MAX1840/MAX1841 continue working without latchup.
A 1µF bypass capacitor from VCC to GND is required to
exceed ±10kV ESD specifications.
ESD Test Conditions
ESD performance depends on a variety of conditions.
Contact Maxim for a reliability report documenting test
setup, test methodology, and test results.
Applications Information
SIM/Smart Card Interface
To provide 5V when interfacing with a 5V SIM/smart card,
+3V systems require a DC-DC converter. The MAX1686H
+5V regulating charge pump for SIM cards provides
GND
IO
CLK
RST
VCC
DVCC
+1.8V
+1.8V,
+3.0V, OR
+5.0V
30pF
30pF
30pF
30pF
MAX1840
MAX1841
SHDN*
RIN
CIN
DDRV*
DATA
SHDN FOR MAX1840 ONLY;
DDRV FOR MAX1841 ONLY.
*
NOTE: ALL CAPACITANCES INCLUDE CAPACITIVE LOADS OF
TEST PROBES AND BOARD LAYOUT.
Figure 1. MAX1840/MAX1841 Test Circuit


Similar Part No. - MAX1840

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX184 MAXIM-MAX184 Datasheet
493Kb / 12P
   High-Speed 12-Bit A/D Converters With External Refernce input
19-3127; Rev 0; 4/91
MAX1842 MAXIM-MAX1842 Datasheet
597Kb / 16P
   1A/2.7A, 1MHz, Step-Down Regulators with Synchronous Rectification and Internal Switches
19-1760; Rev 1; 2/02
MAX1842 MAXIM-MAX1842 Datasheet
287Kb / 16P
   1A/2.7A, 1MHz, Step-Down Regulators with Synchronous Rectification and Internal Switches
19-1760; Rev 2; 9/05
MAX1842EEE MAXIM-MAX1842EEE Datasheet
597Kb / 16P
   1A/2.7A, 1MHz, Step-Down Regulators with Synchronous Rectification and Internal Switches
19-1760; Rev 1; 2/02
MAX1842EEE MAXIM-MAX1842EEE Datasheet
287Kb / 16P
   1A/2.7A, 1MHz, Step-Down Regulators with Synchronous Rectification and Internal Switches
19-1760; Rev 2; 9/05
More results

Similar Description - MAX1840

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1740 MAXIM-MAX1740 Datasheet
327Kb / 12P
   SIM/Smart Card Level Translators in uMAX
Rev 0; 1/00
MAX3370 MAXIM-MAX3370 Datasheet
174Kb / 10P
   1uA, 2Mbps, Low-Voltage Level Translators in SC70
Rev 1; 2/01
MAX1806 MAXIM-MAX1806 Datasheet
263Kb / 10P
   500mA, Low-Voltage Linear Regulator in UMAX
Rev 0; 4/01
MAX13000E MAXIM-MAX13000E Datasheet
291Kb / 25P
   Ultra-Low-Voltage Level Translators Enable/Shutdown Control
Rev 1; 5/11
logo
Intersil Corporation
ISL3034E INTERSIL-ISL3034E_09 Datasheet
207Kb / 2P
   Best-in-Class ESD Protected Level Translators
logo
Maxim Integrated Produc...
MAX3372E MAXIM-MAX3372E_07 Datasheet
490Kb / 31P
   ±15kV ESD-Protected, 1μA, 16Mbps, Dual/Quad Low-Voltage Level Translators in UCSP
Rev 2; 11/07
MAX3378EEBC MAXIM-MAX3378EEBC Datasheet
357Kb / 26P
   ±15kV ESD-Protected, 1uA, 16Mbps, Dual Quad Low-Voltage Level Translators in UCSP
Rev 3; 1/13
MAX3372E MAXIM-MAX3372E_14 Datasheet
357Kb / 26P
   ±15kV ESD-Protected, 1μA, 16Mbps, Dual/Quad Low-Voltage Level Translators in UCSP
Rev 3; 1/13
MAX3376EEKA MAXIM-MAX3376EEKA Datasheet
357Kb / 26P
   ±15kV ESD-Protected, 1uA, 16Mbps, Dual Quad Low-Voltage Level Translators in UCSP
Rev 3; 1/13
MAX3370 MAXIM-MAX3370_V01 Datasheet
295Kb / 10P
   1關A, 2Mbps, Low-Voltage Level Translators in SC70 and 關DFN
2009
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com