Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1840EUB Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX1840EUB
Description  Low-Voltage SIM/Smart Card Level Translators in uMAX
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1840EUB Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX1840EUB Datasheet HTML 1Page - Maxim Integrated Products MAX1840EUB Datasheet HTML 2Page - Maxim Integrated Products MAX1840EUB Datasheet HTML 3Page - Maxim Integrated Products MAX1840EUB Datasheet HTML 4Page - Maxim Integrated Products MAX1840EUB Datasheet HTML 5Page - Maxim Integrated Products MAX1840EUB Datasheet HTML 6Page - Maxim Integrated Products MAX1840EUB Datasheet HTML 7Page - Maxim Integrated Products MAX1840EUB Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
For free samples and the latest literature, visit www.maxim-ic.com or phone 1-800-998-8800.
For small orders, phone 1-800-835-8769.
General Description
The MAX1840/MAX1841 subscriber identity module
(SIM)/smart card level translators provide level shifting
and electrostatic discharge (ESD) protection for SIM and
smart card ports. These devices integrate two unidirec-
tional level shifters for the reset and clock signals, a bidi-
rectional level shifter for the serial data stream, and
±10kV ESD protection on all card contacts.
The MAX1840 includes a SHDN control input to aid
insertion and removal of SIM and smart cards, while the
MAX1841 includes a system-side data driver to support
system controllers without open-drain outputs. The logic
supply voltage range is +1.4V to +5.5V for the “controller
side” and +1.7V to +5.5V for the “card side.” Total sup-
ply current is 1.0µA. Both devices automatically shut
down when either power supply is removed. For a com-
plete SIM card interface, combine the MAX1840/
MAX1841 with the MAX1686H 0V/3V/5V regulated
charge pump.
The MAX1840/MAX1841 are available in ultra-small
10-pin µMAX packages that are only 1.09mm high and
half the area of an 8-pin SO.
The MAX1840/MAX1841 are compliant with GSM test
specifications 11.11 and 11.12.
Applications
SIM Interface in GSM Cellular Telephones
Smart Card Readers
Logic Level Translation
SPI™/QSPI™/MICROWIRE™ Level Translation
Features
o SIM/Smart Card Level Shifting
o +1.4V to +5.5V Controller Voltage Range
o +1.7V to +5.5V Card Voltage Range
o ±10kV ESD Card Socket Protection
o Allows Level Translation with DVCC ≥ VCC or
DVCC
≤ VCC
o Automatically Shuts Down When Either Supply Is
Removed
o Card Contacts Actively Pulled Low During
Shutdown
o 1µA Total Quiescent Supply Current
o 0.01µA Total Shutdown Supply Current
o Ultra-Small 10-Pin µMAX Package
o Compliant with GSM Test Specifications 11.11
and 11.12
Low-Voltage SIM/Smart Card
Level Translators in µMAX
________________________________________________________________ Maxim Integrated Products
1
IO
1
DATA
2
3
4
5
9
8
7
6
VCC
CLK
RST
GND
SHDN (DDRV)
( ) ARE FOR MAX1841.
RIN
CIN
DVCC
10
MAX1840
MAX1841
µMAX
TOP VIEW
VCC
SIM OR
SMART
CARD
SYSTEM
CONTROLLER
CLK
IO
GND
GND
IO
CLK
GND
VCC
DVCC
DVCC
MAX1840
MAX1841
SHDN*
OPTIONAL
RIN
CIN
RST
RST
OPTIONAL
DATA
DDRV*
SHDN FOR MAX1840 ONLY;
DDRV FOR MAX1841 ONLY.
*
DVCC
VCC
Typical Operating Circuit
19-1716; Rev 0; 4/00
PART
MAX1840EUB
MAX1841EUB
-40°C to +85°C
-40°C to +85°C
TEMP. RANGE
PIN-PACKAGE
10 µMAX
10 µMAX
Pin Configuration
Ordering Information
SPI and QSPI are trademarks of Motorola, Inc.
MICROWIRE is a trademark of National Semiconductor Corp.


Similar Part No. - MAX1840EUB

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX184 MAXIM-MAX184 Datasheet
493Kb / 12P
   High-Speed 12-Bit A/D Converters With External Refernce input
19-3127; Rev 0; 4/91
MAX1842 MAXIM-MAX1842 Datasheet
597Kb / 16P
   1A/2.7A, 1MHz, Step-Down Regulators with Synchronous Rectification and Internal Switches
19-1760; Rev 1; 2/02
MAX1842 MAXIM-MAX1842 Datasheet
287Kb / 16P
   1A/2.7A, 1MHz, Step-Down Regulators with Synchronous Rectification and Internal Switches
19-1760; Rev 2; 9/05
MAX1842EEE MAXIM-MAX1842EEE Datasheet
597Kb / 16P
   1A/2.7A, 1MHz, Step-Down Regulators with Synchronous Rectification and Internal Switches
19-1760; Rev 1; 2/02
MAX1842EEE MAXIM-MAX1842EEE Datasheet
287Kb / 16P
   1A/2.7A, 1MHz, Step-Down Regulators with Synchronous Rectification and Internal Switches
19-1760; Rev 2; 9/05
More results

Similar Description - MAX1840EUB

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1740 MAXIM-MAX1740 Datasheet
327Kb / 12P
   SIM/Smart Card Level Translators in uMAX
Rev 0; 1/00
MAX3370 MAXIM-MAX3370 Datasheet
174Kb / 10P
   1uA, 2Mbps, Low-Voltage Level Translators in SC70
Rev 1; 2/01
MAX1806 MAXIM-MAX1806 Datasheet
263Kb / 10P
   500mA, Low-Voltage Linear Regulator in UMAX
Rev 0; 4/01
MAX13000E MAXIM-MAX13000E Datasheet
291Kb / 25P
   Ultra-Low-Voltage Level Translators Enable/Shutdown Control
Rev 1; 5/11
logo
Intersil Corporation
ISL3034E INTERSIL-ISL3034E_09 Datasheet
207Kb / 2P
   Best-in-Class ESD Protected Level Translators
logo
Maxim Integrated Produc...
MAX3372E MAXIM-MAX3372E_07 Datasheet
490Kb / 31P
   ±15kV ESD-Protected, 1μA, 16Mbps, Dual/Quad Low-Voltage Level Translators in UCSP
Rev 2; 11/07
MAX3378EEBC MAXIM-MAX3378EEBC Datasheet
357Kb / 26P
   ±15kV ESD-Protected, 1uA, 16Mbps, Dual Quad Low-Voltage Level Translators in UCSP
Rev 3; 1/13
MAX3372E MAXIM-MAX3372E_14 Datasheet
357Kb / 26P
   ±15kV ESD-Protected, 1μA, 16Mbps, Dual/Quad Low-Voltage Level Translators in UCSP
Rev 3; 1/13
MAX3376EEKA MAXIM-MAX3376EEKA Datasheet
357Kb / 26P
   ±15kV ESD-Protected, 1uA, 16Mbps, Dual Quad Low-Voltage Level Translators in UCSP
Rev 3; 1/13
MAX3370 MAXIM-MAX3370_V01 Datasheet
295Kb / 10P
   1關A, 2Mbps, Low-Voltage Level Translators in SC70 and 關DFN
2009
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com