Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1840EUB Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX1840EUB
Description  Low-Voltage SIM/Smart Card Level Translators in uMAX
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1840EUB Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX1840EUB Datasheet HTML 1Page - Maxim Integrated Products MAX1840EUB Datasheet HTML 2Page - Maxim Integrated Products MAX1840EUB Datasheet HTML 3Page - Maxim Integrated Products MAX1840EUB Datasheet HTML 4Page - Maxim Integrated Products MAX1840EUB Datasheet HTML 5Page - Maxim Integrated Products MAX1840EUB Datasheet HTML 6Page - Maxim Integrated Products MAX1840EUB Datasheet HTML 7Page - Maxim Integrated Products MAX1840EUB Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Low-Voltage SIM/Smart Card
Level Translators in µMAX
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(Figure 1, DVCC = +1.8V; VCC = +1.8V, +3.0V, or +5.0V; SHDN = DVCC, CIN = RIN = GND or DVCC, IO = VCC, DATA = DDRV = DVCC,
CIO = CCLK = CRST = CDATA = 30pF, TA = -40°C to +85°C, unless otherwise noted. Typical values are at TA = +25°C.) (Note1)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
DVCC, VCC to GND................................................-0.3V to +6.0V
RIN, CIN, DATA, DDRV,
SHDN to GND ......................................-0.3V to (DVCC + 0.3V)
RST, CLK, IO to GND .................................-0.3V to (VCC + 0.3V)
Continuous Power Dissipation (TA = +70°C)
10-Pin µMAX (derate 5.6mW/°C above +70°C) ...........444mW
Operating Temperature Range ...........................-40°C to +85°C
Storage Temperature Range .............................-65°C to +150°C
Junction Temperature ......................................................+150°C
Lead Temperature (soldering, 10s) .................................+300°C
UNITS
DVCC Operating Range
DVCC
1.4
5.5
V
VCC Operating Range
VCC
1.7
5.5
V
DVCC Operating Current
IDVCC
CIN static
0.1
0.5
µA
CIN clocked at 1.625MHz from GND to DVCC
with 50% duty cycle
CONDITIONS
2.5
CIN clocked at 3.25MHz from GND to DVCC
with 50% duty cycle
5
VCC Operating Current
IVCC
CIN static
0.9
3.0
mA
CIN clocked at 1.625MHz from GND to DVCC
with 50% duty cycle
0.4
CIN clocked at 3.25MHz from GND to DVCC
with 50% duty cycle
0.8
Total Shutdown Current
ISHDN
IOFF = IVCC + IDVCC, SHDN = GND
(MAX1840 only), or DVCC = GND
or VCC = GND
0.01
1
µA
Digital Input Low Threshold
VIL
0.2
DVCC
V
Digital Input High Threshold
VIH
0.7
DVCC
V
Input Leakage Current
0.01
1
µA
Digital Output Low Level
VOL
ISINK = 200µA
0.4
V
Digital Output High Level
VOH
ISOURCE = 20µA
0.9
VCC
V
ISOURCE = 200µA
0.8
VCC
DATA Pullup Resistance
RDATA
Between DATA and DVCC
13
20
28
k
Input Low Threshold
VIL(DATA)
(Note 2)
0.3
V
Input High Threshold
VIH(DATA)
(Note 3)
DVCC - 0.6
V
Input Low Current
IIL
VCC = 5.0V
1
mA
MIN
TYP
MAX
SYMBOL
PARAMETER
Input High Current
IIH
2
µA
POWER SUPPLIES
CIN, RIN, SHDN, DDRV LOGIC INPUTS
CLK, RST OUTPUTS
DATA INPUT/OUTPUT
µA


Similar Part No. - MAX1840EUB

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX184 MAXIM-MAX184 Datasheet
493Kb / 12P
   High-Speed 12-Bit A/D Converters With External Refernce input
19-3127; Rev 0; 4/91
MAX1842 MAXIM-MAX1842 Datasheet
597Kb / 16P
   1A/2.7A, 1MHz, Step-Down Regulators with Synchronous Rectification and Internal Switches
19-1760; Rev 1; 2/02
MAX1842 MAXIM-MAX1842 Datasheet
287Kb / 16P
   1A/2.7A, 1MHz, Step-Down Regulators with Synchronous Rectification and Internal Switches
19-1760; Rev 2; 9/05
MAX1842EEE MAXIM-MAX1842EEE Datasheet
597Kb / 16P
   1A/2.7A, 1MHz, Step-Down Regulators with Synchronous Rectification and Internal Switches
19-1760; Rev 1; 2/02
MAX1842EEE MAXIM-MAX1842EEE Datasheet
287Kb / 16P
   1A/2.7A, 1MHz, Step-Down Regulators with Synchronous Rectification and Internal Switches
19-1760; Rev 2; 9/05
More results

Similar Description - MAX1840EUB

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1740 MAXIM-MAX1740 Datasheet
327Kb / 12P
   SIM/Smart Card Level Translators in uMAX
Rev 0; 1/00
MAX3370 MAXIM-MAX3370 Datasheet
174Kb / 10P
   1uA, 2Mbps, Low-Voltage Level Translators in SC70
Rev 1; 2/01
MAX1806 MAXIM-MAX1806 Datasheet
263Kb / 10P
   500mA, Low-Voltage Linear Regulator in UMAX
Rev 0; 4/01
MAX13000E MAXIM-MAX13000E Datasheet
291Kb / 25P
   Ultra-Low-Voltage Level Translators Enable/Shutdown Control
Rev 1; 5/11
logo
Intersil Corporation
ISL3034E INTERSIL-ISL3034E_09 Datasheet
207Kb / 2P
   Best-in-Class ESD Protected Level Translators
logo
Maxim Integrated Produc...
MAX3372E MAXIM-MAX3372E_07 Datasheet
490Kb / 31P
   ±15kV ESD-Protected, 1μA, 16Mbps, Dual/Quad Low-Voltage Level Translators in UCSP
Rev 2; 11/07
MAX3378EEBC MAXIM-MAX3378EEBC Datasheet
357Kb / 26P
   ±15kV ESD-Protected, 1uA, 16Mbps, Dual Quad Low-Voltage Level Translators in UCSP
Rev 3; 1/13
MAX3372E MAXIM-MAX3372E_14 Datasheet
357Kb / 26P
   ±15kV ESD-Protected, 1μA, 16Mbps, Dual/Quad Low-Voltage Level Translators in UCSP
Rev 3; 1/13
MAX3376EEKA MAXIM-MAX3376EEKA Datasheet
357Kb / 26P
   ±15kV ESD-Protected, 1uA, 16Mbps, Dual Quad Low-Voltage Level Translators in UCSP
Rev 3; 1/13
MAX3370 MAXIM-MAX3370_V01 Datasheet
295Kb / 10P
   1關A, 2Mbps, Low-Voltage Level Translators in SC70 and 關DFN
2009
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com