Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1843 Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX1843
Description  2.7A, 1MHz, Low-Voltage, Step-Down Regulator with Internal Synchronous Rectification in QFN Package
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1843 Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX1843 Datasheet HTML 5Page - Maxim Integrated Products MAX1843 Datasheet HTML 6Page - Maxim Integrated Products MAX1843 Datasheet HTML 7Page - Maxim Integrated Products MAX1843 Datasheet HTML 8Page - Maxim Integrated Products MAX1843 Datasheet HTML 9Page - Maxim Integrated Products MAX1843 Datasheet HTML 10Page - Maxim Integrated Products MAX1843 Datasheet HTML 11Page - Maxim Integrated Products MAX1843 Datasheet HTML 12Page - Maxim Integrated Products MAX1843 Datasheet HTML 13Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
2.7A, 1MHz, Low-Voltage, Step-Down Regulator with
Internal Synchronous Rectification in QFN Package
_______________________________________________________________________________________
9
Design Procedure
For typical applications, use the recommended compo-
nent values in Table 1. For other applications, take the
following steps:
1) Select the desired PWM-mode switching frequency.
See Figure 3 for maximum operating frequency.
2) Select the constant off-time as a function of input
voltage, output voltage, and switching frequency.
3) Select RTOFF as a function of off-time.
4) Select the inductor as a function of output voltage,
off-time, and peak-to-peak inductor current.
Setting the Output Voltage
The output of the MAX1843 is selectable between one
of three preset output voltages: +2.5V, +1.8V, and
+1.5V. For a preset output voltage, connect FB to the
output voltage, and connect FBSEL as indicated in
Table 2. For an adjustable output voltage, connect
FBSEL to GND, and connect FB to a resistive divider
between the output voltage and ground (Figure 4).
Regulation is maintained for adjustable output voltages
when VFB = VREF. Use a resistor in the 10k
Ω to 50kΩ
range for R1. R2 is given by the equation:
where VREF is typically 1.1V.
R2
R1
V
V
1
OUT
REF
=


LX
R2
R1
R2 = R1(VOUT / VREF - 1)
VREF = 1.1V
FB
VOUT
MAX1843
Figure 4. Adjustable Output Voltage
0
400
200
800
600
1200
1000
1400
2.6
3.6
4.1
3.1
4.6
5.1
5.6
MAXIMUM RECOMMENDED
OPERATING FREQUENCY vs. INPUT VOLTAGE
VIN (V)
VOUT = +1.5V
VOUT = +1.8V
VOUT = +2.5V
VOUT = +3.3V
Figure 3. Maximum Recommended Operating Frequency vs.
Input Voltage
VOUT
(V)
RTOFF
(k
Ω)
2.2
39
L
(µH)
5
3.3
2.2
VIN
(V)
47
2.2
75
5
1.8
1.5
39
3.3
2.5
1.5
43
3.3
1.8
1.5
56
3.3
1.5
5
2.5
2.2
100
5
1.5
fPWM
(kHz)
800
850
570
985
940
715
1180
Table 1. Recommended Component
Values (IOUT = 2.7A)
Output voltage
Unconnected
FBSEL
OUTPUT
VOLTAGE
(V)
FB
Resistive
divider
GND
Adjustable
Output voltage
REF
1.8
1.5
Output voltage
VCC
2.5
PIN
Table 2. Output Voltage Programming


Similar Part No. - MAX1843

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1843 MAXIM-MAX1843 Datasheet
850Kb / 13P
   2.7A, 1MHz, Low-Voltage, Step-Down Regulator
2006
MAX1843ETI++ MAXIM-MAX1843ETI+ Datasheet
850Kb / 13P
   2.7A, 1MHz, Low-Voltage, Step-Down Regulator
2006
MAX1843 MAXIM-MAX1843_V01 Datasheet
850Kb / 13P
   2.7A, 1MHz, Low-Voltage, Step-Down Regulator
2006
More results

Similar Description - MAX1843

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1742 MAXIM-MAX1742 Datasheet
597Kb / 16P
   1A/2.7A, 1MHz, Step-Down Regulators with Synchronous Rectification and Internal Switches
19-1760; Rev 1; 2/02
MAX1742 MAXIM-MAX1742_05 Datasheet
287Kb / 16P
   1A/2.7A, 1MHz, Step-Down Regulators with Synchronous Rectification and Internal Switches
19-1760; Rev 2; 9/05
MAX1843 MAXIM-MAX1843_V01 Datasheet
850Kb / 13P
   2.7A, 1MHz, Low-Voltage, Step-Down Regulator
2006
MAX1830 MAXIM-MAX1830 Datasheet
278Kb / 13P
   3A, 1MHz, Low-Voltage, Step-Down Regulators with Synchronous Rectification and Internal Switches
19-2198; Rev 0; 10/01
MAX1623 MAXIM-MAX1623 Datasheet
164Kb / 12P
   3A, Low-Voltage, Step-Down Regulator with Synchronous Rectification and Internal Switches
19-1436; Rev 1; 9/99
MAX1644EAE-T MAXIM-MAX1644EAE-T Datasheet
170Kb / 11P
   2A, Low-Voltage, Step-Down Regulator with Synchronous Rectification and Internal Switches
Rev 3; 8/05
MAX1623 MAXIM-MAX1623_V01 Datasheet
242Kb / 12P
   3A, Low-Voltage, Step-Down Regulator with Synchronous Rectification and Internal Switches
2002
MAX1644 MAXIM-MAX1644_V01 Datasheet
170Kb / 11P
   2A, Low-Voltage, Step-Down Regulator with Synchronous Rectification and Internal Switches
2005
logo
HTC Korea TAEJIN Techno...
TJ6713DP HTC-TJ6713DP Datasheet
280Kb / 10P
   1MHz, 3A Synchronous Step-Down Switching Voltage Regulator
logo
Global Mixed-mode Techn...
G5725 GMT-G5725 Datasheet
151Kb / 2P
   1MHz 1A Synchronous Step-Down Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com