Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1841EUB Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX1841EUB
Description  Low-Voltage SIM/Smart Card Level Translators in uMAX
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1841EUB Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX1841EUB Datasheet HTML 1Page - Maxim Integrated Products MAX1841EUB Datasheet HTML 2Page - Maxim Integrated Products MAX1841EUB Datasheet HTML 3Page - Maxim Integrated Products MAX1841EUB Datasheet HTML 4Page - Maxim Integrated Products MAX1841EUB Datasheet HTML 5Page - Maxim Integrated Products MAX1841EUB Datasheet HTML 6Page - Maxim Integrated Products MAX1841EUB Datasheet HTML 7Page - Maxim Integrated Products MAX1841EUB Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Low-Voltage SIM/Smart Card
Level Translators in µMAX
4
_______________________________________________________________________________________
Typical Operating Characteristics
(Circuit of Figure 1, DVCC = 3.0V, VCC = +5.0V, DDRV or DATA = DVCC, RIN = CIN = GND, TA = +25°C, unless otherwise noted.)
0
1.0
0.5
2.0
1.5
2.5
3.0
04
26
8
10
TOTAL OPERATING SUPPLY CURRENT
vs. CLOCK FREQUENCY (DATA STATIC)
FREQUENCY (MHz)
DATA OR DDRV = DVCC
CIN CLOCKED WITH A
0 TO DVCC SQUARE WAVE
VCC = 5V
VCC = 3V
VCC = 1.8V
0
0.4
1.2
0.8
1.6
2.0
TOTAL OPERATING SUPPLY CURRENT
vs. CARD-SIDE SUPPLY VOLTAGE
(DATA STATIC)
VCC (V)
1.5
3.5
2.5
4.5
5.5
DATA OR DDRV = DVCC
CIN CLOCKED WITH A
0 TO DVCC SQUARE WAVE
fCIN = 5MHz
fCIN = 3.25MHz
fCIN = 1.625MHz
1.6
1.2
0.8
0.4
0
-40
10
-15
35
60
85
TOTAL OPERATING SUPPLY CURRENT
vs. TEMPERATURE (DATA STATIC)
TEMPERATURE (°C)
DATA OR DDRV = DVCC
CIN CLOCKED WITH A
0 TO DVCC SQUARE WAVE
VCC = 5V
VCC = 3V
VCC = 1.8V
fCIN = 5MHz
0
1.0
0.5
2.0
1.5
2.5
3.0
04
26
8
10
TOTAL OPERATING SUPPLY CURRENT
vs. CLOCK FREQUENCY (DATA ACTIVE)
FREQUENCY (MHz)
fDATA OR fDDRV = fCIN/372
CIN CLOCKED WITH A
0 TO DVCC SQUARE WAVE
VCC = 5V
VCC = 3V
VCC = 1.8V
0
0.4
1.2
0.8
1.6
2.0
TOTAL OPERATING SUPPLY CURRENT
vs. CARD-SIDE SUPPLY VOLTAGE
(DATA ACTIVE)
VCC (V)
1.5
3.5
2.5
4.5
5.5
fDATA OR fDDRV = fCIN/372
CIN CLOCKED WITH A
0 TO DVCC SQUARE WAVE
fCIN = 5MHz
fCIN = 3.25MHz
fCIN = 1.625MHz
0
0.4
1.2
0.8
1.6
2.0
-40
10
-15
35
60
85
TOTAL OPERATING SUPPLY CURRENT
vs. TEMPERATURE (DATA ACTIVE)
TEMPERATURE (°C)
fDATA OR fDDRV = fCIN/372
CIN CLOCKED WITH A
0 TO DVCC SQUARE WAVE
VCC = 5V
VCC = 3V
VCC = 1.8V
fCIN = 5MHz
CIN TO CLK OR RIN TO RST
WAVEFORM (3V TO 5V)
MAX1840/1-07
20ns/div
CIN OR RIN
2V/div
fCIN = 5MHz
0
0
3V
5V
CLK OR RST
2V/div
CIN TO CLK OR RIN TO RST
WAVEFORM (3V TO 1.8V)
MAX1840/1-08
20ns/div
CIN OR RIN
2V/div
fCIN = 5MHz
0
3V
1.8V
CLK OR RST
1V/div
0
CIN TO CLK OR RIN TO RST
WAVEFORM (1.8V TO 1.8V)
MAX1840/1-09
20ns/div
CIN OR RIN
1V/div
0
1.8V
1.8V
CLK OR RST
1V/div
0
fCIN = 5MHz


Similar Part No. - MAX1841EUB

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX184 MAXIM-MAX184 Datasheet
493Kb / 12P
   High-Speed 12-Bit A/D Converters With External Refernce input
19-3127; Rev 0; 4/91
MAX1842 MAXIM-MAX1842 Datasheet
597Kb / 16P
   1A/2.7A, 1MHz, Step-Down Regulators with Synchronous Rectification and Internal Switches
19-1760; Rev 1; 2/02
MAX1842 MAXIM-MAX1842 Datasheet
287Kb / 16P
   1A/2.7A, 1MHz, Step-Down Regulators with Synchronous Rectification and Internal Switches
19-1760; Rev 2; 9/05
MAX1842EEE MAXIM-MAX1842EEE Datasheet
597Kb / 16P
   1A/2.7A, 1MHz, Step-Down Regulators with Synchronous Rectification and Internal Switches
19-1760; Rev 1; 2/02
MAX1842EEE MAXIM-MAX1842EEE Datasheet
287Kb / 16P
   1A/2.7A, 1MHz, Step-Down Regulators with Synchronous Rectification and Internal Switches
19-1760; Rev 2; 9/05
More results

Similar Description - MAX1841EUB

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1740 MAXIM-MAX1740 Datasheet
327Kb / 12P
   SIM/Smart Card Level Translators in uMAX
Rev 0; 1/00
MAX3370 MAXIM-MAX3370 Datasheet
174Kb / 10P
   1uA, 2Mbps, Low-Voltage Level Translators in SC70
Rev 1; 2/01
MAX1806 MAXIM-MAX1806 Datasheet
263Kb / 10P
   500mA, Low-Voltage Linear Regulator in UMAX
Rev 0; 4/01
MAX13000E MAXIM-MAX13000E Datasheet
291Kb / 25P
   Ultra-Low-Voltage Level Translators Enable/Shutdown Control
Rev 1; 5/11
logo
Intersil Corporation
ISL3034E INTERSIL-ISL3034E_09 Datasheet
207Kb / 2P
   Best-in-Class ESD Protected Level Translators
logo
Maxim Integrated Produc...
MAX3372E MAXIM-MAX3372E_07 Datasheet
490Kb / 31P
   ±15kV ESD-Protected, 1μA, 16Mbps, Dual/Quad Low-Voltage Level Translators in UCSP
Rev 2; 11/07
MAX3378EEBC MAXIM-MAX3378EEBC Datasheet
357Kb / 26P
   ±15kV ESD-Protected, 1uA, 16Mbps, Dual Quad Low-Voltage Level Translators in UCSP
Rev 3; 1/13
MAX3372E MAXIM-MAX3372E_14 Datasheet
357Kb / 26P
   ±15kV ESD-Protected, 1μA, 16Mbps, Dual/Quad Low-Voltage Level Translators in UCSP
Rev 3; 1/13
MAX3376EEKA MAXIM-MAX3376EEKA Datasheet
357Kb / 26P
   ±15kV ESD-Protected, 1uA, 16Mbps, Dual Quad Low-Voltage Level Translators in UCSP
Rev 3; 1/13
MAX3370 MAXIM-MAX3370_V01 Datasheet
295Kb / 10P
   1關A, 2Mbps, Low-Voltage Level Translators in SC70 and 關DFN
2009
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com