Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1845 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX1845
Description  Dual, High-Efficiency, Step-Down Controller with Accurate Current Limit
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1845 Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX1845 Datasheet HTML 1Page - Maxim Integrated Products MAX1845 Datasheet HTML 2Page - Maxim Integrated Products MAX1845 Datasheet HTML 3Page - Maxim Integrated Products MAX1845 Datasheet HTML 4Page - Maxim Integrated Products MAX1845 Datasheet HTML 5Page - Maxim Integrated Products MAX1845 Datasheet HTML 6Page - Maxim Integrated Products MAX1845 Datasheet HTML 7Page - Maxim Integrated Products MAX1845 Datasheet HTML 8Page - Maxim Integrated Products MAX1845 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
For pricing, delivery, and ordering information, please contact Maxim/Dallas Direct! at
1-888-629-4642, or visit Maxim’s website at www.maxim-ic.com.
General Description
The MAX1845 is a dual PWM controller configured for
step-down (buck) topologies that provides high efficien-
cy, excellent transient response, and high DC output
accuracy necessary for stepping down high-voltage bat-
teries to generate low-voltage chipset and RAM power
supplies in notebook computers. The CS_ inputs can be
used with low-side sense resistors to provide accurate
current limits or can be connected to LX_, using low-side
MOSFETs as current-sense elements.
The on-demand PWM controllers are free running, con-
stant on-time with input feed-forward. This configuration
provides ultra-fast transient response, wide input-output
differential range, low supply current, and tight load-reg-
ulation characteristics. The MAX1845 is simple and easy
to compensate.
Single-stage buck conversion allows the MAX1845 to
directly step down high-voltage batteries for the highest
possible efficiency. Alternatively, two-stage conversion
(stepping down the 5V system supply instead of the bat-
tery at a higher switching frequency) allows the minimum
possible physical size.
The MAX1845 is intended for generating chipset, DRAM,
CPU I/O, or other low-voltage supplies down to 1V. For a
single-output version, refer to the MAX1844 data sheet.
The MAX1845 is available in 28-pin QSOP and 36-pin
thin QFN packages.
Applications
Notebook Computers
CPU Core Supplies
Chipset/RAM Supply as Low as 1V
1.8V and 2.5V I/O Supplies
Features
o Ultra-High Efficiency
o Accurate Current-Limit Option
o Quick-PWM™ with 100ns Load-Step Response
o 1% VOUT Accuracy over Line and Load
o Dual Mode™ Fixed 1.8V/1.5V/Adj or 2.5V/Adj Outputs
o Adjustable 1V to 5.5V Output Range
o 2V to 28V Battery Input Range
o 200/300/420/540kHz Nominal Switching Frequency
o Adjustable Overvoltage Protection
o 1.7ms Digital Soft-Start
o Drives Large Synchronous-Rectifier FETs
o Power-Good Window Comparator
o 2V ±1% Reference Output
Dual, High-Efficiency, Step-Down
Controller with Accurate Current Limit
________________________________________________________________ Maxim Integrated Products
1
19-1955; Rev 2; 1/03
Pin Configurations appear at end of data sheet.
Quick-PWM and Dual Mode are trademarks of Maxim Integrated
Products.
EVALUATION
KIT
AVAILABLE
VCC
OUTPUT1
1.8V
BATTERY
4.5V TO 28V
ILIM1
ON2
DL1
TON
OUT1
LX1
DH1
FB1
GND
VDD
BST1
ILIM2
ON1
REF
DL2
CS2
OUT2
LX2
DH2
FB2
V+
BST2
SKIP
5V INPUT
PGOOD
OUTPUT2
2.5V
MAX1845EEI
UVP
OVP
CS1
Minimal Operating Circuit
Ordering Information
PART
TEMP RANGE
PIN-PACKAGE
MAX1845EEI
-40°C to +85°C
28 QSOP
MAX1845ETX
-40°C to +85°C
36 Thin QFN
6mm 6mm


Similar Part No. - MAX1845

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX184 MAXIM-MAX184 Datasheet
493Kb / 12P
   High-Speed 12-Bit A/D Converters With External Refernce input
19-3127; Rev 0; 4/91
MAX1840 MAXIM-MAX1840 Datasheet
290Kb / 8P
   Low-Voltage SIM/Smart Card Level Translators in uMAX
Rev 0; 4/00
MAX1840EUB MAXIM-MAX1840EUB Datasheet
290Kb / 8P
   Low-Voltage SIM/Smart Card Level Translators in uMAX
Rev 0; 4/00
MAX1841EUB MAXIM-MAX1841EUB Datasheet
290Kb / 8P
   Low-Voltage SIM/Smart Card Level Translators in uMAX
Rev 0; 4/00
MAX1842 MAXIM-MAX1842 Datasheet
597Kb / 16P
   1A/2.7A, 1MHz, Step-Down Regulators with Synchronous Rectification and Internal Switches
19-1760; Rev 1; 2/02
More results

Similar Description - MAX1845

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1844 MAXIM-MAX1844 Datasheet
864Kb / 24P
   High-Speed Step-Down Controller with Accurate Current Limit for Notebook Computers
Rev 3; 9/02
MAX8764 MAXIM-MAX8764 Datasheet
597Kb / 23P
   High-Speed, Step-Down Controller with Accurate Current Limit for Notebook Computers
Rev 0; 3/05
logo
Monolithic Power System...
MPQ8623 MPS-MPQ8623 Datasheet
1Mb / 20P
   16V, 6A, High Efficiency, Synchronous, Step-Down Converter with Adjustable Current Limit
MPQ8626 MPS-MPQ8626 Datasheet
1Mb / 23P
   16V, 6A, High Efficiency, Synchronous,Step-Down Converter with Adjustable Current Limit
Rev. 1.1 8/16/2022
logo
Linear Technology
LTC3861-1 LINER-LTC3861-1_15 Datasheet
1Mb / 38P
   Dual, Multiphase Step-Down Voltage Mode DC/DC Controller with Accurate Current Sharing
LTC3861 LINER-LTC3861_15 Datasheet
977Kb / 38P
   Dual, Multiphase Step-Down Voltage Mode DC/DC Controller with Accurate Current Sharing
logo
STMicroelectronics
AN2816 STMICROELECTRONICS-AN2816 Datasheet
2Mb / 36P
   High-efficiency step-down controller
logo
Linear Technology
LTC3838 LINER-LTC3838 Datasheet
721Kb / 54P
   Dual, Fast, Accurate Step-Down DC/DC Controller
LTC3861-1 LINER-LTC3861-1 Datasheet
550Kb / 36P
   Dual, Multiphase Step-Down Voltage Mode DC/DC Controller with Accurate Current Sharing
logo
STMicroelectronics
AN2815 STMICROELECTRONICS-AN2815 Datasheet
2Mb / 42P
   High-efficiency step-down controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com