Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1836EUT50 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX1836EUT50
Description  24V Internal Switch, 100% Duty Cycle, Step-Down Converters
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1836EUT50 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX1836EUT50 Datasheet HTML 1Page - Maxim Integrated Products MAX1836EUT50 Datasheet HTML 2Page - Maxim Integrated Products MAX1836EUT50 Datasheet HTML 3Page - Maxim Integrated Products MAX1836EUT50 Datasheet HTML 4Page - Maxim Integrated Products MAX1836EUT50 Datasheet HTML 5Page - Maxim Integrated Products MAX1836EUT50 Datasheet HTML 6Page - Maxim Integrated Products MAX1836EUT50 Datasheet HTML 7Page - Maxim Integrated Products MAX1836EUT50 Datasheet HTML 8Page - Maxim Integrated Products MAX1836EUT50 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
24V Internal Switch, 100% Duty Cycle,
Step-Down Converters
4
_______________________________________________________________________________________
Typical Operating Characteristics
(Circuits of Figures 1 (MAX1836) and 2 (MAX1837), VIN = 12V, SHDN = IN, TA = +25°C.)
3.27
3.29
3.28
3.31
3.30
3.32
3.33
0
100
50
150
200
MAX1836EUT33
OUTPUT VOLTAGE vs. LOAD CURRENT
LOAD CURRENT (mA)
VIN = 5V
VIN = 9V to 12V
FIGURE 1
100
95
90
85
80
70
0.1
10
100
1
1000
MAX1836EUT33
EFFICIENCY vs. LOAD CURRENT
LOAD CURRENT (mA)
75
VIN = 9V
VIN = 12V
VIN = 5V
FIGURE 1
VOUT = 3.3V
3.27
3.29
3.28
3.31
3.30
3.32
3.33
0
150
200
50
100
250
300
350
MAX1837EUT33
OUTPUT VOLTAGE vs. LOAD CURRENT
LOAD CURRENT (mA)
VIN = 9V
VIN = 5V
VIN = 12V
FIGURE 2
100
95
90
85
80
70
0.1
10
100
1
1000
MAX1837EUT33
EFFICIENCY vs. LOAD CURRENT
LOAD CURRENT (mA)
75
VIN = 9V
VIN = 12V
VIN = 5V
FIGURE 2
VOUT = 3.3V
0
40
20
100
80
60
160
140
120
180
0
100
150
50
200
250
300
350
MAX1837EUT33
SWITCHING FREQUENCY vs. LOAD CURRENT
LOAD CURRENT (mA)
VIN = 9V
VIN = 5V
VIN = 12V
FIGURE 2
VOUT = 3.3V
3.27
3.29
3.28
3.31
3.30
3.32
3.33
0
4
8
12162024
MAX1837EUT33
OUTPUT VOLTAGE vs. INPUT VOLTAGE
INPUT VOLTAGE (V)
IOUT = 10mA
IOUT = 200mA
FIGURE 2
VOUT = 3.3V
L1 = 47
µH
Note 2: When using the shutdown input, the maximum output voltage allowed with external feedback is 5.5V. If the output voltage is
set above 5.5V, connect shutdown to the input.
Note 3: Shutdown input minimum slew rate (rising or falling) is 10V/ms.
Note 4: Specifications to -40°C are guaranteed by design, not production tested.
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
LX Zero-Crossing Threshold
-75
+75
mV
Shutdown Input Threshold
VSHDN
VIN = 4.5V to 24V (Note 3)
0.8
2.4
V
Shutdown Leakage Current
ISHDN
VSHDN = 0 or 24V
-1
+1
µA
ELECTRICAL CHARACTERISTICS (continued)
(Circuits of Figures 1 (MAX1836) and 2 (MAX1837), VIN = 12V, SHDN = IN, TA = -40°C to +85°C, unless otherwise noted.) (Note 4)


Similar Part No. - MAX1836EUT50

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1836EUT50-T MAXIM-MAX1836EUT50-T Datasheet
1Mb / 15P
   24V Internal Switch, 100% Duty Cycle, Step-Down Converters
2006
More results

Similar Description - MAX1836EUT50

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1836 MAXIM-MAX1836_V01 Datasheet
1Mb / 15P
   24V Internal Switch, 100% Duty Cycle, Step-Down Converters
2006
MAX1776 MAXIM-MAX1776 Datasheet
740Kb / 13P
   24V, 600mA Internal Switch, 100% Duty Cycle, Step-Down Converter
19-1975; Rev 2; 7/03
logo
ams AG
AS1341 AMSCO-AS1341 Datasheet
841Kb / 16P
   20V, 600mA, 100% Duty Cycle, Step-Down Converter
AS1341 AMSCO-AS1341_1 Datasheet
925Kb / 17P
   20V, 600mA, 100% Duty Cycle, Step-Down Converter
logo
ON Semiconductor
NCV890430 ONSEMI-NCV890430 Datasheet
160Kb / 9P
   Duty Cycle Step-Down Synchronous Regulator
June, 2015 ??Rev. P3
logo
Monolithic Power System...
MP8715 MPS-MP8715 Datasheet
392Kb / 19P
   100% Duty Cycle Synchronous 4A, 21V, 500kHz Step-Down Converter
logo
Linear Technology
LT3514 LINER-LT3514_15 Datasheet
476Kb / 26P
   Triple Step-Down Switching Regulator with 100 Duty Cycle Operation
LT3514 LINER-LT3514 Datasheet
330Kb / 6P
   Triple Step-Down Switching Regulator with 100% Duty Cycle Operation
logo
Maxim Integrated Produc...
MAX887 MAXIM-MAX887 Datasheet
146Kb / 12P
   100% Duty Cycle, Low-Noise, Step-Down, PWM DC-DC Converter
logo
Monolithic Power System...
MP2116 MPS-MP2116 Datasheet
532Kb / 13P
   2A, 6V, 100% Duty Cycle Synchronous Step-Down Converter with 0.5A LDO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com