Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1845ETX Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX1845ETX
Description  Dual, High-Efficiency, Step-Down Controller with Accurate Current Limit
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1845ETX Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX1845ETX Datasheet HTML 7Page - Maxim Integrated Products MAX1845ETX Datasheet HTML 8Page - Maxim Integrated Products MAX1845ETX Datasheet HTML 9Page - Maxim Integrated Products MAX1845ETX Datasheet HTML 10Page - Maxim Integrated Products MAX1845ETX Datasheet HTML 11Page - Maxim Integrated Products MAX1845ETX Datasheet HTML 12Page - Maxim Integrated Products MAX1845ETX Datasheet HTML 13Page - Maxim Integrated Products MAX1845ETX Datasheet HTML 14Page - Maxim Integrated Products MAX1845ETX Datasheet HTML 15Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 27 page
background image
Dual, High-Efficiency, Step-Down
Controller with Accurate Current Limit
______________________________________________________________________________________
11
time is determined solely by a one-shot whose pulse
width is inversely proportional to input voltage and
directly proportional to output voltage. Another one-shot
sets a minimum off-time (400ns typ). The on-time one-
shot is triggered if the error comparator is low, the low-
side switch current is below the current-limit threshold,
and the minimum off-time one-shot has timed out
(Table 3).
On-Time One-Shot (TON)
The heart of the PWM core is the one-shot that sets the
high-side switch on-time for both controllers. This fast,
low-jitter, adjustable one-shot includes circuitry that
varies the on-time in response to battery and output
voltage. The high-side switch on-time is inversely pro-
portional to the battery voltage as measured by the V+
input, and proportional to the output voltage. This algo-
rithm results in a nearly constant switching frequency
despite the lack of a fixed-frequency clock generator.
The benefits of a constant switching frequency are
twofold: First, the frequency can be selected to avoid
noise-sensitive regions such as the 455kHz IF band;
second, the inductor ripple-current operating point
remains relatively constant, resulting in easy design
methodology and predictable output voltage ripple.
The on-times for side 1 are set 35% higher than the on-
times for side 2. This is done to prevent audio-frequen-
cy “beating” between the two sides, which switch
asynchronously for each side. The on-time is given by:
On-Time = K (VOUT + 0.075V) / VIN
where K is set by the TON pin-strap connection (Table
4), and 0.075V is an approximation to accommodate
for the expected drop across the low-side MOSFET
switch. One-shot timing error increases for the shorter
on-time settings due to fixed propagation delays; it is
approximately ±12.5% at higher frequencies and ±10%
at lower frequencies. This translates to reduced switch-
ing-frequency accuracy at higher frequencies (Table
4). Switching frequency increases as a function of load
current due to the increasing drop across the low-side
MOSFET, which causes a faster inductor-current dis-
charge ramp. The on-times guaranteed in the Electrical
Characteristics tables are influenced by switching
delays in the external high-side power MOSFET.
VDD = 5V
BIAS SUPPLY
POWER-GOOD
INDICATOR
MAX1845EEI
VCC
OUTPUT1
1.8V, 8A
VIN
7V TO 24V
D3
CMPSH-3A
ILIM1
DL1
TON
CS1
OUT1
GND
C3
3
470
µF
C4
470
µF
D1
Q4
Q3
Q1
Q2
LX1
DH1
C5
0.1
µF
C6
0.1
µF
C7
0.22
µF
FB1
VDD
UVP
C8
1
µF
C1
3
10
µF
C2
2 10
µF
11
12
8
19
18
17
20
16
15
6
14
7
22
25
26
27
24
5
10
2
23
21
9
C11
1
µF
L1
2.2
µH
L2
4.7
µH
13
3
28
1
BST1
ILIM2
REF
ON1
ON2
OVP
DL2
CS2
5V
100k
OUT2
LX2
DH2
FB2
PGOOD
V+
4
BST2
SKIP
C9
4.7
µF
R1
20
R1
5m
OUTPUT2
2.5V, 4A
R2
10m
D2
ON/OFF
CONTROLS
Figure 1. Standard Application Circuit


Similar Part No. - MAX1845ETX

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX184 MAXIM-MAX184 Datasheet
493Kb / 12P
   High-Speed 12-Bit A/D Converters With External Refernce input
19-3127; Rev 0; 4/91
MAX1840 MAXIM-MAX1840 Datasheet
290Kb / 8P
   Low-Voltage SIM/Smart Card Level Translators in uMAX
Rev 0; 4/00
MAX1840EUB MAXIM-MAX1840EUB Datasheet
290Kb / 8P
   Low-Voltage SIM/Smart Card Level Translators in uMAX
Rev 0; 4/00
MAX1841EUB MAXIM-MAX1841EUB Datasheet
290Kb / 8P
   Low-Voltage SIM/Smart Card Level Translators in uMAX
Rev 0; 4/00
MAX1842 MAXIM-MAX1842 Datasheet
597Kb / 16P
   1A/2.7A, 1MHz, Step-Down Regulators with Synchronous Rectification and Internal Switches
19-1760; Rev 1; 2/02
More results

Similar Description - MAX1845ETX

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1844 MAXIM-MAX1844 Datasheet
864Kb / 24P
   High-Speed Step-Down Controller with Accurate Current Limit for Notebook Computers
Rev 3; 9/02
MAX8764 MAXIM-MAX8764 Datasheet
597Kb / 23P
   High-Speed, Step-Down Controller with Accurate Current Limit for Notebook Computers
Rev 0; 3/05
logo
Monolithic Power System...
MPQ8623 MPS-MPQ8623 Datasheet
1Mb / 20P
   16V, 6A, High Efficiency, Synchronous, Step-Down Converter with Adjustable Current Limit
MPQ8626 MPS-MPQ8626 Datasheet
1Mb / 23P
   16V, 6A, High Efficiency, Synchronous,Step-Down Converter with Adjustable Current Limit
Rev. 1.1 8/16/2022
logo
Linear Technology
LTC3861-1 LINER-LTC3861-1_15 Datasheet
1Mb / 38P
   Dual, Multiphase Step-Down Voltage Mode DC/DC Controller with Accurate Current Sharing
LTC3861 LINER-LTC3861_15 Datasheet
977Kb / 38P
   Dual, Multiphase Step-Down Voltage Mode DC/DC Controller with Accurate Current Sharing
logo
STMicroelectronics
AN2816 STMICROELECTRONICS-AN2816 Datasheet
2Mb / 36P
   High-efficiency step-down controller
logo
Linear Technology
LTC3838 LINER-LTC3838 Datasheet
721Kb / 54P
   Dual, Fast, Accurate Step-Down DC/DC Controller
LTC3861-1 LINER-LTC3861-1 Datasheet
550Kb / 36P
   Dual, Multiphase Step-Down Voltage Mode DC/DC Controller with Accurate Current Sharing
logo
STMicroelectronics
AN2815 STMICROELECTRONICS-AN2815 Datasheet
2Mb / 42P
   High-efficiency step-down controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com