Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1848EKA Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX1848EKA
Description  White LED Step-Up Converter in SOT23
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1848EKA Datasheet(HTML) 7 Page - Maxim Integrated Products

  MAX1848EKA Datasheet HTML 1Page - Maxim Integrated Products MAX1848EKA Datasheet HTML 2Page - Maxim Integrated Products MAX1848EKA Datasheet HTML 3Page - Maxim Integrated Products MAX1848EKA Datasheet HTML 4Page - Maxim Integrated Products MAX1848EKA Datasheet HTML 5Page - Maxim Integrated Products MAX1848EKA Datasheet HTML 6Page - Maxim Integrated Products MAX1848EKA Datasheet HTML 7Page - Maxim Integrated Products MAX1848EKA Datasheet HTML 8Page - Maxim Integrated Products MAX1848EKA Datasheet HTML 9Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
The output current and the number of LEDs in each leg
affect the capacitance of CCOMP. Table 1 shows the
minimum CCOMP values needed to stabilize the con-
verter in worst-case conditions. If further stability analy-
sis is required, note that the error amplifier has 50µA/V
transconductance.
Inductor Selection
The value of the inductor depends on the maximum
output current to the LEDs. See Table 1 for inductance
values and peak current ratings for the inductor.
Schottky Diode Selection
The MAX1848’s high-switching frequency demands a
high-speed rectification diode. A Schottky diode is
required due to their fast recovery time and low for-
ward-voltage drop. Ensure that the diode’s average
and peak current rating exceed the average output cur-
rent and peak inductor current, respectively. In addi-
tion, the diode’s reverse breakdown voltage must
exceed VOUT.
Applications Information
Connecting Four or Six LEDs
The MAX1848 can drive one, two, or three legs of LEDs
(Figure 2) as long as the total number of LEDs does not
exceed six. Each leg must contain the same number of
LEDs and the same sense-resistor value. Adding the
second or third leg does not affect the sense-resistor
value (see the Adjusting LED Current section).
Three legs of two LEDs is more efficient than two legs
of three LEDs (see Efficiency Graphs in the Typical
Operating Characteristics); however, a third sense
resistor is needed. Multiple legs can have slight current
mismatches due to component tolerances.
PC Board Layout
Due to fast-switching waveforms and high-current
paths, careful PC board layout is required. Protoboards
and wire-wrap boards should not be used for evalua-
tion. An evaluation kit (MAX1848EV kit) is available to
aid design.
When laying out a board, minimize trace lengths
between the IC and RSENSE, the inductor, the diode,
the input capacitor, and the output capacitor. Keep
traces short, direct, and wide. Keep noisy traces, such
as the inductor's traces, away from CS. V+’s bypass
capacitor (CIN) should be placed as close to the IC as
possible. PGND and GND should be connected in only
one place as close to the IC as possible. The ground
connections of CIN and COUT should be as close
together as possible. The traces from V+ to the induc-
tor and from the Schottky diode to the LEDs may
be longer.
Refer to the MAX1848 EV kit for an example of proper
layout.
Chip Information
TRANSISTOR COUNT: 1290
I
I
I
DIODE(RMS)
OUT
PEAK
×
White LED Step-Up Converter in SOT23
_______________________________________________________________________________________
7
INDUCTOR
ILED
(mA)
NO. OF
LEDs
CCOMP
(µF)
L (µH)
IPEAK(mA)
3
0.220
12
2
0.100
56
80
3
0.150
20
2
0.068
33
130
3
0.100
40
2
0.047
15
260
3
0.068
60
2
0.01
10
375
Table 1. Component Selection
V+
CTRL
COMP
LX
OUT
PGND
GND
CS
2.6V to 5.5V
LOGIC
OR DAC
3.3
µF
0.01
µF
10
µH
1
µF
D1
MAX1848
30
RSENSE
5
25
Figure 2. Six LEDs in 3 x 2 Configuration


Similar Part No. - MAX1848EKA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX184 MAXIM-MAX184 Datasheet
493Kb / 12P
   High-Speed 12-Bit A/D Converters With External Refernce input
19-3127; Rev 0; 4/91
MAX1840 MAXIM-MAX1840 Datasheet
290Kb / 8P
   Low-Voltage SIM/Smart Card Level Translators in uMAX
Rev 0; 4/00
MAX1840EUB MAXIM-MAX1840EUB Datasheet
290Kb / 8P
   Low-Voltage SIM/Smart Card Level Translators in uMAX
Rev 0; 4/00
MAX1841EUB MAXIM-MAX1841EUB Datasheet
290Kb / 8P
   Low-Voltage SIM/Smart Card Level Translators in uMAX
Rev 0; 4/00
MAX1842 MAXIM-MAX1842 Datasheet
597Kb / 16P
   1A/2.7A, 1MHz, Step-Down Regulators with Synchronous Rectification and Internal Switches
19-1760; Rev 1; 2/02
More results

Similar Description - MAX1848EKA

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC1647 AIC-AIC1647 Datasheet
413Kb / 11P
   WHITE LED STEP-UP CONVERTER IN SOT23
logo
IXYS Corporation
MX841 IXYS-MX841 Datasheet
202Kb / 6P
   White LED Step-Up Converter
logo
Anachip Corp
AP1521 ANACHIP-AP1521 Datasheet
200Kb / 8P
   White LED Step-Up Converter
logo
Unisonic Technologies
L1937 UTC-L1937 Datasheet
60Kb / 7P
   WHITE LED STEP-UP CONVERTER
logo
BCD Semiconductor Manuf...
AP3019A BCDSEMI-AP3019A Datasheet
619Kb / 15P
   WHITE LED STEP-UP CONVERTER
logo
Unisonic Technologies
L5100 UTC-L5100_10 Datasheet
294Kb / 7P
   WHITE LED STEP-UP CONVERTER
logo
BCD Semiconductor Manuf...
AP3036 BCDSEMI-AP3036 Datasheet
484Kb / 14P
   WHITE LED STEP-UP CONVERTER
logo
Diodes Incorporated
AP3036B DIODES-AP3036B Datasheet
517Kb / 11P
   WHITE LED STEP-UP CONVERTER
logo
Unisonic Technologies
L5100 UTC-L5100 Datasheet
121Kb / 7P
   WHITE LED STEP-UP CONVERTER
logo
Gamma Microelectronics ...
GM1937 GAMMA-GM1937 Datasheet
133Kb / 9P
   WHITE LED STEP-UP CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com