Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1858A Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX1858A
Description  Dual 180째 Out-of-Phase Buck Controllers with Sequencing/Prebias Startup and POR
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1858A Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX1858A Datasheet HTML 4Page - Maxim Integrated Products MAX1858A Datasheet HTML 5Page - Maxim Integrated Products MAX1858A Datasheet HTML 6Page - Maxim Integrated Products MAX1858A Datasheet HTML 7Page - Maxim Integrated Products MAX1858A Datasheet HTML 8Page - Maxim Integrated Products MAX1858A Datasheet HTML 9Page - Maxim Integrated Products MAX1858A Datasheet HTML 10Page - Maxim Integrated Products MAX1858A Datasheet HTML 11Page - Maxim Integrated Products MAX1858A Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
With dual, synchronized, out-of-phase operation, the
MAX1858A/MAX1875A/MAX1876As’ high-side MOSFETs
turn on 180° out-of-phase. The instantaneous input cur-
rent peaks of both regulators no longer overlap, resulting
in reduced RMS ripple current and input voltage ripple.
This reduces the required input capacitor ripple-current
rating, allowing fewer or less expensive capacitors, and
reduces shielding requirements for EMI. The Out-of-
Phase Waveforms in the Typical Operating Charac-
teristics demonstrate synchronized 180° out-of-phase
operation.
Internal 5V Linear Regulator (VL)
All MAX1858A/MAX1875A/MAX1876A functions are
internally powered from an on-chip, low-dropout 5V
regulator. The maximum regulator input voltage (V+) is
23V. Bypass the regulator’s output (VL) with a 4.7µF
ceramic capacitor to PGND. The VL dropout voltage is
typically 500mV, so when V+ is greater than 5.5V, VL is
typically 5V. The MAX1858A/MAX1875A/MAX1876A
also employs an undervoltage lockout circuit that dis-
ables both regulators when VL falls below 4.2V. VL
should also be bypassed to GND with a 0.1µF capaci-
tor. When VL falls and UVLO is tripped, the device is
latched and VL must be discharged below 2.5V before
normal operation can resume.
Dual 180° Out-of-Phase Buck Controllers with
Sequencing/Prebias Startup and POR
8
_______________________________________________________________________________________
V+
BST1
DH1
LX1
DL1
VL
BST2
DH2
LX2
DL2
FB1
COMP1
*IRF7811W
**OPTIONAL
FB2
COMP2
PGND
REF
GND
OSC
SYNC
CKO
ILIM1
ILIM2
EN
OFF
ON
RESET OUTPUT
CLOCK OUTPUT
VL
RST (MAX1858A/
MAX1876A ONLY)
MAX1858A
MAX1875A
MAX1876A
CV+
0.22
µF
CIN1
2
× 10µF
COUT1
4
× 220µF
NH1*
NL1*
L1
1.1
µH
OUTPUT1
VOUT = 1.8V
VIN
6V - 23V
CBST1
0.1
µF
R1A
8.06k
R1B
10k
10k
RCOMP1
5.9k
CCOMP1A
0.01
µF
CCOMP1B
100pF
CREF
0.22
µF
CCOMP2A
6800pF
CCOMP2B
100pF
RCOMP2
8.2k
R2B
10k
96.5k
140k
R2A
15k
4.7
4.7
RV+
4.7
NL2*
**
**
NH2*
L2
1.1
µH
CMPSH-3A
COUT2
4
× 220µF
CIN2
2
× 10µF
OUTPUT2
VOUT = 2.5V
CBST2
0.1
µF
CVL
4.7
µF
0.1
µF
118k
D3
CMSSH-3
84.5k
D2
CMSSH-3
Figure 1. Standard 600kHz Application Circuit


Similar Part No. - MAX1858A

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1858 MAXIM-MAX1858 Datasheet
537Kb / 21P
   Dual 180째 Out-of-Phase PWM Step-Down Controller with Power Sequencing and POR
Rev 0; 7/02
MAX1858EEG MAXIM-MAX1858EEG Datasheet
537Kb / 21P
   Dual 180째 Out-of-Phase PWM Step-Down Controller with Power Sequencing and POR
Rev 0; 7/02
More results

Similar Description - MAX1858A

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1875 MAXIM-MAX1875 Datasheet
493Kb / 21P
   Dual 180째 Out-of-Phase PWM Step- Down Controllers with POR
Rev 0; 7/02
MAX1858 MAXIM-MAX1858 Datasheet
537Kb / 21P
   Dual 180째 Out-of-Phase PWM Step-Down Controller with Power Sequencing and POR
Rev 0; 7/02
MAX8529 MAXIM-MAX8529_07 Datasheet
368Kb / 20P
   1.5MHz Dual 180째 Out-of-Phase PWM Step-Down Controller with POR
Rev 1; 4/07
MAX1970 MAXIM-MAX1970 Datasheet
371Kb / 20P
   Dual, 180째 Out-of-Phase, 1.4MHz, 750mA Step- Down Regulator with POR and RSI/PFO
19-2297; Rev 0; 1/02
logo
Renesas Technology Corp
ISL6442 RENESAS-ISL6442 Datasheet
784Kb / 17P
   Dual (180째 Out-of-Phase) PWM and Linear Controller
logo
Intersil Corporation
ISL6442 INTERSIL-ISL6442 Datasheet
313Kb / 16P
   Dual (180째 Out-of-Phase) PWM and Linear Controller
ISL6446 INTERSIL-ISL6446 Datasheet
1Mb / 20P
   Dual (180째 Out-of-Phase) PWM and Linear Controller
ISL6446IAZ-TK INTERSIL-ISL6446IAZ-TK Datasheet
1Mb / 19P
   Dual (180째 Out-of-Phase) PWM and Linear Controller
logo
Maxim Integrated Produc...
MAX8543-MAX8544 MAXIM-MAX8543-MAX8544 Datasheet
399Kb / 27P
   Step-Down Controllers with Prebias Startup, Lossless Sensing, Synchronization, and OVP
Rev 0; 5/04
MAX1955 MAXIM-MAX1955 Datasheet
625Kb / 22P
   1.6V to 5.5V Input, 0.5% Accurate, Dual 180째 Out-of-Phase Step-Down Controllers
Rev 0; 1/03
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com