Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74AHC_AHCT1G04 Datasheet(PDF) 6 Page - NXP Semiconductors

Part # 74AHC_AHCT1G04
Description  Inverter
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74AHC_AHCT1G04 Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button 74AHC_AHCT1G04_15 Datasheet HTML 2Page - NXP Semiconductors 74AHC_AHCT1G04_15 Datasheet HTML 3Page - NXP Semiconductors 74AHC_AHCT1G04_15 Datasheet HTML 4Page - NXP Semiconductors 74AHC_AHCT1G04_15 Datasheet HTML 5Page - NXP Semiconductors 74AHC_AHCT1G04_15 Datasheet HTML 6Page - NXP Semiconductors 74AHC_AHCT1G04_15 Datasheet HTML 7Page - NXP Semiconductors 74AHC_AHCT1G04_15 Datasheet HTML 8Page - NXP Semiconductors 74AHC_AHCT1G04_15 Datasheet HTML 9Page - NXP Semiconductors 74AHC_AHCT1G04_15 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
74AHC_AHCT1G04
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2015. All rights reserved.
Product data sheet
Rev. 9 — 10 March 2015
6 of 14
NXP Semiconductors
74AHC1G04; 74AHCT1G04
Inverter
11. Dynamic characteristics
[1]
tpd is the same as tPLH and tPHL.
[2]
Typical values are measured at VCC = 3.3 V.
[3]
Typical values are measured at VCC = 5.0 V.
[4]
CPD is used to determine the dynamic power dissipation PD (W).
PD =CPD  VCC2  fi +  (CL  VCC2  fo)where:
fi = input frequency in MHz; fo = output frequency in MHz;
CL = output load capacitance in pF;
VCC = supply voltage in Volts;
N = total load switching outputs;
(C
L  VCC
2
 f
o) = sum of outputs.
Table 8.
Dynamic characteristics
GND = 0 V; tr = tf = 3.0 ns. For test circuit see Figure 7.
Symbol
Parameter
Conditions
25
C
40 C to +85 C 40 C to +125 C Unit
Min
Typ
Max
Min
Max
Min
Max
74AHC1G04
tpd
propagation
delay
A to Y; see Figure 6
[1]
VCC = 3.0 V to 3.6 V
[2]
CL = 15 pF
-
4.3
7.1
1.0
8.5
1.0
11.0
ns
CL = 50 pF
-
6.1
10.6
1.0
12
1.0
14.5
ns
VCC = 4.5 V to 5.5 V
[3]
CL = 15 pF
-
3.1
5.5
1.0
6.5
1.0
7.0
ns
CL = 50 pF
-
4.5
7.5
1.0
8.5
1.0
9.5
ns
CPD
power
dissipation
capacitance
per buffer;
CL =50pF;f= 1 MHz;
VI =GND to VCC
[4]
-15-
-
-
-
-
pF
74AHCT1G04
tpd
propagation
delay
A to Y; see Figure 6
[1]
VCC = 4.5 V to 5.5 V
[3]
CL = 15 pF
-
3.4
6.7
1.0
7.5
1.0
8.5
ns
CL = 50 pF
-
4.9
7.7
1.0
8.5
1.0
10.0
ns
CPD
power
dissipation
capacitance
per buffer;
CL =50pF;f= 1 MHz;
VI =GND to VCC
[4]
-16-
-
-
-
-
pF


Similar Part No. - 74AHC_AHCT1G04_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AHC_AHCT1G07 PHILIPS-74AHC_AHCT1G07_15 Datasheet
140Kb / 12P
   Buffer with open-drain output
Rev. 7-18 November 2014
More results

Similar Description - 74AHC_AHCT1G04_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC1GU04 PHILIPS-74LVC1GU04 Datasheet
96Kb / 15P
   Inverter
2004 Sep 21
logo
Sumida Corporation
CIUH7D45 SUMIDA-CIUH7D45 Datasheet
160Kb / 1P
   INVERTER
logo
Toshiba Semiconductor
TC7S04FTE85LF TOSHIBA-TC7S04FTE85LF Datasheet
183Kb / 7P
   Inverter
logo
Unisonic Technologies
U74AHCT3G04 UTC-U74AHCT3G04 Datasheet
193Kb / 5P
   INVERTER
logo
NXP Semiconductors
74HC3G04 NXP-74HC3G04 Datasheet
91Kb / 13P
   Inverter
Rev. 03-2 July 2008
logo
Toshiba Semiconductor
TC7SZ04AFE TOSHIBA-TC7SZ04AFE_07 Datasheet
153Kb / 5P
   Inverter
TC7SU04F TOSHIBA-TC7SU04F_01 Datasheet
225Kb / 6P
   INVERTER
TC7S04F TOSHIBA-TC7S04F_01 Datasheet
229Kb / 6P
   INVERTER
TC7SZ04AFS TOSHIBA-TC7SZ04AFS Datasheet
166Kb / 6P
   INVERTER
logo
Renesas Technology Corp
RJP65D05DWA RENESAS-RJP65D05DWA Datasheet
157Kb / 4P
   Inverter
RJP65M04DWA RENESAS-RJP65M04DWA_15 Datasheet
147Kb / 4P
   Inverter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com