Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1836-MAX1837 Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX1836-MAX1837
Description  24V Internal Switch, 100% Duty Cycle, Step-Down Converters
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1836-MAX1837 Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX1836-MAX1837 Datasheet HTML 5Page - Maxim Integrated Products MAX1836-MAX1837 Datasheet HTML 6Page - Maxim Integrated Products MAX1836-MAX1837 Datasheet HTML 7Page - Maxim Integrated Products MAX1836-MAX1837 Datasheet HTML 8Page - Maxim Integrated Products MAX1836-MAX1837 Datasheet HTML 9Page - Maxim Integrated Products MAX1836-MAX1837 Datasheet HTML 10Page - Maxim Integrated Products MAX1836-MAX1837 Datasheet HTML 11Page - Maxim Integrated Products MAX1836-MAX1837 Datasheet HTML 12Page - Maxim Integrated Products MAX1836-MAX1837 Datasheet HTML 13Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
MAX1836/MAX1837 Stability
Commonly, instability is caused by excessive noise on
the feedback signal or ground due to poor layout or
improper component selection. When seen, instability
typically manifests itself as “motorboating,” which is
characterized by grouped switching pulses with large
gaps and excessive low-frequency output ripple during
no-load or light-load conditions.
PC Board Layout and Grounding
High switching frequencies and large peak currents
make PC board layout an important part of the design.
Poor layout may introduce switching noise into the
feedback path, resulting in jitter, instability, or degrad-
ed performance. High-power traces, bolded in the typi-
cal application circuits (Figures 1 and 2), should be as
short and wide as possible. Additionally, the current
loops formed by the power components (CIN, COUT,
L1, and D1) should be as tight as possible to avoid
radiated noise. Connect the ground pins of these
power components at a common node in a star-ground
configuration. Separate the noisy traces, such as the
LX node, from the feedback network with grounded
copper. Furthermore, keep the extra copper on the
board, and integrate it into a pseudoground plane.
When using external feedback, place the resistors as
close to the feedback pin as possible to minimize noise
coupling. The MAX1837 evaluation kit shows the rec-
ommended layout.
Applications Information
High-Voltage Step-Down Converter
The typical application circuits’ (Figures 1 and 2) com-
ponents were selected for 9V battery applications.
However, the MAX1836/MAX1837 input voltage range
allows supply voltages up to 24V. Figure 6 shows a
modified application circuit for high-voltage applica-
tions. When using higher input voltages, verify that the
input capacitor’s voltage rating exceeds VIN(MAX) and
that the inductor value exceeds the minimum induc-
tance recommended in the Inductor Selection section.
Inverter Configuration
Figure 7 shows the MAX1836/MAX1837 in a floating
ground configuration. By connecting what would nor-
mally be the output to the supply-voltage ground, the
IC’s ground pin is forced to regulate to -5V
(MAX183_EUT50) or -3.3V (MAX183_EUT33). Avoid
exceeding the maximum ratings of 24V between IN and
GND, and 5.5V between OUT and GND. Other negative
voltages may be generated by placing a resistive
divider across the output capacitor and connecting the
tap to FB in the same manner as the normal step-down
configuration.
24V Internal Switch, 100% Duty Cycle,
Step-Down Converters
______________________________________________________________________________________
11
SUPPLIER
PHONE
FAX
WEBSITE
INDUCTORS
Coilcraft
847-639-6400
847-639-1469
www.coilcraft.com
Coiltronics
561-241-7876
561-241-9339
www.coiltronics.com
Sumida USA
847-956-0666
847-956-0702
www.sumida.com
Toko
847-297-0070
847-699-1194
www.tokoam.com
CAPACITORS
AVX
803-946-0690
803-626-3123
www.avxcorp.com
Kemet
408-986-0424
408-986-1442
www.kemet.com
Panasonic
847-468-5624
847-468-5815
www.panasonic.com
Sanyo
619-661-6835
619-661-1055
www.secc.co.jp
Taiyo Yuden
408-573-4150
408-573-4159
www.t-yuden.com
DIODES
Central Semiconductor
516-435-1110
516-435-1824
www.centralsemi.com
International
310-322-3331
310-322-3332
www.irf.com
Nihon
847-843-7500
847-843-2798
www.niec.co.jp
On Semiconductor
602-303-5454
602-994-6430
www.onsemi.com
Zetex
516-543-7100
516-864-7630
www.zetex.com
Table 1. Component Suppliers


Similar Part No. - MAX1836-MAX1837

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1836 MAXIM-MAX1836 Datasheet
1Mb / 15P
   24V Internal Switch, 100% Duty Cycle, Step-Down Converters
2006
MAX1836ETT33-T MAXIM-MAX1836ETT33-T Datasheet
1Mb / 15P
   24V Internal Switch, 100% Duty Cycle, Step-Down Converters
2006
MAX1836ETT50-T MAXIM-MAX1836ETT50-T Datasheet
1Mb / 15P
   24V Internal Switch, 100% Duty Cycle, Step-Down Converters
2006
MAX1836EUT33-T MAXIM-MAX1836EUT33-T Datasheet
1Mb / 15P
   24V Internal Switch, 100% Duty Cycle, Step-Down Converters
2006
MAX1836EUT50-T MAXIM-MAX1836EUT50-T Datasheet
1Mb / 15P
   24V Internal Switch, 100% Duty Cycle, Step-Down Converters
2006
More results

Similar Description - MAX1836-MAX1837

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1836 MAXIM-MAX1836_V01 Datasheet
1Mb / 15P
   24V Internal Switch, 100% Duty Cycle, Step-Down Converters
2006
MAX1776 MAXIM-MAX1776 Datasheet
740Kb / 13P
   24V, 600mA Internal Switch, 100% Duty Cycle, Step-Down Converter
19-1975; Rev 2; 7/03
logo
ams AG
AS1341 AMSCO-AS1341 Datasheet
841Kb / 16P
   20V, 600mA, 100% Duty Cycle, Step-Down Converter
AS1341 AMSCO-AS1341_1 Datasheet
925Kb / 17P
   20V, 600mA, 100% Duty Cycle, Step-Down Converter
logo
ON Semiconductor
NCV890430 ONSEMI-NCV890430 Datasheet
160Kb / 9P
   Duty Cycle Step-Down Synchronous Regulator
June, 2015 ??Rev. P3
logo
Monolithic Power System...
MP8715 MPS-MP8715 Datasheet
392Kb / 19P
   100% Duty Cycle Synchronous 4A, 21V, 500kHz Step-Down Converter
logo
Linear Technology
LT3514 LINER-LT3514_15 Datasheet
476Kb / 26P
   Triple Step-Down Switching Regulator with 100 Duty Cycle Operation
LT3514 LINER-LT3514 Datasheet
330Kb / 6P
   Triple Step-Down Switching Regulator with 100% Duty Cycle Operation
logo
Maxim Integrated Produc...
MAX887 MAXIM-MAX887 Datasheet
146Kb / 12P
   100% Duty Cycle, Low-Noise, Step-Down, PWM DC-DC Converter
logo
Monolithic Power System...
MP2116 MPS-MP2116 Datasheet
532Kb / 13P
   2A, 6V, 100% Duty Cycle Synchronous Step-Down Converter with 0.5A LDO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com