Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX186BCPP Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX186BCPP
Description  Low-Power, 8-Channel, Serial 12-Bit ADCs
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX186BCPP Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX186BCPP Datasheet HTML 6Page - Maxim Integrated Products MAX186BCPP Datasheet HTML 7Page - Maxim Integrated Products MAX186BCPP Datasheet HTML 8Page - Maxim Integrated Products MAX186BCPP Datasheet HTML 9Page - Maxim Integrated Products MAX186BCPP Datasheet HTML 10Page - Maxim Integrated Products MAX186BCPP Datasheet HTML 11Page - Maxim Integrated Products MAX186BCPP Datasheet HTML 12Page - Maxim Integrated Products MAX186BCPP Datasheet HTML 13Page - Maxim Integrated Products MAX186BCPP Datasheet HTML 14Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
single-ended unipolar conversions on CH7 in external
clock mode without powering down between conver-
sions. In external clock mode, the SSTRB output pulses
high for one clock period before the most significant bit
of the 12-bit conversion result comes out of DOUT.
Varying the analog input to CH7 should alter the
sequence of bits from DOUT. A total of 15 clock cycles
is required per conversion. All transitions of the SSTRB
and DOUT outputs occur on the falling edge of SCLK.
How to Start a Conversion
A conversion is started on the MAX186/MAX188 by
clocking a control byte into DIN. Each rising edge on
SCLK, with
CS low, clocks a bit from DIN into the
MAX186/MAX188’s internal shift register. After
CS falls,
the first arriving logic “1” bit defines the MSB of the
control byte. Until this first “start” bit arrives, any num-
ber of logic “0” bits can be clocked into DIN with no
effect. Table 2 shows the control-byte format.
The MAX186/MAX188 are fully compatible with
Microwire and SPI devices. For SPI, select the correct
clock polarity and sampling edge in the SPI control reg-
isters: set CPOL = 0 and CPHA = 0. Microwire and SPI
both transmit a byte and receive a byte at the same
time. Using the
Typical Operating Circuit, the simplest
software interface requires only three 8-bit transfers to
perform a conversion (one 8-bit transfer to configure
the ADC, and two more 8-bit transfers to clock out the
12-bit conversion result).
Example: Simple Software Interface
Make sure the CPU’s serial interface runs in master
mode so the CPU generates the serial clock. Choose a
clock frequency from 100kHz to 2MHz.
1) Set up the control byte for external clock mode, call
it TB1. TB1 should be of the format: 1XXXXX11
Binary, where the Xs denote the particular channel
and conversion-mode selected.
Low-Power, 8-Channel,
Serial 12-Bit ADCs
10
______________________________________________________________________________________
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
(MSB)
(LSB)
START
SEL2
SEL1
SEL0
UNI/
BIP
SGL/
DIF
PD1
PD0
Bit
Name
Description
7(MSB)
START
The first logic “1” bit after
CS goes low defines the beginning of the control byte.
6
SEL2
These three bits select which of the eight channels are used for the conversion.
5
SEL1
See Tables 3 and 4.
4
SEL0
3
UNI/
BIP
1 = unipolar, 0 = bipolar. Selects unipolar or bipolar conversion mode. In unipolar
mode, an analog input signal from 0V to VREF can be converted; in bipolar mode, the
signal can range from -VREF/2 to +VREF/2.
2
SGL/
DIF
1 = single ended, 0 = differential. Selects single-ended or differential conversions. In
single-ended mode, input signal voltages are referred to AGND. In differential mode,
the voltage difference between two channels is measured. See Tables 3 and 4.
1
PD1
Selects clock and power-down modes.
0(LSB)
PD0
PD1
PD0
Mode
00
Full power-down (IQ = 2µA)
01
Fast power-down (IQ = 30µA)
10
Internal clock mode
1
1
External clock mode
Table 2. Control-Byte Format


Similar Part No. - MAX186BCPP

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX186 MAXIM-MAX186 Datasheet
627Kb / 18P
   Unipolar 4.096V or Bipolar -2.048V to 2.048V Input Ranges
Rev. 2; 6/08
MAX1864 MAXIM-MAX1864 Datasheet
384Kb / 25P
   xDSL/Cable Modem Triple/Quintuple Output Power Supplies
Rev 0; 4/01
MAX1864-MAX1865 MAXIM-MAX1864-MAX1865 Datasheet
384Kb / 25P
   xDSL/Cable Modem Triple/Quintuple Output Power Supplies
Rev 0; 4/01
MAX1864TEEE MAXIM-MAX1864TEEE Datasheet
384Kb / 25P
   xDSL/Cable Modem Triple/Quintuple Output Power Supplies
Rev 0; 4/01
MAX1864UEEE MAXIM-MAX1864UEEE Datasheet
384Kb / 25P
   xDSL/Cable Modem Triple/Quintuple Output Power Supplies
Rev 0; 4/01
More results

Similar Description - MAX186BCPP

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX186 MAXIM-MAX186_V01 Datasheet
394Kb / 25P
   Low-Power, 8-Channel, Serial 12-Bit ADCs
2012
MAX146 MAXIM-MAX146 Datasheet
198Kb / 24P
   2.7Low-Power, 8-Channel, Serial 12-Bit ADCs
Rev 1; 6/97
MAX11661 MAXIM-MAX11661_12 Datasheet
2Mb / 28P
   500ksps, Low-Power, Serial 12-/10-/8-Bit ADCs
Rev 4; 1/12
MAX11129 MAXIM-MAX11129 Datasheet
2Mb / 36P
   3Msps, Low-Power, Serial 12-/10-Bit, 8-/16-Channel ADCs
Rev 1; 11/11
MAX11129_V4 MAXIM-MAX11129_V4 Datasheet
2Mb / 36P
   3Msps, Low-Power, Serial 12-/10-Bit,8-/16-Channel ADCs
Rev 4; 6/12
MAX11661 MAXIM-MAX11661 Datasheet
1Mb / 28P
   500ksps, Low-Power, Serial 12-/10-/8-Bit ADCs
Rev 1; 1/11
MAX11661_1111 MAXIM-MAX11661_1111 Datasheet
2Mb / 28P
   500ksps, Low-Power, Serial 12-/10-/8-Bit ADCs
Rev 3; 11/11
MAX11661_1204 MAXIM-MAX11661_1204 Datasheet
2Mb / 28P
   500ksps, Low-Power,Serial 12-/10-/8-Bit ADCs
Rev 5; 4/12
MAX11129 MAXIM-MAX11129_12 Datasheet
3Mb / 36P
   3Msps, Low-Power, Serial 12-/10-Bit,8-/16-Channel ADCs
Rev 3; 4/12
MAX11120 MAXIM-MAX11120 Datasheet
3Mb / 40P
   1Msps, Low-Power, Serial 12-/10-/8-Bit, 4-/8-/16-Channel ADCs
Rev 0; 12/11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com