Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX187ACPA Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX187ACPA
Description  5V, Low-Power, 12-Bit Serial ADCs
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX187ACPA Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX187ACPA Datasheet HTML 2Page - Maxim Integrated Products MAX187ACPA Datasheet HTML 3Page - Maxim Integrated Products MAX187ACPA Datasheet HTML 4Page - Maxim Integrated Products MAX187ACPA Datasheet HTML 5Page - Maxim Integrated Products MAX187ACPA Datasheet HTML 6Page - Maxim Integrated Products MAX187ACPA Datasheet HTML 7Page - Maxim Integrated Products MAX187ACPA Datasheet HTML 8Page - Maxim Integrated Products MAX187ACPA Datasheet HTML 9Page - Maxim Integrated Products MAX187ACPA Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
+5V, Low-Power, 12-Bit Serial ADCs
6
_______________________________________________________________________________________
0.12
0.10
0.08
0.06
0.04
0.02
0
-60
-20
20
60
100
140
TEMPERATURE (°C)
POWER-SUPPLY REJECTION vs.
TEMPERATURE
0.14
0.16
4.090
4.087
4.084
4.081
-60
-20
20
60
140
TEMPERATURE (°C)
VREF vs. TEMPERATURE
100
4.089
4.088
4.086
4.085
4.083
4.082
4.080
1.8
1.4
1.0
0.6
0.2
-60
-20
20
60
100
140
TEMPERATURE (°C)
MAX187
MAX189
SUPPLY CURRENT vs. TEMPERATURE
2.2
________________________________________________Typical Operating Characteristics
5
4
3
2
1
0
-60
-20
20
60
100
140
TEMPERATURE (°C)
SHUTDOWN SUPPLY CURRENT vs.
TEMPERATURE
6
7


Similar Part No. - MAX187ACPA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX187ACPA++ MAXIM-MAX187ACPA+ Datasheet
459Kb / 18P
   5V, Low-Power, 12-Bit Serial ADCs
2012
More results

Similar Description - MAX187ACPA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX187 MAXIM-MAX187_V01 Datasheet
459Kb / 18P
   5V, Low-Power, 12-Bit Serial ADCs
2012
MAX1270BCAI MAXIM-MAX1270BCAI Datasheet
814Kb / 20P
   Multirange, 5V, 8-Channel, Serial 12-Bit ADCs
Rev 2; 9/04
MAX1270 MAXIM-MAX1270 Datasheet
808Kb / 20P
   Multirange, 5V, 8-Channel, Serial 12-Bit ADCs
Rev 2; 9/04
MAX186 MAXIM-MAX186 Datasheet
245Kb / 24P
   Low-Power, 8-Channel, Serial 12-Bit ADCs
Rev. 4; 8/96
MAX186 MAXIM-MAX186_V01 Datasheet
394Kb / 25P
   Low-Power, 8-Channel, Serial 12-Bit ADCs
2012
MAX11661 MAXIM-MAX11661_12 Datasheet
2Mb / 28P
   500ksps, Low-Power, Serial 12-/10-/8-Bit ADCs
Rev 4; 1/12
MAX11661 MAXIM-MAX11661 Datasheet
1Mb / 28P
   500ksps, Low-Power, Serial 12-/10-/8-Bit ADCs
Rev 1; 1/11
MAX11661_1111 MAXIM-MAX11661_1111 Datasheet
2Mb / 28P
   500ksps, Low-Power, Serial 12-/10-/8-Bit ADCs
Rev 3; 11/11
MAX11661_1204 MAXIM-MAX11661_1204 Datasheet
2Mb / 28P
   500ksps, Low-Power,Serial 12-/10-/8-Bit ADCs
Rev 5; 4/12
MAX11102 MAXIM-MAX11102_V01 Datasheet
2Mb / 30P
   2Msps/3Msps, Low-Power, Serial 12-/10-/8-Bit ADCs
2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com