Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1858 Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX1858
Description  Dual 180째 Out-of-Phase Buck Controllers with Sequencing/Prebias Startup and POR
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1858 Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX1858 Datasheet HTML 7Page - Maxim Integrated Products MAX1858 Datasheet HTML 8Page - Maxim Integrated Products MAX1858 Datasheet HTML 9Page - Maxim Integrated Products MAX1858 Datasheet HTML 10Page - Maxim Integrated Products MAX1858 Datasheet HTML 11Page - Maxim Integrated Products MAX1858 Datasheet HTML 12Page - Maxim Integrated Products MAX1858 Datasheet HTML 13Page - Maxim Integrated Products MAX1858 Datasheet HTML 14Page - Maxim Integrated Products MAX1858 Datasheet HTML 15Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
Dual 180° Out-of-Phase Buck Controllers with
Sequencing/Prebias Startup and POR
______________________________________________________________________________________
11
VOUT1
SS1
VOUT2
SS2
DH1
DL1
DH2
DL2
UVLO
A
B
C
D
E
F
G
H
I
J
K
M
L
EN
VL
P
O
N
MAX1858A POWER-ON-OFF SEQUENCING DEFINITIONS
SYMBOL
DEFINITION
VL
EN
VOUT1
SS1
VOUT2
SS2
DH1
DL1
DH2
DL2
A
B
Internal 5V Linear-Regulator Output
Active-High Enable Input
Regulator 1 Output Voltage
Regulator 1: Internal Soft-Start Input Signal into Error Amplifier
Regulator 2 Output Voltage
Regulator 2: Internal Soft-Start Input Signal into Error Amplifier
Regulator 1: High-Side Gate-Driver Output
Regulator 1: Low-Side Gate-Driver Output
Regulator 2: High-Side Gate-Driver Output
Regulator 2: Low-Side Gate-Driver Output
VL rising while below the UVLO threshold. EN is low.
VL is greater than the UVLO threshold. EN is low.
SYMBOL
DEFINITION
D
E
F
Normal operation
VL enters UVLO.
VL exits UVLO.
UVLO
Undervoltage threshold value is provided in the
Electrical Characteristics table.
EN is pulled high. DH1 and DL1 start switching. DH2 and
DL2 are off.
C
Resumes normal operation. DH1 and DL1 start switching.
DH2 and DL2 are off.
EN is pulled low and then high.
H
G
VOUT1 must reach 0V before restarting due to the cycling
of the enable in region H (above).
VOUT1 recovers.
VOUT2 recovers.
VL enters UVLO before VOUT2 fully recovers.
VL exits UVLO.
UVLO latches DL_ low.
J
K
L
M
N
O
P
I
Exiting UVLO: DL_ remains latched low until the first fall
of DH_ is detected.
DL_ is high after EN is pulled low and soft-stop is complete.
Figure 4. MAX1858A Detailed Power-On-Off Sequencing


Similar Part No. - MAX1858

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1858 MAXIM-MAX1858 Datasheet
537Kb / 21P
   Dual 180째 Out-of-Phase PWM Step-Down Controller with Power Sequencing and POR
Rev 0; 7/02
MAX1858EEG MAXIM-MAX1858EEG Datasheet
537Kb / 21P
   Dual 180째 Out-of-Phase PWM Step-Down Controller with Power Sequencing and POR
Rev 0; 7/02
More results

Similar Description - MAX1858

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1875 MAXIM-MAX1875 Datasheet
493Kb / 21P
   Dual 180째 Out-of-Phase PWM Step- Down Controllers with POR
Rev 0; 7/02
MAX1858 MAXIM-MAX1858 Datasheet
537Kb / 21P
   Dual 180째 Out-of-Phase PWM Step-Down Controller with Power Sequencing and POR
Rev 0; 7/02
MAX8529 MAXIM-MAX8529_07 Datasheet
368Kb / 20P
   1.5MHz Dual 180째 Out-of-Phase PWM Step-Down Controller with POR
Rev 1; 4/07
MAX1970 MAXIM-MAX1970 Datasheet
371Kb / 20P
   Dual, 180째 Out-of-Phase, 1.4MHz, 750mA Step- Down Regulator with POR and RSI/PFO
19-2297; Rev 0; 1/02
logo
Renesas Technology Corp
ISL6442 RENESAS-ISL6442 Datasheet
784Kb / 17P
   Dual (180째 Out-of-Phase) PWM and Linear Controller
logo
Intersil Corporation
ISL6442 INTERSIL-ISL6442 Datasheet
313Kb / 16P
   Dual (180째 Out-of-Phase) PWM and Linear Controller
ISL6446 INTERSIL-ISL6446 Datasheet
1Mb / 20P
   Dual (180째 Out-of-Phase) PWM and Linear Controller
ISL6446IAZ-TK INTERSIL-ISL6446IAZ-TK Datasheet
1Mb / 19P
   Dual (180째 Out-of-Phase) PWM and Linear Controller
logo
Maxim Integrated Produc...
MAX8543-MAX8544 MAXIM-MAX8543-MAX8544 Datasheet
399Kb / 27P
   Step-Down Controllers with Prebias Startup, Lossless Sensing, Synchronization, and OVP
Rev 0; 5/04
MAX1955 MAXIM-MAX1955 Datasheet
625Kb / 22P
   1.6V to 5.5V Input, 0.5% Accurate, Dual 180째 Out-of-Phase Step-Down Controllers
Rev 0; 1/03
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com