Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74ALVC_ALVCH16244 Datasheet(PDF) 9 Page - NXP Semiconductors

Part # 74ALVC_ALVCH16244
Description  2.5 V/3.3 V 16-bit buffer/line driver (3-state)
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74ALVC_ALVCH16244 Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button 74ALVC_ALVCH16244_15 Datasheet HTML 5Page - NXP Semiconductors 74ALVC_ALVCH16244_15 Datasheet HTML 6Page - NXP Semiconductors 74ALVC_ALVCH16244_15 Datasheet HTML 7Page - NXP Semiconductors 74ALVC_ALVCH16244_15 Datasheet HTML 8Page - NXP Semiconductors 74ALVC_ALVCH16244_15 Datasheet HTML 9Page - NXP Semiconductors 74ALVC_ALVCH16244_15 Datasheet HTML 10Page - NXP Semiconductors 74ALVC_ALVCH16244_15 Datasheet HTML 11Page - NXP Semiconductors 74ALVC_ALVCH16244_15 Datasheet HTML 12Page - NXP Semiconductors 74ALVC_ALVCH16244_15 Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
2003 May 14
9
Philips Semiconductors
Product specification
2.5 V/3.3 V 16-bit buffer/line driver
(3-state)
74ALVC16244;
74ALVCH16244
Notes
1. All typical values are measured at Tamb =25 °C.
2. Valid for data inputs of bus hold parts.
∆ICC
additional
quiescent supply
current per pin
VI =VCC − 0.6 V; IO =0
data pin with bus hold
2.7 to 3.6
150
750
µA
data pin without bus hold 2.7 to 3.6
5
500
µA
control pin
2.7 to 3.6
5
500
µA
IBHL
bus hold LOW
sustaining current
VI = 0.7 V; note 2
2.3
45
−−µA
VI = 0.8 V; note 2
3.0
75
150
−µA
IBHH
bus hold HIGH
sustaining current
VI = 1.7 V; note 2
2.3
−45
−−µA
VI = 2.0 V; note 2
3.0
−75
−175
−µA
IBHLO
bus hold LOW
overdrive current
note 2
2.7
300
−−µA
3.6
450
−−µA
IBHHO
bus hold HIGH
overdrive current
note 2
2.7
−300
−−µA
3.6
−450
−−µA
SYMBOL
PARAMETER
TEST CONDITIONS
MIN.
TYP.(1)
MAX.
UNIT
OTHER
VCC (V)


Similar Part No. - 74ALVC_ALVCH16244_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74ALVC_ALVCH16245 PHILIPS-74ALVC_ALVCH16245_15 Datasheet
104Kb / 17P
   16-bit transceiver with direction pin; 3-state
Rev. 03-12 May 2004
More results

Similar Description - 74ALVC_ALVCH16244_15

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74ALVC16244 NEXPERIA-74ALVC16244 Datasheet
227Kb / 13P
   2.5 V / 3.3 V 16-bit buffer/line driver; 3-state
Rev. 6 - 22 July 2021
logo
NXP Semiconductors
74LVTH16244B NXP-74LVTH16244B Datasheet
109Kb / 17P
   3.3 V 16-bit buffer/driver; 3-state
Rev. 06-13 November 2008
74LVT16244B NXP-74LVT16244B_10 Datasheet
178Kb / 18P
   3.3 V 16-bit buffer/driver; 3-state
Rev. 08-22 March 2010
74LVTN16244B PHILIPS-74LVTN16244B_15 Datasheet
193Kb / 16P
   3.3 V 16-bit buffer/driver; 3-state
Rev. 5-2 April 2012
logo
Nexperia B.V. All right...
74LVTH16244B NEXPERIA-74LVTH16244B Datasheet
218Kb / 12P
   3.3 V 16-bit buffer/driver; 3-state
Rev. 13 - 12 August 2021
74LVTN16244B NEXPERIA-74LVTN16244B Datasheet
201Kb / 11P
   3.3 V 16-bit buffer/driver; 3-state
Rev. 6 - 4 October 2018
logo
NXP Semiconductors
74LVT_LVTH16244B PHILIPS-74LVT_LVTH16244B_15 Datasheet
258Kb / 18P
   3.3 V 16-bit buffer/driver; 3-state
Rev. 11-1 March 2012
74LVT16244B PHILIPS-74LVT16244B_06 Datasheet
98Kb / 16P
   3.3 V 16-bit buffer/driver; 3-state
Rev. 05-21 March 2006
74LVTN16244B NXP-74LVTN16244B Datasheet
94Kb / 15P
   3.3 V 16-bit buffer/driver; 3-state
Rev. 01-13 July 2009
74LVTN16244B NXP-74LVTN16244B_10 Datasheet
147Kb / 16P
   3.3 V 16-bit buffer/driver; 3-state
Rev. 02-23 March 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com