Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1873TEEE Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX1873TEEE
Description  Simple Current-Limited Switch-Mode Li Charger Controller
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1873TEEE Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX1873TEEE Datasheet HTML 1Page - Maxim Integrated Products MAX1873TEEE Datasheet HTML 2Page - Maxim Integrated Products MAX1873TEEE Datasheet HTML 3Page - Maxim Integrated Products MAX1873TEEE Datasheet HTML 4Page - Maxim Integrated Products MAX1873TEEE Datasheet HTML 5Page - Maxim Integrated Products MAX1873TEEE Datasheet HTML 6Page - Maxim Integrated Products MAX1873TEEE Datasheet HTML 7Page - Maxim Integrated Products MAX1873TEEE Datasheet HTML 8Page - Maxim Integrated Products MAX1873TEEE Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
General Description
The low-cost MAX1873R/S/T provides all functions
needed to simply and efficiently charge 2-, 3-, or 4-
series lithium-ion cells at up to 4A or more. It provides a
regulated charging current and voltage with less than
±0.75% total voltage error at the battery terminals. An
external P-channel MOSFET operates in a step-down
DC-DC configuration to efficiently charge batteries in
low-cost designs.
The MAX1873R/S/T regulates the battery voltage and
charging current using two control loops that work
together to transition smoothly between voltage and
current regulation. An additional control loop limits cur-
rent drawn from the input source so that AC adapter
size and cost can be minimized. An analog voltage out-
put proportional to charging current is also supplied so
that an ADC or microcontroller can monitor charging
current.
The MAX1873 may also be used as an efficient current-
limited source to charge NiCd or NiMH batteries in mul-
tichemistry charger designs. The MAX1873R/S/T is
available in a space-saving 16-pin QSOP package. Use
the evaluation kit (MAX1873EVKIT) to help reduce
design time.
Applications
Notebook Computers
Portable Internet Tablets
2-, 3-, or 4-cell Li+ Battery Pack Chargers
6-, 9-, or 10-cell Ni Battery Pack Chargers
Hand-Held Instruments
Portable Desktop Assistants (PDAs)
Desktop Cradle Chargers
Features
o Low-Cost and Simple Circuit
o Charges 2-, 3-, or 4-Series Lithium-Ion Cells
o AC Adapter Input-Current-Limit Loop
o Also Charges Ni-Based Batteries
o Analog Output Monitors Charge Current
o ±0.75% Battery-Regulation Voltage
o 5µA Shutdown Battery Current
o Input Voltage Up to 28V
o 200mV Dropout Voltage/100% Duty Cycle
o Adjustable Charging Current
o 300kHz PWM Oscillator Reduces Noise
o Space-Saving 16-Pin QSOP
o MAX1873 Evaluation Kit Available to Speed
Designs
Simple Current-Limited Switch-Mode
Li+ Charger Controller
________________________________________________________________ Maxim Integrated Products
1
Ordering Information
19-2099; Rev 0; 7/01
For pricing, delivery, and ordering information, please contact Maxim/Dallas Direct! at
1-888-629-4642, or visit Maxim’s website at www.maxim-ic.com.
EVALUATIO
N KIT AVA
ILABLE
PART
TEMP. RANGE
PIN-PACKAGE
MAX1873REEE
-40°C to +85°C
16 QSOP
MAX1873SEEE
-40°C to +85°C
16 QSOP
MAX1873TEEE
-40°C to +85°C
16 QSOP
Selector Guide
PART
SERIES CELLS TO CHARGE
MAX1873REEE
2-Cell Li+ or 5- or 6-cell Ni Battery
MAX1873SEEE
3-Cell Li+ or 7- or 9-cell Ni Battery
MAX1873TEEE
4-Cell Li+ 10-cell Ni Battery Packs
MAX1873
GND
VADJ
REF
ICHG/EN
IOUT
DCIN
VH VL
CSSP
CSSN
SYSTEM
LOAD
VIN 9V TO
28V
(9V MIN
FOR 2-
CELLS)
4V OUT PER
200mV ON RCS
EXT
BATT
CSB
CCI
CCS
CCV
2- TO 4-CELL
Li+
Typical Operating Circuit
Pin Configuration appears at end of data sheet.


Similar Part No. - MAX1873TEEE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX187 MAXIM-MAX187 Datasheet
177Kb / 20P
   5V, Low-Power, 12-Bit Serial ADCs
19-0196; Rev 0; 10/93
MAX187 MAXIM-MAX187 Datasheet
323Kb / 24P
   Complete Evaluation System Includes EV Kit and 68HC16 C Module
Rev. 0; 9/94
MAX1870 MAXIM-MAX1870 Datasheet
509Kb / 32P
   Step-Up/Step-Down Li Battery Charger
Rev 1; 9/05
MAX1870A MAXIM-MAX1870A Datasheet
1Mb / 32P
   Step-Up/Step-Down Li Battery Charger
Rev 0; 4/04
MAX1870A MAXIM-MAX1870A Datasheet
1Mb / 33P
   Step-Up/Step-Down Li Battery Charger
2015
More results

Similar Description - MAX1873TEEE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1679 MAXIM-MAX1679 Datasheet
138Kb / 12P
   Single-Cell Li Battery Charger for Current-Limited Supply
Rev 0; 9/99
MAX1736 MAXIM-MAX1736 Datasheet
179Kb / 8P
   SOT23, Single-Cell Li Battery Charger for Current-Limited Supply
logo
Linear Technology
LTC4002-4.2 LINER-LTC4002-4.2 Datasheet
204Kb / 16P
   Standalone Li-Ion Switch Mode Battery Charger
logo
Eutech Microelectronics...
EUP8207-4.2 EUTECH-EUP8207-4.2 Datasheet
131Kb / 2P
   Switch Mode Li-Ion/Polymer Battery Charger
logo
Richtek Technology Corp...
RT9460 RICHTEK-RT9460 Datasheet
359Kb / 33P
   Switch-Mode Single Cell Li-Ion Charger
logo
Shenzhen Huazhimei Semi...
HM4066 HMSEMI-HM4066 Datasheet
1Mb / 19P
   Switch Mode Li-Ion/Polymer Battery Charger
logo
Eutech Microelectronics...
EUP8202 EUTECH-EUP8202 Datasheet
553Kb / 21P
   Switch Mode Li-Ion/Polymer Battery Charger
logo
Feeling Technology Corp...
FP8202 FEELING-FP8202 Datasheet
653Kb / 16P
   2A Switch-Mode Li-Ion Battery Charger
logo
Linear Technology
LTC4002 LINER-LTC4002_15 Datasheet
175Kb / 16P
   Standalone Li-Ion Switch Mode Battery Charger
logo
Eutech Microelectronics...
EUP8209 EUTECH-EUP8209 Datasheet
761Kb / 1P
   Switch Mode Li-Ion/Polymer Battery Charger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com