Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74ALVC16835A Datasheet(PDF) 7 Page - NXP Semiconductors

Part # 74ALVC16835A
Description  74ALVC16835A_15
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74ALVC16835A Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button 74ALVC16835A_15 Datasheet HTML 3Page - NXP Semiconductors 74ALVC16835A_15 Datasheet HTML 4Page - NXP Semiconductors 74ALVC16835A_15 Datasheet HTML 5Page - NXP Semiconductors 74ALVC16835A_15 Datasheet HTML 6Page - NXP Semiconductors 74ALVC16835A_15 Datasheet HTML 7Page - NXP Semiconductors 74ALVC16835A_15 Datasheet HTML 8Page - NXP Semiconductors 74ALVC16835A_15 Datasheet HTML 9Page - NXP Semiconductors 74ALVC16835A_15 Datasheet HTML 10Page - NXP Semiconductors 74ALVC16835A_15 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
Philips Semiconductors
Product specification
74ALVC16835A
18-bit registered driver (3-State)
2000 Mar 14
7
AC CHARACTERISTICS FOR VCC = 2.3 V TO 2.7 V RANGE
GND = 0 V; tr = tf ≤ 2.0 ns; CL = 30 pF
LIMITS
SYMBOL
PARAMETER
WAVEFORM
VCC = 2.3 to 2.7 V
UNIT
MIN
TYP1
MAX
Propagation delay
An to Yn
1, 7
1.0
2.4
4.2
tPHL/tPLH
Propagation delay
LE to Yn
2, 7
1.3
2.8
4.5
ns
Propagation delay
CP to Yn
4, 7
1.4
2.8
5.0
tPZH/tPZL
3-State output enable time
OE to Yn
6, 7
1.4
2.2
4.0
ns
tPHZ/tPLZ
3-State output disable time
OE to Yn
6, 7
1.4
2.0
4.5
ns
t
CP pulse width HIGH or LOW
4, 7
2.0
ns
tW
LE pulse width HIGH
2, 7
2.0
ns
tS
Set-up time An to CP
5, 7
1.0
ns
tSU
Set-up time An to LE
3, 7
1.5
ns
t
Hold time An to CP
5, 7
0.6
0.2
ns
th
Hold time An to LE
3, 7
1.4
0.4
ns
fmax
Maximum clock pulse frequency
4, 7
150
300
MHz
NOTE:
1. All typical values are at VCC = 3.3 V and Tamb = 25°C.
AC CHARACTERISTICS FOR VCC = 3.0 V TO 3.6 V RANGE AND VCC = 2.7 V
GND = 0 V; tr = tf ≤ 2.5 ns; CL = 50 pF
LIMITS
LIMITS
SYMBOL
PARAMETER
WAVEFORM
VCC = 3.3 ± 0.3 V
VCC = 2.7 V
UNIT
MIN
TYP1, 2
MAX
MIN
TYP1
MAX
Propagation delay
An to Yn
1, 7
1.0
2.3
3.6
1.3
2.7
4.0
tPHL/tPLH
Propagation delay
LE to Yn
2, 7
1.3
2.6
4.2
1.3
2.8
4.5
ns
Propagation delay
CP to Yn
4, 7
1.3
2.5
4.2
1.3
2.7
4.5
tPZH/tPZL
3-State output enable time
OE to Yn
6, 7
1.1
2.3
4.4
1.4
3.0
4.5
ns
tPHZ/tPLZ
3-State output disable time
OE to Yn
6, 7
1.3
2.8
4.3
1.4
3.1
4.3
ns
t
CP pulse width HIGH or LOW
4, 7
2.0
2.0
ns
tW
LE pulse width HIGH
2, 7
2.0
2.0
ns
tS
Set-up time An to CP
5, 7
1.0
1.0
ns
tSU
Set-up time An to LE
3, 7
1.5
1.5
ns
t
Hold time An to CP
5, 7
0.9
0.3
0.6
0.3
ns
th
Hold time An to LE
3, 7
1.4
0.3
1.7
0.4
ns
fmax
Maximum clock pulse frequency
4, 7
150
300
200
350
MHz
NOTES:
1. All typical values are measured Tamb = 25°C.
2. Typical value is measured at VCC = 3.3 V


Similar Part No. - 74ALVC16835A_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74ALVC16835ADGG PHILIPS-74ALVC16835ADGG Datasheet
119Kb / 12P
   18-bit registered driver 3-State
2000 Mar 14
logo
Nexperia B.V. All right...
74ALVC16835ADGG NEXPERIA-74ALVC16835ADGG Datasheet
200Kb / 15P
   18-bit registered driver; 3-state
Rev. 7 - 19 January 2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com