Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HFB16HY20C Datasheet(PDF) 2 Page - International Rectifier

Part # HFB16HY20C
Description  ULTRAFAST, SOFT RECOVERY DIODE
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

HFB16HY20C Datasheet(HTML) 2 Page - International Rectifier

  HFB16HY20C_15 Datasheet HTML 1Page - International Rectifier HFB16HY20C_15 Datasheet HTML 2Page - International Rectifier HFB16HY20C_15 Datasheet HTML 3Page - International Rectifier HFB16HY20C_15 Datasheet HTML 4Page - International Rectifier HFB16HY20C_15 Datasheet HTML 5Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2
www.irf.com
0.*$0; +
A/µs
nC
A
Dynamic Recovery Characteristics @ T
Dynamic Recovery Characteristics @ T
Dynamic Recovery Characteristics @ T
Dynamic Recovery Characteristics @ T
Dynamic Recovery Characteristics @ TJJJJJ = 25°C (unless otherwise specified)
= 25°C (unless otherwise specified)
= 25°C (unless otherwise specified)
= 25°C (unless otherwise specified)
= 25°C (unless otherwise specified)
A/µs
nC
A
Parameter
Min.
Parameter
Min.
Parameter
Min.
Parameter
Min.
Parameter
Min. Typ.
Typ.
Typ.
Typ.
Typ. Max.
Max.
Max.
Max.
Max. Units
Units
Units
Units
Units
Test Conditions
Test Conditions
Test Conditions
Test Conditions
Test Conditions
trr
Reverse Recovery Time
—
—
35
ns
IF = 0.5A,VR = 30V, dif/dt = 250A/µs
trr1
Reverse Recovery Time
—
42
—
ns
TJ = 25°C
See Fig.
trr2
—
61
—
TJ = 125°C
5
IF = 16A
IRRM1
Peak Recovery Current
—
4.6
—
TJ = 25°C
See Fig.
IRRM2
—
8.4
—
TJ = 125°C
6
VR = 160V
Qrr1
Reverse Recovery Charge
—
105
—
TJ = 25°C
See Fig.
Qrr2
—
280
—
TJ = 125°C
7
dif/dt = 200A/µs
di(rec)M/dt1 Peak Rate of Fall of Recovery Current
—
360
—
TJ = 25°C
See Fig.
di(rec)M/dt2 During tb
—
685
—
TJ = 125°C
8
Thermal - Mechanical Characteristics
Thermal - Mechanical Characteristics
Thermal - Mechanical Characteristics
Thermal - Mechanical Characteristics
Thermal - Mechanical Characteristics
Parameter
Parameter
Parameter
Parameter
Parameter
Typ.
Typ.
Typ.
Typ.
Typ.
Max.
Max.
Max.
Max.
Max.
Units
Units
Units
Units
Units
RthJC
Junction-to-Case
—
1.25
Wt
Weight
4.3
—
g
°C/W
See Fig. 2
Parameter
Parameter
Parameter
Parameter
Parameter
Min.
Min.
Min.
Min.
Min. Typ.
Typ.
Typ.
Typ.
Typ. Max.
Max.
Max.
Max.
Max. Units
Units
Units
Units
Units
Test Conditions
Test Conditions
Test Conditions
Test Conditions
Test Conditions
V
*4
Cathode Anode Breakdown Voltage
200
—
—
V
IR = 100µA
Electrical Characteristics @ T
Electrical Characteristics @ T
Electrical Characteristics @ T
Electrical Characteristics @ T
Electrical Characteristics @ TJJJJJ = 25°C (unless otherwise specified)
= 25°C (unless otherwise specified)
= 25°C (unless otherwise specified)
= 25°C (unless otherwise specified)
= 25°C (unless otherwise specified)
LS
Series Inductance
—
9.8
—
nH
Measured from anode lead to cathode
lead, 6 mm( 0.025 in ) from package
CT
Junction Capacitance, See Fig. 3
—
—
170
pF
VR = 200V
IR
Reverse Leakage Current
—
—
10
µA
VR = VR Rated
See Fig. 2
—
—
200
µA
VR = VR Rated, TJ = 125°C
VF
Forward Voltage
—
—
1.29
IF = 16A, TJ = -55°C
See Fig. 1
—
—
1.17
IF = 16A, TJ = 25°C
—
—
1.52
IF = 32A, TJ = 25°C
—
—
1.48
IF = 32A, TJ = 125°C
V


Similar Part No. - HFB16HY20C_15

ManufacturerPart #DatasheetDescription
logo
International Rectifier
HFB16HY20CC IRF-HFB16HY20CC Datasheet
123Kb / 5P
   Ultrafast, Soft Recovery Diode
HFB16HY20CC IRF-HFB16HY20CC Datasheet
128Kb / 5P
   Ultrafast, Soft Recovery Diode
HFB16HY20CC IRF-HFB16HY20CC_15 Datasheet
128Kb / 5P
   Ultrafast, Soft Recovery Diode
More results

Similar Description - HFB16HY20C_15

ManufacturerPart #DatasheetDescription
logo
International Rectifier
HFA25TB60 IRF-HFA25TB60 Datasheet
263Kb / 6P
   Ultrafast, Soft Recovery Diode
HFA80NC40C IRF-HFA80NC40C Datasheet
192Kb / 5P
   Ultrafast, Soft Recovery Diode
150EBU04 IRF-150EBU04 Datasheet
150Kb / 6P
   Ultrafast Soft Recovery Diode
80EBU04 IRF-80EBU04 Datasheet
147Kb / 7P
   Ultrafast Soft Recovery Diode
HFA120MD40C IRF-HFA120MD40C Datasheet
298Kb / 5P
   Ultrafast, Soft Recovery Diode
HFA15TB60 IRF-HFA15TB60 Datasheet
205Kb / 6P
   Ultrafast, Soft Recovery Diode
HFA70NH60 IRF-HFA70NH60 Datasheet
325Kb / 5P
   Ultrafast, Soft Recovery Diode
HFA40HF120C IRF-HFA40HF120C_15 Datasheet
142Kb / 5P
   Ultrafast, Soft Recovery Diode
HFA45HI60C IRF-HFA45HI60C_15 Datasheet
137Kb / 3P
   Ultrafast, Soft Recovery Diode
HFB50HC20C IRF-HFB50HC20C_15 Datasheet
137Kb / 5P
   Ultrafast, Soft Recovery Diode
HFA140NJ60D IRF-HFA140NJ60D Datasheet
319Kb / 5P
   Ultrafast, Soft Recovery Diode
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com