Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1876 Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX1876
Description  Dual 180째 Out-of-Phase PWM Step- Down Controllers with POR
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1876 Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX1876 Datasheet HTML 4Page - Maxim Integrated Products MAX1876 Datasheet HTML 5Page - Maxim Integrated Products MAX1876 Datasheet HTML 6Page - Maxim Integrated Products MAX1876 Datasheet HTML 7Page - Maxim Integrated Products MAX1876 Datasheet HTML 8Page - Maxim Integrated Products MAX1876 Datasheet HTML 9Page - Maxim Integrated Products MAX1876 Datasheet HTML 10Page - Maxim Integrated Products MAX1876 Datasheet HTML 11Page - Maxim Integrated Products MAX1876 Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
With dual synchronized out-of-phase operation, the
MAX1875/MAX1876’s high-side MOSFETs turn-on 180°
out-of-phase. The instantaneous input current peaks of
both regulators no longer overlap, resulting in reduced
RMS ripple current and input voltage ripple. This reduces
the required input capacitor ripple-current rating, allow-
ing fewer or less expensive capacitors, and reduces
shielding requirements for EMI. The Out-of-Phase
Waveforms in the Typical Operating Characteristics
demonstrate synchronized 180° out-of-phase operation.
Internal 5V Linear Regulator (VL)
All MAX1875/MAX1876 functions are internally powered
from an on-chip, low-dropout 5V regulator. The maxi-
mum regulator input voltage (V+) is 23V. Bypass the
regulator’s output (VL) with a 4.7µF ceramic capacitor
to PGND. The VL dropout voltage is typically 500mV, so
when V+ is greater than 5.5V, VL is typically 5V. The
MAX1875/MAX1876 also employs an undervoltage
lockout circuit that disables both regulators when VL
falls below 4.5V. VL should also be bypassed to GND
with a 0.1µF capacitor.
Dual 180° Out-of-Phase PWM Step-
Down Controllers with POR
8
_______________________________________________________________________________________
V+
BST1
DH1
LX1
DL1
VL
BST2
DH2
LX2
DL2
FB1
COMP1
*IRF7811W
**OPTIONAL
FB2
COMP2
PGND
REF
GND
OSC
SYNC
CKO
ILIM1
ILIM2
EN
OFF
ON
RESET OUTPUT
CLOCK OUTPUT
VL
RST (MAX 1876 ONLY)
MAX1875
MAX1876
CV+
0.22
µF
CIN1
2
× 10µF
COUT1
4
× 220µF
NH1*
NL1*
L1
1
µH
OUTPUT1
VOUT = 1.8V
VIN
6V - 23V
CBST1
0.1
µF
R1A
8.06k
R1B
10k
RCOMP1
5.9k
CCOMP1A
10nF
CCOMP1B
100pF
CREF
0.22
µF
CCOMP2A
6.8nF
CCOMP2B
100pF
RCOMP2
8.2k
R2B
10k
96.5k
140k
R2A
15k
4.7
4.7
RV+
4.7
NL2*
**
**
NH2*
L2
1.2
µH
COUT2
4
× 220µF
CIN2
2
× 10µF
OUTPUT2
VOUT = 2.5V
CBST2
0.1
µF
CVL
4.7
µF
0.1
µF
118k
D3
CMSSH-3
84.5k
D2
CMSSH-3
Figure 1. Standard Application Circuit


Similar Part No. - MAX1876

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1876AEEG MAXIM-MAX1876AEEG Datasheet
553Kb / 22P
   Dual 180째 Out-of-Phase Buck Controllers with Sequencing/Prebias Startup and POR
19-2966; Rev 0; 10/03
More results

Similar Description - MAX1876

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8529 MAXIM-MAX8529_07 Datasheet
368Kb / 20P
   1.5MHz Dual 180째 Out-of-Phase PWM Step-Down Controller with POR
Rev 1; 4/07
MAX1858 MAXIM-MAX1858 Datasheet
537Kb / 21P
   Dual 180째 Out-of-Phase PWM Step-Down Controller with Power Sequencing and POR
Rev 0; 7/02
logo
Renesas Technology Corp
ISL6445 RENESAS-ISL6445 Datasheet
702Kb / 15P
   1.4MHz Dual, 180째 Out-of-Phase, Step-Down PWM Controller
ISL6440 RENESAS-ISL6440 Datasheet
692Kb / 15P
   300kHz Dual, 180째 Out-of-Phase, Step-Down PWM Controller
logo
Maxim Integrated Produc...
MAX8529 MAXIM-MAX8529 Datasheet
447Kb / 21P
   1.5MHz Dual 180 Out-of-Phase PWM Step-Down Controller with POR
Rev 0; 1/03
MAX1970 MAXIM-MAX1970 Datasheet
371Kb / 20P
   Dual, 180째 Out-of-Phase, 1.4MHz, 750mA Step- Down Regulator with POR and RSI/PFO
19-2297; Rev 0; 1/02
MAX1858A MAXIM-MAX1858A Datasheet
553Kb / 22P
   Dual 180째 Out-of-Phase Buck Controllers with Sequencing/Prebias Startup and POR
19-2966; Rev 0; 10/03
logo
Intersil Corporation
ISL9444_1107 INTERSIL-ISL9444_1107 Datasheet
1Mb / 24P
   Triple, 180째 Out-of-Phase, Synchronous Step-Down PWM Controll
ISL9443 INTERSIL-ISL9443 Datasheet
1Mb / 23P
   Triple, 180째 Out-of-Phase, Synchronous Step-Down PWM Controller
ISL9443IRZ-T7A INTERSIL-ISL9443IRZ-T7A Datasheet
1Mb / 23P
   Triple, 180째 Out-of-Phase, Synchronous Step-Down PWM Controller
February 24, 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com