Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1924VEEE Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX1924VEEE
Description  Advanced Li Battery-Pack Protectors
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1924VEEE Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX1924VEEE Datasheet HTML 1Page - Maxim Integrated Products MAX1924VEEE Datasheet HTML 2Page - Maxim Integrated Products MAX1924VEEE Datasheet HTML 3Page - Maxim Integrated Products MAX1924VEEE Datasheet HTML 4Page - Maxim Integrated Products MAX1924VEEE Datasheet HTML 5Page - Maxim Integrated Products MAX1924VEEE Datasheet HTML 6Page - Maxim Integrated Products MAX1924VEEE Datasheet HTML 7Page - Maxim Integrated Products MAX1924VEEE Datasheet HTML 8Page - Maxim Integrated Products MAX1924VEEE Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
Advanced Li+ Battery-Pack Protectors
_______________________________________________________________________________________
3
ELECTRICAL CHARACTERISTICS (continued)
(VSRC = VB4P + 0.1V, each battery cell voltage (VCELL) = 3.6V, VCTL = VSHDN = VPKN, TA = 0°C to +85°C, unless otherwise noted.
Typical values are at TA = +25°C.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Charge-Voltage Comparator
Threshold for Resetting
Discharge-Current Fault Latch
VSRC - VB4P
25
100
mV
Discharge-Voltage Comparator
Threshold for Resetting Charge-
Current Fault Latch
VB4P - VSRC
25
100
mV
DSO, CGO, and TKO Sink
Current
VSRC = 12V, VPIN = 5V (Note 5)
100
200
µA
DSO, CGO, and TKO
Source Current
VSRC = 12V, VPIN = 10V
VCTL = 3V (Note 5)
3.5
5
mA
Under/Overvoltage to DSO,
CGO, TKO Transition Delay
tV-DELAY
270
320
370
ms
SHDN, CTL Input High (Note 6)
Rising edge
2.4
V
SHDN, CTL Input Low (Note 6)
Falling edge
1.2
V
SHDN, CTL Input Leakage
Current
PKN = BN
1
µA
SHDN, CTL Delay to Output
Change
50
ns
DSO, CGO, TKO Output High
(Note 7)
VB_P = 4V, VCTL = 3V
-0.1
V
DSO, CGO, TKO Output Low
(Note 7)
VB_P = 4V
-14
V


Similar Part No. - MAX1924VEEE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1924X MAXIM-MAX1924X Datasheet
325Kb / 14P
   Li Battery-Pack Protector with Integrated Fuse Driver
Rev 0; 4/02
More results

Similar Description - MAX1924VEEE

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ40Z50-R1 TI1-BQ40Z50-R1 Datasheet
3Mb / 55P
[Old version datasheet]   Li-Ion Battery Pack Manager
logo
RRC power solutions Ltd...
RRC2040-2 RRC-RRC2040-2 Datasheet
420Kb / 4P
   Standard Battery Pack Li-Ion 10.80V / 6.90Ah / 74.52Wh
RRC2037 RRC-RRC2037 Datasheet
366Kb / 4P
   Standard Battery Pack Li-Ion
RRC1130 RRC-RRC1130 Datasheet
296Kb / 3P
   Standard Battery Pack Li-Ion
RRC2024 RRC-RRC2024 Datasheet
391Kb / 4P
   Standard Battery Pack Li-Ion
RRC2140 RRC-RRC2140 Datasheet
342Kb / 3P
   Standard Battery Pack Li-Ion
RRC2057 RRC-RRC2057 Datasheet
402Kb / 4P
   Standard Battery Pack Li-Ion
logo
Ultralife Corporation.
UBBL34 ULTRALIFE-UBBL34 Datasheet
610Kb / 2P
   Wearable Li-ion Battery Pack
Rev: A
logo
RRC power solutions Ltd...
RRC1120 RRC-RRC1120 Datasheet
271Kb / 3P
   Standard Battery Pack Li-Ion
RRC2020 RRC-RRC2020 Datasheet
402Kb / 4P
   Standard Battery Pack Li-Ion
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com