Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1917EEE Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX1917EEE
Description  Tracking, Sinking and Sourcing, Synchronous Buck Controller for DDR Memory and Termination Supplies
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1917EEE Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX1917EEE Datasheet HTML 1Page - Maxim Integrated Products MAX1917EEE Datasheet HTML 2Page - Maxim Integrated Products MAX1917EEE Datasheet HTML 3Page - Maxim Integrated Products MAX1917EEE Datasheet HTML 4Page - Maxim Integrated Products MAX1917EEE Datasheet HTML 5Page - Maxim Integrated Products MAX1917EEE Datasheet HTML 6Page - Maxim Integrated Products MAX1917EEE Datasheet HTML 7Page - Maxim Integrated Products MAX1917EEE Datasheet HTML 8Page - Maxim Integrated Products MAX1917EEE Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
Tracking, Sinking and Sourcing, Synchronous Buck
Controller for DDR Memory and Termination Supplies
4
_______________________________________________________________________________________
ELECTRICAL CHARACTERISTICS (continued)
(V+ = 12V, VEN/HSD = VDDR = 2.5V, CVL = 4.7µF, CVTTR = 1µF, CREF = 0.22µF, VFSEL = 0, ILIM = VL, PGND = LX = POK = GND,
BST = VL. Specifications are for TA = 0°C to +85°C. Typical values are at TA = +25°C, unless otherwise specified.)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Logic VL Level
FSEL = VL
VL - 0.4
V
EN/HSD LOGIC
EN/HSD Shutdown Current
Max IEN/HSD for VEN/HSD = 0.8V
0.5
3.0
µA
Logic High
VL = V+ = 4.5V to 5.5V, 100mV hysteresis
1.45
V
Logic Low
VL = V+ = 4.5V to 5.5V
0.8
V
POWER-OK OUTPUT
Upper VTT Threshold
110
112
114
%VDDR/
2
Lower VTT Threshold
86
88
90
%VDDR/
2
Upper VTTR Threshold
110
112
114
%VDDR/
2
Lower VTTR Threshold
86
88
90
%VDDR/
2
POK Output Low Level
ISINK = 2mA
0.4
V
POK Output High Leakage
VPOK = 5.5V
5
µA
ELECTRICAL CHARACTERISTICS
(V+ = 12V, VEN/HSD = VDDR = 2.5V, CVL = 4.7µF, CVTTR = 1µF, CREF = 0.22µF, VFSEL = 0, ILIM = VL, PGND = LX = POK = GND,
BST = VL. Specifications are for TA = -40°C to +85°C, unless otherwise specified.) (Note 2)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
5.5
14.0
V
V+ Input Voltage Range
VL = V+
4.5
5.5
V
EN/HSD Input Voltage Range
Enabled
1.5
15.0
V
DDR Input Voltage Range
0
3.6
V
V+ Supply Current
VTT = 2.0V
1.2
mA
DDR Supply Current
250
µA
EN/HSD Supply Current
VEN/HSD = 2.5V
10
µA
VL Supply Current
VL = V+ = 5.5V
1.2
mA
V+ Shutdown Supply Current
EN/HSD = 0V
5
µA
DDR Shutdown Supply Current
EN/HSD = 0V
1
µA
VL Shutdown Supply Current
VL = V+ = 5.5V
5
µA
VL Undervoltage Lockout
Threshold
Rising edge, hysteresis = 40mV
4.05
4.40
V
VTT
VTT Input Bias Current
VVTT = 2.5V
-0.15
0
µA
VTT Feedback Voltage Range
0
1.8
V
Overload range, VDDR = 1.8V
49.5
50.5
VTT Feedback Voltage
Accuracy
Overload range, VDDR = 3.6V
49.5
50.5
%VDDR
REFERENCE
Reference Output Voltage
V+ = VL = 4.5V to 5.5V, IREF = 0
1.98
2.02
V
Reference Load Regulation
V+ = VL = 5V, IREF = 0 to 50µA
10
mV


Similar Part No. - MAX1917EEE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1917EVKIT MAXIM-MAX1917EVKIT Datasheet
133Kb / 4P
   Automatically Sets VTT and VTTR to 1/2 VDDR
Rev 0; 7/02
More results

Similar Description - MAX1917EEE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8537 MAXIM-MAX8537 Datasheet
414Kb / 23P
   Dual-Synchronous Buck Controllers for Point-of-Load, Tracking, and DDR Memory Power Supplies
Rev 0; 1/04
logo
Intersil Corporation
ISL88550A INTERSIL-ISL88550A Datasheet
789Kb / 25P
   Synchronous Step-Down Controller with Sourcing and Sinking LDO Regulator
logo
Renesas Technology Corp
ISL88550A RENESAS-ISL88550A Datasheet
1Mb / 25P
   Synchronous Step-Down Controller with Sourcing and Sinking LDO Regulator
logo
Richtek Technology Corp...
RT9210 RICHTEK-RT9210 Datasheet
349Kb / 17P
   Dual 5V Synchronous Buck DC-DC PWM Controller for DDR Memory VDDQ and VTT Termination
logo
IXYS Corporation
IX2113 IXYS-IX2113 Datasheet
297Kb / 13P
   Outputs Capable of Sourcing and Sinking 2A
logo
STMicroelectronics
PM8908 STMICROELECTRONICS-PM8908 Datasheet
381Kb / 28P
   Monolithic buck converter for DDR memory termination
logo
Linear Technology
LTC3831 LINER-LTC3831 Datasheet
236Kb / 20P
   High Power Synchronous Switching Regulator Controller for DDR Memory Termination
logo
Exar Corporation
XRP6142EL2-0-F EXAR-XRP6142EL2-0-F Datasheet
732Kb / 17P
   Synchronous Step-Down Controller with DDR Memory Termination
logo
Linear Technology
LTC3831-1 LINER-LTC3831-1_15 Datasheet
274Kb / 20P
   High Power Synchronous Switching Regulator Controller for DDR Memory Termination
LTC3831 LINER-LTC3831_15 Datasheet
219Kb / 20P
   High Power Synchronous Switching Regulator Controller for DDR Memory Termination
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com