Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1927 Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX1927
Description  Low-Output-Voltage, 800mA, PWM Step-Down DC-DC Converters
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1927 Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX1927 Datasheet HTML 4Page - Maxim Integrated Products MAX1927 Datasheet HTML 5Page - Maxim Integrated Products MAX1927 Datasheet HTML 6Page - Maxim Integrated Products MAX1927 Datasheet HTML 7Page - Maxim Integrated Products MAX1927 Datasheet HTML 8Page - Maxim Integrated Products MAX1927 Datasheet HTML 9Page - Maxim Integrated Products MAX1927 Datasheet HTML 10Page - Maxim Integrated Products MAX1927 Datasheet HTML 11Page - Maxim Integrated Products MAX1927 Datasheet HTML 12Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
Solving for Cf gives:
or 22pF, whichever is greater.
Standard Application Circuits
Figures 3 and 4 are standard applications circuits for
the MAX1927/MAX1928. Figure 3 illustrates the preset
output voltages (MAX1928), while Figure 4 shows the
adjustable configuration (MAX1927). Table 2 lists part
numbers and suppliers for the components used in
these circuits.
PC Board Layout and Routing
High switching frequencies and large peak currents
make PC board layout a very important part of design.
Good design minimizes EMI, noise on the feedback
paths, and voltage gradients in the ground plane, all of
which can result in instability or regulation errors.
Connect the inductor, input filter capacitor, and output
filter capacitor as close together as possible and keep
their traces short, direct, and wide. Connect their
ground pins at a single common node in a star ground
configuration. The external voltage feedback network
should be very close to the FB pin, within 0.2in (5mm).
Keep noisy traces, such as those from the LX pin, away
from the voltage feedback network. Position the bypass
capacitors as close as possible to their respective pins
to minimize noise coupling. For optimum performance,
place input and output capacitors as close to the
device as possible. Connect GND and PGND to the
highest quality system ground. The MAX1928 evalua-
tion kit illustrates an example PC board layout and rout-
ing scheme.
Chip Information
TRANSISTORS: 3282
PROCESS: BiCMOS
C
RC
R
f
ESR
OUT
C
=
×
Low-Output-Voltage, 800mA, PWM Step-Down
DC-DC Converters
______________________________________________________________________________________
11
PART
PART NUMBER
MANUFACTURER
PHONE
WEBSITE
Inductor
CDRH3D16-4R7
Sumida
USA 847-956-0666
Japan 81-3-3607-5111
www.sumida.com
Input/Output Capacitors
JMK212BJ106MG
Taiyo Yuden
408-573-4150
www.t-yuden.com
COMP Capacitor
GRM1881X1H561J
Murata
770-436-1300
www.murata.com
REF Capacitor
EMK107BJ104KA
Taiyo Yuden
408-573-4150
www.t-yuden.com
Table 2. Suggested Parts/Suppliers


Similar Part No. - MAX1927

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX192 MAXIM-MAX192 Datasheet
201Kb / 24P
   Low-Power, 8-Channel, Serial 10-Bit ADC
Rev 1; 6/02
MAX1920 MAXIM-MAX1920 Datasheet
370Kb / 9P
   Low-Voltage, 400mA Step-Down DC-DC Converters in SOT23
Rev 1; 7/02
MAX1920 MAXIM-MAX1920 Datasheet
93Kb / 8P
   PLASTIC ENCAPSULATED DEVICES
Rev. A April 30, 2003
MAX1920 MAXIM-MAX1920 Datasheet
95Kb / 4P
   fully assembled and tested Evaluation Kit
Rev 0; 03/02
MAX1920 MAXIM-MAX1920 Datasheet
1Mb / 12P
   Low-Voltage, 400mA Step-Down DC-DC Converters in SOT23
2005
More results

Similar Description - MAX1927

ManufacturerPart #DatasheetDescription
logo
Power Analog Micoelectr...
PAM2301 PAM-PAM2301 Datasheet
902Kb / 13P
   800mA Step-Down DC-DC Converters
logo
Torex Semiconductor
XC6375 TOREX-XC6375 Datasheet
34Kb / 4P
   PWM Controlled, Step down DC/DC Converters
XC9201 TOREX-XC9201 Datasheet
341Kb / 20P
   PWM Controlled Step-Down DC/DC Converters
logo
Richtek Technology Corp...
RT8010B RICHTEK-RT8010B Datasheet
255Kb / 12P
   1.5MHz, 800mA, High Efficiency PWM Step-Down DC/DC Converter
logo
Torex Semiconductor
XC6365 TOREX-XC6365_2 Datasheet
1Mb / 24P
   PWM Controlled, PWM/PFM Switchable Step-Down DC/DC Converters
logo
Micrel Semiconductor
MIC2230 MICREL-MIC2230_10 Datasheet
1Mb / 18P
   Dual Synchronous 800mA/800mA Step-Down DC/DC Regulator
logo
Torex Semiconductor
XC6376 TOREX-XC6376 Datasheet
306Kb / 17P
   PWM Controlled PWM/PFM Switchable Step-down DC/DC Converters
logo
Micrel Semiconductor
MIC2238 MICREL-MIC2238 Datasheet
786Kb / 16P
   Dual Synchronous 800mA/800mA Step-Down DC/DC Regulator
logo
Maxim Integrated Produc...
MAX1733 MAXIM-MAX1733 Datasheet
265Kb / 8P
   Low-Voltage, Step-Down DC-DC Converters in SOT23
19-1586; Rev 0; 7/00
MAX20021 MAXIM-MAX20021_V01 Datasheet
947Kb / 16P
   Automotive Quad, Low-Voltage Step-Down DC-DC Converters
2014
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com