Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1901-MAX1904 Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX1901-MAX1904
Description  500kHz Multi-Output, Low-Noise Power-Supply Controllers for Notebook Computers
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1901-MAX1904 Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX1901-MAX1904 Datasheet HTML 3Page - Maxim Integrated Products MAX1901-MAX1904 Datasheet HTML 4Page - Maxim Integrated Products MAX1901-MAX1904 Datasheet HTML 5Page - Maxim Integrated Products MAX1901-MAX1904 Datasheet HTML 6Page - Maxim Integrated Products MAX1901-MAX1904 Datasheet HTML 7Page - Maxim Integrated Products MAX1901-MAX1904 Datasheet HTML 8Page - Maxim Integrated Products MAX1901-MAX1904 Datasheet HTML 9Page - Maxim Integrated Products MAX1901-MAX1904 Datasheet HTML 10Page - Maxim Integrated Products MAX1901-MAX1904 Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 33 page
background image
500kHz Multi-Output, Low-Noise Power-Supply
Controllers for Notebook Computers
_______________________________________________________________________________________
7
100
50
0.001
0.01
0.1
1
10
EFFICIENCY vs. 5V OUTPUT CURRENT
60
5V OUTPUT CURRENT (A)
70
80
90
85
75
65
55
95
ON5 = 5V
ON3 = 0V
f = 500kHz
MAX1901/MAX1904
V+ = 15V
V+ = 6V
100
50
0.001
0.01
0.1
1
10
EFFICIENCY vs. 3.3V OUTPUT CURRENT
60
3.3V OUTPUT CURRENT (A)
70
80
90
85
75
65
55
95
ON5 = ON3 = 5V
f = 500kHz
MAX1901/MAX1904
V+ = 15V
V+ = 6V
800
600
400
200
0
010
515
20
MAXIMUM VDD OUTPUT CURRENT
vs. INPUT VOLTAGE
INPUT VOLTAGE (V)
5V LOAD = 0
5V LOAD = 3A
100
0.01
010
520
30
NO LOAD INPUT CURRENT
vs. INPUT VOLTAGE
0.1
1
10
INPUT VOLTAGE (V)
15
25
SKIP = 0V
SKIP = VL
ON5 = ON3 = 5V
NO LOAD
10,000
1
010
520
30
V+ STANDBY INPUT CURRENT
vs. INPUT VOLTAGE
10
100
1000
INPUT VOLTAGE (V)
15
25
ON5 = ON3 = 0V
NO LOAD
0
2
6
4
8
10
010
5
15202530
SHUTDOWN INPUT CURRENT
vs. INPUT VOLTAGE
INPUT VOLTAGE (V)
SHDN = 0V
0.001
0.01
1
MINIMUM VIN TO VOUT DIFFERENTIAL
vs. 5V OUTPUT CURRENT
MAX1901 toc07
5V OUTPUT CURRENT (A)
1000
10
100
0.1
10
f = 500kHz
f = 333kHz
VOUT > 4.8V
1000
0.1
0.001
0.01
1
10
SWITCHING FREQUENCY
vs. LOAD CURRENT
1
10
100
LOAD CURRENT (A)
0.1
3.3V, VIN = 15V
5V, VIN = 15V
3.3V, VIN = 6.5V
5V, VIN = 6.5V
4.90
4.92
4.96
4.94
4.98
5.00
020
10
30
40
50
VL REGULATOR OUTPUT VOLTAGE
vs. OUTPUT CURRENT
OUTPUT CURRENT (mA)
VIN = 15V
ON3 = ON5 = 0V
Typical Operating Characteristics
(Circuit of Figure 1, Table 1, 6A/500kHz components, TA = +25°C, unless otherwise noted.)


Similar Part No. - MAX1901-MAX1904

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX190 MAXIM-MAX190 Datasheet
1,010Kb / 28P
   Low-Power, 12-Bit Sampling ADCs with Internal Reference and Power-Down
Rev 2; 4/93
MAX19000 MAXIM-MAX19000 Datasheet
1Mb / 19P
   Fully Assembled and Tested
Rev 0; 12/09
MAX19000EVKIT MAXIM-MAX19000EVKIT Datasheet
1Mb / 19P
   Fully Assembled and Tested
Rev 0; 12/09
MAX19000EVKIT++ MAXIM-MAX19000EVKIT+ Datasheet
1Mb / 19P
   Fully Assembled and Tested
Rev 0; 12/09
MAX19005 MAXIM-MAX19005 Datasheet
2Mb / 25P
   Quad, Ultra-Low-Power, 200Mbps ATE Drivers/Comparators
19-6092; Rev 0; 12/11
More results

Similar Description - MAX1901-MAX1904

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1630 MAXIM-MAX1630_05 Datasheet
288Kb / 29P
   Multi-Output, Low-Noise Power-Supply Controllers for Notebook Computers
Rev 4; 8/05
MAX1632AEAI MAXIM-MAX1632AEAI Datasheet
288Kb / 29P
   Multi-Output, Low-Noise Power-Supply Controllers for Notebook Computers
Rev 1; 8/05
MAX1630 MAXIM-MAX1630 Datasheet
237Kb / 28P
   Multi-Output, Low-Noise Power-Supply Controllers for Notebook Computers
19-0480; Rev 3; 4/97
MAX1630A MAXIM-MAX1630A Datasheet
288Kb / 29P
   Multi-Output, Low-Noise Power-Supply Controllers for Notebook Computers
19-3518; Rev 1; 8/05
logo
Semtech Corporation
SC1402 SEMTECH-SC1402 Datasheet
270Kb / 18P
   Multi-Output, Low-Noise Power Supply Controller for Notebook Computers
logo
Maxim Integrated Produc...
MAX17003 MAXIM-MAX17003 Datasheet
610Kb / 36P
   High-Efficiency, Quad-Output, Main Power-Supply Controllers for Notebook Computers
19-0765; Rev 0; 3/07
MAX1533A MAXIM-MAX1533A Datasheet
1Mb / 38P
   High-Efficiency, 5x Output, Main Power-Supply Controllers for Notebook Computers
Rev 0; 4/06
logo
Renesas Technology Corp
ISL6236 RENESAS-ISL6236 Datasheet
3Mb / 36P
   High-Efficiency, Quad-Output, Main Power Supply Controllers for Notebook Computers
logo
Maxim Integrated Produc...
MAX17003ETJ MAXIM-MAX17003ETJ Datasheet
610Kb / 36P
   High-Efficiency, Quad-Output, Main Power-Supply Controllers for Notebook Computers
Rev 0; 3/07
logo
Intersil Corporation
ISL6236A INTERSIL-ISL6236A Datasheet
3Mb / 37P
   High-Efficiency, Quad-Output, Main Power Supply Controllers for Notebook Computers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com