Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1902 Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX1902
Description  500kHz Multi-Output, Low-Noise Power-Supply Controllers for Notebook Computers
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1902 Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX1902 Datasheet HTML 2Page - Maxim Integrated Products MAX1902 Datasheet HTML 3Page - Maxim Integrated Products MAX1902 Datasheet HTML 4Page - Maxim Integrated Products MAX1902 Datasheet HTML 5Page - Maxim Integrated Products MAX1902 Datasheet HTML 6Page - Maxim Integrated Products MAX1902 Datasheet HTML 7Page - Maxim Integrated Products MAX1902 Datasheet HTML 8Page - Maxim Integrated Products MAX1902 Datasheet HTML 9Page - Maxim Integrated Products MAX1902 Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 33 page
background image
500kHz Multi-Output, Low-Noise Power-Supply
Controllers for Notebook Computers
6
_______________________________________________________________________________________
ELECTRICAL CHARACTERISTICS (continued)
(V+ = 15V, both PWMs on, SYNC = VL, VL load = 0, REF load = 0, SKIP = 0, TA = -40°C to +85°C, unless otherwise noted.) (Note 7)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
V+ Standby Supply Current
V+ = 5.5V to 30V, both SMPSs off, includes
current into
SHDN
60
µA
V+ Standby Supply Current in Dropout
V+ = 4.2V to 5.5V, both SMPSs off, includes
current into
SHDN
200
µA
V+ Shutdown Supply Current
V+ = 4.0V to 30V,
SHDN = 0
10
µA
(Note 3)
4
Quiescent Power Consumption
Both SMPSs enabled,
FB3 = FB5 = 0,
CSL3 = CSH3 = 3.5V,
CSL5 = CSH5 = 5.3V
MAX1901/MAX1904
4
mW
FAULT DETECTION (MAX1901/MAX1902)
Overvoltage Trip Threshold
With respect to unloaded output voltage
4
10
%
Output Undervoltage Threshold
With respect to unloaded output voltage
60
80
%
Output Undervoltage Lockout Time
From each SMPS enabled, with respect to
fOSC
5,000
7,000
clks
RESET
RESET Trip Threshold
With respect to unloaded output voltage,
falling edge; typical hysteresis = 1%
-7
-4
RESET Delay Time
With respect to fOSC
27,000
37,000
%
clks
INPUTS AND OUTPUTS
Feedback-Input Leakage Current
FB3, FB5; SECFB = 2.6V
50
nA
Logic Input-Low Voltage
RUN/ON3,
SKIP, TIME/ON5 (SEQ = REF),
SHDN, STEER, SYNC
0.6
V
Logic Input-High Voltage
RUN/ON3,
SKIP, TIME/ON5 (SEQ = REF),
SHDN, STEER, SYNC
2.4
V
Logic Output-Low Voltage
RESET, ISINK = 4mA
0.4
V
Logic Output-High Current
RESET = 3.5V
1
mA
TIME/ON5 Input Trip Level
SEQ = 0 or VL
2.4
2.6
V
TIME/ON5 Source Current
TIME/ON5 = 0, SEQ = 0 or VL
2.5
3.5
µA
TIME/ON5 On-Resistance
TIME/ON5; RUN/ON3 = 0, SEQ = 0 or VL
80
SSOP package
7
Gate-Driver On-Resistance
High or low (Note 6)
QFN package
8
Note 1: Each of the four digital soft-start levels is tested for functionality; the steps are typically in 20mV increments.
Note 2: High duty-factor operation supports low input-to-output differential voltages, and is achieved at a lowered operating frequency
(see the Dropout Operation section).
Note 3: MAX1902 only.
Note 4: Off mode for the 12V linear regulator occurs when the SMPS that has flyback feedback (VDD) steered to it is disabled. In situa-
tions where the main outputs are being held up by external keep-alive supplies, turning off the 12OUT regulator prevents a leak-
age path from the output-referred flyback winding, through the rectifier, and into VDD.
Note 5: Since the reference uses VL as its supply, the reference’s V+ line-regulation error is insignificant.
Note 6: Production testing limitations due to package handing require relaxed maximum on-resistance specifications for the thin
QFN package. The SSOP and thin QFN package contain the same die, and the thin QFN package imposes no additional
resistance incircuit.
Note 7: Specifications from to 0°C to -40°C are guaranteed by design, not production tested.


Similar Part No. - MAX1902

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX190 MAXIM-MAX190 Datasheet
1,010Kb / 28P
   Low-Power, 12-Bit Sampling ADCs with Internal Reference and Power-Down
Rev 2; 4/93
MAX19000 MAXIM-MAX19000 Datasheet
1Mb / 19P
   Fully Assembled and Tested
Rev 0; 12/09
MAX19000EVKIT MAXIM-MAX19000EVKIT Datasheet
1Mb / 19P
   Fully Assembled and Tested
Rev 0; 12/09
MAX19000EVKIT++ MAXIM-MAX19000EVKIT+ Datasheet
1Mb / 19P
   Fully Assembled and Tested
Rev 0; 12/09
MAX19005 MAXIM-MAX19005 Datasheet
2Mb / 25P
   Quad, Ultra-Low-Power, 200Mbps ATE Drivers/Comparators
19-6092; Rev 0; 12/11
More results

Similar Description - MAX1902

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1630 MAXIM-MAX1630_05 Datasheet
288Kb / 29P
   Multi-Output, Low-Noise Power-Supply Controllers for Notebook Computers
Rev 4; 8/05
MAX1632AEAI MAXIM-MAX1632AEAI Datasheet
288Kb / 29P
   Multi-Output, Low-Noise Power-Supply Controllers for Notebook Computers
Rev 1; 8/05
MAX1630 MAXIM-MAX1630 Datasheet
237Kb / 28P
   Multi-Output, Low-Noise Power-Supply Controllers for Notebook Computers
19-0480; Rev 3; 4/97
MAX1630A MAXIM-MAX1630A Datasheet
288Kb / 29P
   Multi-Output, Low-Noise Power-Supply Controllers for Notebook Computers
19-3518; Rev 1; 8/05
logo
Semtech Corporation
SC1402 SEMTECH-SC1402 Datasheet
270Kb / 18P
   Multi-Output, Low-Noise Power Supply Controller for Notebook Computers
logo
Maxim Integrated Produc...
MAX17003 MAXIM-MAX17003 Datasheet
610Kb / 36P
   High-Efficiency, Quad-Output, Main Power-Supply Controllers for Notebook Computers
19-0765; Rev 0; 3/07
MAX1533A MAXIM-MAX1533A Datasheet
1Mb / 38P
   High-Efficiency, 5x Output, Main Power-Supply Controllers for Notebook Computers
Rev 0; 4/06
logo
Renesas Technology Corp
ISL6236 RENESAS-ISL6236 Datasheet
3Mb / 36P
   High-Efficiency, Quad-Output, Main Power Supply Controllers for Notebook Computers
logo
Maxim Integrated Produc...
MAX17003ETJ MAXIM-MAX17003ETJ Datasheet
610Kb / 36P
   High-Efficiency, Quad-Output, Main Power-Supply Controllers for Notebook Computers
Rev 0; 3/07
logo
Intersil Corporation
ISL6236A INTERSIL-ISL6236A Datasheet
3Mb / 37P
   High-Efficiency, Quad-Output, Main Power Supply Controllers for Notebook Computers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com