Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX192BCAP Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX192BCAP
Description  Low-Power, 8-Channel, Serial 10-Bit ADC
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX192BCAP Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX192BCAP Datasheet HTML 7Page - Maxim Integrated Products MAX192BCAP Datasheet HTML 8Page - Maxim Integrated Products MAX192BCAP Datasheet HTML 9Page - Maxim Integrated Products MAX192BCAP Datasheet HTML 10Page - Maxim Integrated Products MAX192BCAP Datasheet HTML 11Page - Maxim Integrated Products MAX192BCAP Datasheet HTML 12Page - Maxim Integrated Products MAX192BCAP Datasheet HTML 13Page - Maxim Integrated Products MAX192BCAP Datasheet HTML 14Page - Maxim Integrated Products MAX192BCAP Datasheet HTML 15Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
External Clock
In external clock mode, the external clock not only
shifts data in and out, it also drives the analog-to-digital
conversion steps. SSTRB pulses high for one clock
period after the last bit of the control byte.
Successive-approximation bit decisions are made and
appear at DOUT on each of the next 12 SCLK falling
edges (see Figure 6). The first 10 bits are the true data
bits, and the last two are sub-LSB bits.
SSTRB and DOUT go into a high-impedance state when
CS goes high; after the next CS falling edge, SSTRB will
output a logic low. Figure 8 shows the SSTRB timing in
external clock mode.
The conversion must complete in some minimum time, or
else droop on the sample-and-hold capacitors may
degrade conversion results. Use internal clock mode if the
clock period exceeds 10µs, or if serial-clock interruptions
could cause the conversion interval to exceed 120µs.
Internal Clock
In internal clock mode, the MAX192 generates its own
conversion clock internally. This frees the microproces-
sor from the burden of running the SAR conversion
clock, and allows the conversion results to be read
back at the processor’s convenience, at any clock rate
from zero to typically 10MHz. SSTRB goes low at the
start of the conversion and then goes high when the
conversion is complete. SSTRB will be low for a maxi-
mum of 10µs, during which time SCLK should remain
low for best noise performance. An internal register
stores data when the conversion is in progress. SCLK
clocks the data out at this register at any time after the
conversion is complete. After SSTRB goes high, the
next falling clock edge will produce the MSB of the
conversion at DOUT, followed by the remaining bits in
MSB-first format (Figure 9). CS does not need to be
held low once a conversion is started.
Low-Power, 8-Channel,
Serial 10-Bit ADC
______________________________________________________________________________________
11
0.1
µF
VDD
DGND
AGND
AGND
CS
SCLK
DIN
DOUT
SSTRB
SHDN
+5V
N.C.
0.01
µF
CH7
REFADJ
VREF
C2
0.01
µF
+2.5V
REFERENCE
C1
4.7
µF
0V TO
4.096V
ANALOG
INPUT
+2.5V
**
OSCILLOSCOPE
CH1
CH2
CH3
CH4
* FULL-SCALE ANALOG INPUT, CONVERSION RESULT = $FFF (HEX)
**OPTIONAL. A POTENTIOMETER MAY BE USED IN PLACE OF THE REFERENCE FOR TEST PURPOSES.
MAX192
+5V
2MHz
OSCILLATOR
SCLK
SSTRB
DOUT*
Figure 5. Quick-Look Circuit


Similar Part No. - MAX192BCAP

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX192BCAP MAXIM-MAX192BCAP Datasheet
202Kb / 24P
   Low-Power, 8-Channel, Serial 10-Bit ADC
Rev. 1; 4/97
More results

Similar Description - MAX192BCAP

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX192BCPP MAXIM-MAX192BCPP Datasheet
202Kb / 24P
   Low-Power, 8-Channel, Serial 10-Bit ADC
Rev. 1; 4/97
MAX1245 MAXIM-MAX1245 Datasheet
152Kb / 20P
   2.375V, Low-Power, 8-Channel, Serial 12-Bit ADC
19-1066; Rev 0; 6/96
MAX1245 MAXIM-MAX1245_09 Datasheet
249Kb / 21P
   2.375V, Low-Power, 8-Channel, Serial 12-Bit ADC
Rev 1; 11/09
logo
SONiX Technology Compan...
SNAD02C SONIX-SNAD02C Datasheet
734Kb / 27P
   8-CHANNEL 10-BIT ADC?
logo
Texas Instruments
ADS5275 TI-ADS5275 Datasheet
303Kb / 20P
[Old version datasheet]   8-Channel, 10-Bit, 40MSPS ADC with Serial LVDS Interface
logo
Maxim Integrated Produc...
MAX1204 MAXIM-MAX1204 Datasheet
170Kb / 24P
   5v, 8-cHANNEL, sERIAL, 10-bIT adc WITH 3v dIGITAL iNTERFACE
19-1179; Rev 0; 1/97
MAX1204 MAXIM-MAX1204_12 Datasheet
236Kb / 23P
   5V, 8-Channel, Serial, 10-Bit ADC with 3V Digital Interface
Rev 1; 1/12
MAX148_V5 MAXIM-MAX148_V5 Datasheet
2Mb / 23P
   2.7V to 5.25V, Low-Power, 8-Channel, Serial 10-Bit ADCs
Rev 5; 1/12
MAX148 MAXIM-MAX148_V01 Datasheet
2Mb / 23P
   2.7V to 5.25V, Low-Power, 8-Channel, Serial 10-Bit ADCs
2012
MAX11129 MAXIM-MAX11129 Datasheet
2Mb / 36P
   3Msps, Low-Power, Serial 12-/10-Bit, 8-/16-Channel ADCs
Rev 1; 11/11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com