Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX194ACWE Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX194ACWE
Description  14-Bit, 85ksps ADC with 10A Shutdown
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX194ACWE Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX194ACWE Datasheet HTML 4Page - Maxim Integrated Products MAX194ACWE Datasheet HTML 5Page - Maxim Integrated Products MAX194ACWE Datasheet HTML 6Page - Maxim Integrated Products MAX194ACWE Datasheet HTML 7Page - Maxim Integrated Products MAX194ACWE Datasheet HTML 8Page - Maxim Integrated Products MAX194ACWE Datasheet HTML 9Page - Maxim Integrated Products MAX194ACWE Datasheet HTML 10Page - Maxim Integrated Products MAX194ACWE Datasheet HTML 11Page - Maxim Integrated Products MAX194ACWE Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
sion and EOC will go high on the following CLK falling
edge (Figure 4). CONV is ignored during conversions.
External Clock
The conversion clock (CLK) should have a duty cycle
between 25% and 75% at 1.7MHz (the maximum clock
frequency). For lower frequency clocks, ensure the
minimum high and low times exceed 150ns. The mini-
mum clock rate for accurate conversion is 125Hz for
temperatures up to +70°C or 1kHz at +125°C due to
leakage of the sampling capacitor array. In addition,
CLK should not remain high longer than 50ms at tem-
peratures up to +70°C or 500µs at +125°C. If CLK is
held high longer than this, RESET must be pulsed low
to initiate a recalibration because it is possible that
state information stored in internal dynamic memory
may be lost. The MAX194’s clock can be stopped
indefinitely if it is held low.
If the frequency, duty cycle, or other aspects of the
clock signal’s shape change, the offset created by cou-
pling between CLK and the analog inputs (AIN and
REF) changes. Recalibration corrects for this offset and
restores DC accuracy.
Output Data
The conversion result is clocked out MSB first, format-
ted as 14 data bits plus two sub-LSBs. Serial data is
available on DOUT only when CS is held low.
Otherwise, DOUT is in a high-impedance state. There
are two ways to read the data on DOUT. To read the
data bits as they are determined (at the CLK clock
rate), hold CS low during the conversion. To read
results between conversions, hold CS low and clock
SCLK at up to 5MHz.
If you read the serial data bits as they are determined
(at the conversion-clock rate), EOC frames the data bits
(Figure 6). Conversion begins with the first falling CLK
edge, after CONV goes low and the input signal has
been acquired. Data bits are shifted out of DOUT on
subsequent falling CLK edges. Clock data in on CLK’s
rising edge or, if the clock speed is greater than 1MHz,
on the following falling edge of CLK to meet the maxi-
mum CLK-to-DOUT timing specification. See the
Operating Modes and SPI™/QSPI™ Interfaces section
for additional information. Reading the serial data dur-
ing the conversion results in the maximum conversion
throughput, because a new conversion can begin
immediately after the input acquisition period following
the previous conversion.
14-Bit, 85ksps ADC with 10µA Shutdown
8
_______________________________________________________________________________________
TRACK/HOLD
CLK
CONVERSION
BEGINS
CONVERSION
ENDS
tAQ
*
* THE FALLING EDGE OF CONV MUST OCCUR IN THIS REGION
tCEL
tCW
tCEH
tCC2
tCC1
EOC
CONV
Figure 4. Initiating Conversions—Less than 3 CLK cycles since end of previous conversion.
SPI/QSPI are trademarks of Motorola Corp.


Similar Part No. - MAX194ACWE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1940 MAXIM-MAX1940 Datasheet
326Kb / 12P
   Triple USB Switch with Autoreset and Fault Blanking
Rev 0; 7/02
MAX1940 MAXIM-MAX1940 Datasheet
255Kb / 13P
   Triple USB Switch with Autoreset and Fault Blanking
Rev 1; 2/10
MAX1940EEE MAXIM-MAX1940EEE Datasheet
326Kb / 12P
   Triple USB Switch with Autoreset and Fault Blanking
Rev 0; 7/02
MAX1940EEE MAXIM-MAX1940EEE Datasheet
255Kb / 13P
   Triple USB Switch with Autoreset and Fault Blanking
Rev 1; 2/10
MAX1940 MAXIM-MAX1940_10 Datasheet
255Kb / 13P
   Triple USB Switch with Autoreset and Fault Blanking
Rev 1; 2/10
More results

Similar Description - MAX194ACWE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX195 MAXIM-MAX195 Datasheet
311Kb / 28P
   16-Bit, 85ksps ADC with 10uA Shutdown
Rev 1; 12/97
MAX11101 MAXIM-MAX11101 Datasheet
3Mb / 19P
   14-Bit, 5V, 200ksps ADC with 10μA Shutdown
Rev 1; 1/12
logo
Linear Technology
LTC1408 LINER-LTC1408 Datasheet
496Kb / 20P
   Channel, 14-Bit, 600ksps Simultaneous Sampling ADC with Shutdown
LTC2351-14 LINER-LTC2351-14 Datasheet
289Kb / 20P
   Channel, 14-Bit, 1.5Msps Simultaneous Sampling ADC with Shutdown
logo
Maxim Integrated Produc...
MAX1062 MAXIM-MAX1062_09 Datasheet
266Kb / 18P
   14-Bit, 5V, 200ksps ADC with 10關A Shutdown
Rev 1; 5/09
MAX1062 MAXIM-MAX1062 Datasheet
377Kb / 17P
   14-Bit, %V, 200ksps ADC with 10關A Shutdown
19-2203; Rev 0; 10/01
logo
Linear Technology
LTC1408 LINER-LTC1408_15 Datasheet
506Kb / 20P
   6 Channel, 14-Bit, 600ksps Simultaneous Sampling ADC with Shutdown
LTC2351-14 LINER-LTC2351-14_15 Datasheet
244Kb / 20P
   6-Channel, 14-Bit, 1.5Msps Simultaneous Sampling ADC with Shutdown
LTC1854 LINER-LTC1854 Datasheet
304Kb / 24P
   8-Channel, 짹10V Input 12-/14-/16-Bit, 100ksps ADC Converters with Shutdown
LTC1856 LINER-LTC1856_15 Datasheet
639Kb / 24P
   8-Channel, 10V Input 12-/14-/16-Bit, 100ksps ADC Converters with Shutdown
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com